Part Number Hot Search : 
HA1156 UPA1790 LTC1407A UCA6407N A106S SY89297U 39PLA23 IRFR110A
Product Description
Full Text Search
 

To Download NTE2342 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2341(NPN) & NTE2342 (PNP) Silicon Complementary Transistors Darlington Driver
Description: The NTE2341 (NPN) and NTE2342 (PNP) are silicon complementary Darlington transistors in a TO92 type package designed for general purpose, low frequency applications and as relay drivers. Absolute Maximum Ratings: Collector-Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100V Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80V Emitter-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V DC Collector Current, IC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1A Total Power Dissipation, Ptot TA = +25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 800mW TA = +25C, Note 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1W Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150C Maximum Thermal Resistance, Junction-to-Ambient, RthJA . . . . . . . . . . . . . . . . . . . . . . . . . 156K/W Note 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 125K/W Note 1. Mounted on a PC Board, max lead length 4mm, mounting pad for collector lead min 10mm x 10mm. Electrical Characteristics: (TJ = +25C unless otherwise specified)
Parameter Collector-EmitterBreakdown Voltage Collector-BaseBreakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current DC Current Gain Symbol Test Conditions Min 80 100 5 - - - 1000 2000 Typ - - - - - - - - Max - - - 500 100 100 - - Unit V V V nA nA nA V(BR)CEO IC = 50mA, IB = 0 V(BR)CBO IC = 100A, IB = 0 V(BR)EBO IE = 100A, IC = 0 ICEO ICBO IEBO hFE VCE = 40V, IB = 0 VCB = 100V, IE = 0 VCE = 4V, IC = 0 IC = 150mA, VCE = 10V IC = 500mA, VCE = 10V
Electrical Characteristics (Cont'd): (TA = +25C unless otherwise specified)
Parameter Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Transition Frequency Symbol Test Conditions IC = 1A, IB = 1mA VBE(sat) fT IC = 1A, IB = 1mA, Note 3 IC = 500mA, VCE = 5V, f = 100MHz Min - - - - Typ - - - 200 Max 1.3 1.8 2.2 - Unit V V V MHz VCE(sat) IC = 500mA, IB = 0.5mA
NTE2341 (NPN) B
C
.135 (3.45) Min
.210 (5.33) Max
E
Seating Plane
NTE2342 (PNP) B
C
.500 (12.7) Min
.021 (.445) Dia Max
ECB
E
.100 (2.54) .050 (1.27) .165 (4.2) Max .105 (2.67) Max .105 (2.67) Max .205 (5.2) Max


▲Up To Search▲   

 
Price & Availability of NTE2342

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X