Part Number Hot Search : 
UF16C60 LA743 SRC1212 XXXBB A1870 UM3501 DC718B TIP2955
Product Description
Full Text Search
 

To Download NTE2337 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2337 Silicon NPN Transistor High Speed Switch
Features: D High Collector-Base Voltage (VCBO) D Wide Area of Safety Operation (ASO) D Good Linearity of DC Current Gain (hFE) Absolute Maximum Ratings: (TC = +25C unless otherwise specified) Collector-Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 900V Collector Emitter Voltage, VCES . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 900V Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500V Emitter Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8V Peak Collector Current, ICP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15A Collector Current, IC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7A Base Current, IB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4A Collector Power Dissipation, PC TC = +25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45W TA = +25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2W Operating Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Electrical Characteristics: (TC = +25C unless otherwise specified)
Parameter Collector Cutoff Current Emitter Cutoff Current Collector Emitter Voltage DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Transition Frequency Turn-On Time Storage Time Collector Current Fall Time Symbol ICBO IEBO VCEO hFE1 hFE2 VCE(sat) VBE(sat) fT ton tstg tf Test Conditions VCB = 900V, IE = 0 VEB = 5V, IC = 0 IC = 10mA, IB = 0 VCE = 5V, IC = 0.1A VCE = 5V, IC = 4A IC = 4A, IB = 0.8A IC = 4A, IB = 0.8A VCE = 10V, IC = 0.5A, f = 1MHz IC = 4A, IB1 = 0.8A, IB2 = -1.6A, VCC = 200V Min - - 500 15 8 - - - - - - - - - - - 20 - - - Typ - Max 100 100 - - - 1.0 1.5 - 1.0 3.0 0.3 V V MHz s s s Unit A A V
.402 (10.2) Max .224 (5.7) Max .122 (3.1) Dia .295 (7.5) .669 (17.0) Max .165 (4.2)
.173 (4.4) Max .114 (2.9) Max
B
C
E
.531 (13.5) Min
.100 (2.54)
.059 (1.5) Max
NOTE: Tab is isolated


▲Up To Search▲   

 
Price & Availability of NTE2337

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X