Part Number Hot Search : 
CPT2206 MR82510 STD253 18F26K SMBJ130 18F26K SMCJ85C 02243
Product Description
Full Text Search
 

To Download NTE2335 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2335
Silicon NPN Transistor Darlington w/Internal Zener Diode for Line Operated TV
Features: D Excellent Wide Safe Operating Area D Included Avalanche Diode D High DC Current Gain Absolute Maximum Ratings: (TC = +25C unless otherwise specified) Collector-Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60 15V Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60 15V Emitter-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V Collector Current, IC Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5A Peak . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20A Collector Dissipation, PC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80W Operating Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Electrical Characteristics: (TC = +25C unless otherwise specified)
Parameter Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter Cutoff Current DC Current Gain Collector-Emitter Saturation Voltage Symbol Test Conditions Min 45 45 - 2000 - - - 80 - - - - Typ 60 60 - Max 75 75 100 20000 1.5 2.5 1.8 - V V V W.sec Unit V V A V(BR)CBO IC = 10mA, IE = 0 V(BR)CBO IC = 100mA, IB = 0 IEBO hFE VCE(sat) VBE ET VEB = 6V, IC = 0 VCE = 5V, IC = 500mA IC = 500mA, IB = 1mA IC = 1A, IB = 1mA Base-Emitter Voltage Allowable Energy VCE = 5V, IC = 500mA
Schematic Diagram
C B
E
.190 (4.82)
.615 (15.62)
C
.787 (20.0) .591 (15.02) .126 (3.22) Dia
.787 (20.0)
B
C
E
.215 (5.47)


▲Up To Search▲   

 
Price & Availability of NTE2335

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X