Part Number Hot Search : 
25NM60 MMBD5819 471M5 R6545AJE 12DB5 0M832 ZXMN2A01 67PR10LF
Product Description
Full Text Search
 

To Download NTE2327 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2327 Silicon NPN Transistor High Voltage, High Speed Switch
Description: The NTE2327 is a silicon NPN transistor in a TO126 type package designed for use in converters, inverters, switching regulators, motor control systems and switching applications. Absolute Maximum Ratings: Collector-Emitter Voltage (VBE = 0, Peak value), VCESM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000V Collector-Emitter Voltage (Open base), VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 450V Emitter-Base Voltage (Open Collector), VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V Collector Current, IC Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5A Peak (tp = 2ms) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1A Base Current, IB Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.2A Peak . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.3A Reverse Base Current (Peak Value, Note 1), -IBM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.3A Total Power Dissipation (TMB +60C), Ptot . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20W Operating Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150C Thermal Resistance, Junction-to-Mounting Base, RthJMB . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5K/W Thermal Resistance, Junction-to-Ambient, RthJA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100K/W Note 1. Turn-Off current. Electrical Characteristics: (TJ = +25C unless otherwise specified)
Parameter Collector Cutoff Current (Note 2) Symbol ICES IEBO hFE VCE(sat) VBE(sat) fT ton ts tf Test Conditions VCEM = 1000V, VBE = 0 VCEM = 1000V, VBE = 0, TJ = +125C Emitter Cutoff Current DC Current Gain Collector-Emitter Saturation Voltage IC = 0, VEB = 5V IC -= 50mA, VCE = 5V IC = 0.1A, IB = 10mA IC = 0.2A, IB = 20mA Base-Emitter Saturation Voltage Collector-Emitter Sustaining Voltage Transition Frequency Turn-On Time Storage Time Fall Time IC = 0.2A, IB = 20mA IC = 50mA, VCE = 10V, f = 1MHz ICon = 0.2A, VCC = 250V, IBon = 20mA, -IBoff = 40mA VCEO(sus) IC = 100mA, IBoff = 0, L = 25mH Min - - - - - - - 450 - - - - Typ - - - 50 - - - - 20 0.25 2.0 0.4 Max 100 1 1 - 0.8 1.0 1.0 - - 0.50 3.5 1.3 V V V V MHz s s s Unit A mA mA
Note 2. Measured with a half sine-wave voltage.
.330 (8.38) Max
.175 (4.45) Max .450 (11.4) Max
.118 (3.0) Dia
.655 (16.6) Max
.030 (.762) Dia
E
C
B
.090 (2.28) .130 (3.3) Max


▲Up To Search▲   

 
Price & Availability of NTE2327

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X