Part Number Hot Search : 
Y7C63 SCB35M 2001B MHW1345N ZMD77W MC3336 RKZ18B2 MAX1668
Product Description
Full Text Search
 

To Download NTE2318 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2318 Silicon NPN Transistor High Voltage, High Speed Switch
Description: The NTE2318 is a high-voltage, high-speed, switching NPN transistor with an internal damper diode in a TO218 type package. This device is specifically designed for use in large screen color deflection circuits. Features: D Collector-Emitter Voltage: VCE = 1500V D Collector-Emitter Sustaining Voltage: VCEO(sus) = 700V D Switching Time with Inductive Loads: tf = 0.5s (Typ) @ IC = 4.5A D Internal Flyback Diode Absolute Maximum Ratings: Collector-Emitter Voltage, VCEO(sus) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 700V Collector-Emitter Voltage, VCES . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1500V Emitter-Base Voltage, VEB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V Collector Current, IC Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8A Peak (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15A Base Current, IB Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4A Peak (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6A Total Power Dissipation (TC = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 125W Derate Above 25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1W/C Operating Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150C Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1C/W Maximum Lead Temperature (During Soldering, 1/8" from case, 5sec), TL . . . . . . . . . . . . . . +275C Note 1. Pulse Test: Pulse Width = 5ms, Duty Cycle 10%. Electrical Characteristics: (TC = +25C, unless otherwise specified)
Parameter OFF Characteristics (Note 1) Collector-Emitter Sustaining Voltage VCEO(sus) IC = 100mA, IB = 0 Collector Cutoff Current ICES VCE = 1500V, VBE = 0 VCE = 1500V, VBE = 0, TC = +125C Emitter-Base Leakage Current IEBO VEB = 6V, IC = 0 700 - - - - - - - - 0.1 2.0 300 V mA mA mA Symbol Test Conditions Min Typ Max Unit
Electrical Characteristics (Cont'd): (TC = +25C, unless otherwise specified)
Parameter ON Characteristics (Note 1) DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Dynamic Characteristics Current-Gain Bandwidth Product Output Capacitance Switching Characteristics Storage Time Fall Time ts tf IC = 4.5A, IB = 1.8A, LB = 10H - - 8.0 0.5 - - s s fT Cob IC = 0.1A, VCE = 5V, f = 1MHz VCB = 10V, IE = 0, f = 0.1MHz - - 7 125 - - MHz pF hFE VCE(sat) VBE(sat) IC = 4.5A, VCE = 5V IC = 4.5A, IB = 2A IC = 4.5A, IB = 2A 2.25 - - - - - - 1 1.3 V V Symbol Test Conditions Min Typ Max Unit
Note 1. Pulse Test: Pulse Width = 5ms, Duty Cycle 10%.
.600 (15.24)
.060 (1.52) .173 (4.4)
C
.156 (3.96) Dia. B C E
.550 (13.97)
.430 (10.92)
.500 (12.7) Min .055 (1.4) .015 (0.39)
.216 (5.45)
NOTE: Dotted line indicates that case may have square corners


▲Up To Search▲   

 
Price & Availability of NTE2318

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X