Part Number Hot Search : 
30120 2800A GPDN5113 A5800742 16244 16244 0GA12 GPDN5113
Product Description
Full Text Search
 

To Download NTE2309 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2309 Silicon NPN Transistor High Voltage, High Current Switch
Features: D High Breakdown Voltage D Fast Switching Speed D Wide ASO Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Collector-Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 900V Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 800V Emitter-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V Collector Current, IC Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12A Peak (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25A Base Current, IB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4A Collector Dissipation (TA = +25C), PC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5W Collector Dissipation (TC = +25C), PC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100W Operating Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Note 1. Pules test: Pulse Width 300s, Duty Cycle 10%. Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter Collector Cutoff Current Emitter Cutoff Current DC Current Gain Symbol ICBO IEBO hFE fT VCE(sat) VBE(sat) Cob Test Conditions VCB = 400V, IE = 0 VEB = 5V, IC = 0 VCE = 5V, IC = 0.4A VCE = 5V, IC = 2A Current Gain-Bandwidth Product Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Output Capacitance VCE = 10V, IC = 0.4A IC = 3A, IB = 0.6A IC = 3A, IB = 0.6A VCB = 10V, f = 1MHz Min - - 10 8 - - - - Typ - - - - 15 - - 120 Max 10 10 - - - 2.0 1.5 - MHz V V pF Unit A A
Electrical Characteristics (Cont'd): (TA = +25C unless otherwise specified)
Parameter Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Emitter Sustaining Voltage Symbol Test Conditions Min 900 800 7 800 800 900 - - - Typ - - - - - - - - - Max - - - - - - 1.0 3.0 0.7 Unit V V V V V V s s s V(BR)CBO IC = 1mA, IE = 0 V(BR)CBO IC = 5mA, RBE = V(BR)EBO IE = 1mA, IC = 0 VCEO(sus) IC = 6A, IB = 2A, L = 200H VCEX(sus) IC = 2A, IB1 = 0.4A, L= 1mH, IB2 = -0.4A, Clamped IC = 1A, IB1 = 0.2A, L= 2mH, IB2 = -0.2A, Clamped Turn-On Time Storage Time Fall Time ton tstg tf VCC = 400V, IC = 4A, IB1 = 0.8A, IB2 = -1.6A, RL = 100
.190 (4.82)
.615 (15.62)
C
.787 (20.0) .591 (15.02) .126 (3.22) Dia
.787 (20.0)
B
C
E
.215 (5.47)


▲Up To Search▲   

 
Price & Availability of NTE2309

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X