Part Number Hot Search : 
ADS119 S5586LF TOP414 SG3842 UNR911XJ BT222 IRGB40 ACS8947T
Product Description
Full Text Search
 

To Download NTE2304 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2304 Silicon NPN Transistor High Current, High Speed Switch (Compl to NTE2314)
Description: The NTE2304 is a silicon NPN transistor in a TO3P type package. Typical applications include relay drivers, high-speed inverters, converters, and other general high-current switching applications. Features: D Low Collector-Emitter Saturation Voltage D Wide ASO and Resistant to Breakdowns Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Collector-Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60V Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50V Emitter-Base voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V Collector Current, IC Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15A Peak . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20A Allowable Collector Dissipation (TC = +25C ), PC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90W Operating Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Storage Ambient Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter Collector Cutoff Current Emitter Cutoff Current DC Current Gain Symbol ICBO IEBO hFE fT VCE(sat) Test Conditions VCB = 40V, IE = 0 VEB = 4V, IC = 0 VCE = 2V, IC = 1A VCE = 2V, IC = 8A Current Gain-Bandwidth Product Collector-Emitter Saturation Voltage Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Turn-On Time Storage Time Fall Time VCE = 5V, IC = 1A IC = 8A, IB = 0.4A Min - - 100 30 - - 60 50 6 - - - Typ - - - - 20 0.18 - - - 0.2 1.0 0.1 Max 0.1 0.1 200 - - 0.4 - - - - - - MHz V V V V s s s Unit mA mA
V(BR)CBO IC = 1mA, IE = 0 V(BR)CBO IC = 1mA, RBE = V(BR)EBO IE = 1mA, IC = 0 ton tstg tf 10IB1 = -10IB2 = IC = 2A, PW = 20s
.190 (4.82)
.615 (15.62)
C
.787 (20.0) .591 (15.02) .126 (3.22) Dia
.787 (20.0)
B
C
E
.215 (5.47)


▲Up To Search▲   

 
Price & Availability of NTE2304

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X