Part Number Hot Search : 
AQV252AX FM830 SAB80515 2N4400 D25F1000 50N06 MDD95 RD06HVF
Product Description
Full Text Search
 

To Download NTE2302 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2302
Silicon NPN Transistor Color TV Horizontal Deflection Output w/Damper Diode
Features: D High Breakdown Voltage and High Reliability D High Switching Speed D Capable of Being Mounted in a Variety of Methods Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Collector-Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1500V Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 800V Emitter-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V Collector Current, IC Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5A Peak . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16A Collector Dissipation (TC = +25C), PC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 120W Operating Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter Collector Cutoff Current Emitter Cutoff Current DC Current Gain Current Gain-Bandwidth Product Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Diode Forward Voltage Fall Time Symbol ICBO IEBO hFE fT VCE(sat) VBE(sat) Test Conditions VCB = 800V, IE = 0 VEB = 4V, IC = 0 VCE = 5V, IC = 1A VCE = 10V, IC = 1A IC = 4A, IB = 0.8A IC = 4A, IB = 0.8A Min - 40 8 - - - 1500 800 7 - - Typ - - - 3 - - - - - - - Max 10 130 - - 5.0 1.5 - - - 2 0.7 MHz V V V V V V s Unit A mA
V(BR)CBO IC = 5mA, IE = 0 V(BR)CBO IC = 100mA, RBE = V(BR)EBO IE = 200mA, IC = 0 VF tf IEC = 5A VCC = 200V, IC = 4A, IB1 = 0.8A, IB2 = -1.6A, RL = 50
.190 (4.82)
.615 (15.62)
C
.787 (20.0) .591 (15.02) .126 (3.22) Dia
.787 (20.0)
B
C
E
.215 (5.47)


▲Up To Search▲   

 
Price & Availability of NTE2302

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X