Part Number Hot Search : 
4PB642 200P60 HERS104G R1173X MC33179P A5800578 HERS104G 2SC5692
Product Description
Full Text Search
 

To Download NTE2080 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2080 Integrated Circuit 7-Stage Driver Array
Features: D Low Output Saturation Voltage D Protective Diodes Guard Against Negative Inputs D Spark Killer Diodes Accommodate L-Loads D Eqipped with a Strobe Terminal to Cut Off Outputs D With 7 Units, it is Ideal for 14-Digit Printers Applications: D Driving Battery-Operated Compact Printers D Driving Various Relays D Driving LED Lamps and Other Display Elements D Interfacing with MOS or Bipolar Logic IC Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Output Supply Voltage, VOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +11V Input Supply Voltage, VIN(1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -35V to +20V Strobe Supply Voltage, VIN(2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to +10V Maximum Power Supply Voltage, VCCmax . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +9V Output Inflow Current (Per Unit, at VIH), IOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mA Instantaneous Output Inflow Current (Per Unit, Note 1), Iop . . . . . . . . . . . . . . . . . . . . . . . . . . . 150mA Spark-Killer Diode Forward Current (Per Unit, Note 1), IF(s) . . . . . . . . . . . . . . . . . . . . . . . . . . . 150mA GND-Pin Outflow Current (Note 1), I9 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1050mA VCC Instantaneous Outflow Current (Note 1), Iccp . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1050mA Allowable Power Dissipation (TA = +55C), PDmax . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500mW Operating Ambient Temperature Range, Topg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -20 to +80C Storage Ambient Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to +125C Note 1. Pulse Width < 35ms at VIH, Duty Cycle = 10%. Allowable Operating Conditions: (TA = +25C unless otherwise specified) Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.5V to 9V Input H-Level Voltage (IOUT = 100mA), VIH . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8V to 20V Input L-Level Voltage (IOUT = 100A), VIL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -30V to +1V ST Input H-Level (VIN = 20V, IOUT = 100A), VSH . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2V to 8V ST Input L-Level (VIN = 20V, IOUT = 100A), VSL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to 0.3V Load Inductance ("L" With Spark-Killer Diodes Employed), LL . . . . . . . . . . . . . . . . . . . . . . . 100mH
Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter Output Voltage Symbol VOUT Test Conditions VIN = 8V, VCC = 6V, IOUT = 100mA IIN = 300A, VCC = 6V, IOUT = 100mA IIN = 300A, VCC = 8V, IOUT = 150mA Output Sustaining Voltage Output Leakage Current Input Current Input Leakage Current Spark-Killer Diode Leakage Current Spark-Killer Diode Forward Voltage Power Supply Current Strobe HI VO(sus) Ioff IIn ILeak Ileak(s) VF(s) IIDL VIN = Open, t < 10s, IOUT = 150mA VIN = 1V, VCC = 9V VIN = 20V, IOUT = 0 VIN = -30V VOUT = 0, VCC = 8V IF(s) = 150mA VIN = 20V, VCC = 9V Pin Connection Diagram Min - - - 11 - - -10 - - - Typ - - - - - - - - - - Max Unit 0.25 0.25 0.5 - 100 1.8 - 30 1.7 18 V V V V A mA A A V mA
Test 1 Input 1 2 Input 2 3 Input 3 4 Input 4 5 Input 5 6 Input 6 7 Input 7 8 GND 9
18 ST 17 Output 1 16 Output 2 15 Output 3 14 Output 4 13 Output 5 12 Output 6 11 Output 7 10 VCC
18
10
1
9
.952 (24.2) .143 (3.65)
.300 (7.62)
.100 (2.54) .800 (20.32)
.131 (3.35)


▲Up To Search▲   

 
Price & Availability of NTE2080

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X