Part Number Hot Search : 
PCD3360 NX5302SK E332M P31AN E2G0402S CXA1579M MAX150A GBJ610
Product Description
Full Text Search
 

To Download NTE19 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE18 (NPN) & NTE19 (PNP) Silicon Complementary Transistors High Voltage, High Current Capacity Driver
Applications: D Drivers for Amplifiers of up to PO = 60W Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Collector-Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80V Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80V Emitter-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V Collector Current, IC Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 700mA Pulse (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1A Collector Dissipation, PC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1W Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +135C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +135C Note 1. PW = 20ms, Duty Cycle = 1/2 Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter Collector-Emitter Breakdown Voltage Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current DC Current Gain Collector Saturation Voltage Transition Frequency NTE18 NTE19 Output Capacitance NTE18 NTE19 Cob VCB = 10V, IE = 0, f = 1MHz Symbol Test Conditions Min 80 80 5 - - 120 - - - - - Typ - - - - - - 200 120 100 10 14 Max - - - 0.5 0.5 270 400 - - - 20 mV MHz MHz pF pF Unit V V V A A V(BR)CEO IC = 2mA V(BR)CBO IC = 50A V(BR)EBO IE = 50A ICBO IEBO hFE VCE(sat) fT VCB = 50V VEB = 4V VCE = 3V, IC = 100mA IC = 500mA, IB = 50mA VCE = 10V, IC = 50mA
.102 (2.6)
.280 (7.11) .185 (4.7)
E
C
B
.100 (2.54) .051 (1.29)
.138 (3.5) .022 (0.55)


▲Up To Search▲   

 
Price & Availability of NTE19

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X