Part Number Hot Search : 
LM7808CT N4749 SMAJ5 MC7824 APL3205A GS1JE M53200 LM7808CT
Product Description
Full Text Search
 

To Download NTE1828 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE1828 Integrated Circuit Quad Transistor Array, 10k
Features: D 4 Circuits D Output Current: IC = 50mA D Breakdown Voltage: VCEO = 24V D Built-In Base Current Limiting Resistor Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Collector-Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50V Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24V Collector Substrate Voltage, VCIO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50V Collector Current, IC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA Input Voltage, V1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 50V Collector Power Dissipation (Per Transistor), PC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 250mW Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000mW Operating Ambient Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -30 to +75C Storage Temperatuere Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter Collector-Base Voltage Collector-Emitter Voltage Collector Leakage Current Collector-Emitter Saturation Voltage Input Voltage Input Current Symbol VCBO VCEO ICEO Test Conditions IC = 10A, IE = 0 IC = 1mA, IB = 0 VCE = 10V, RBE = IC = 25mA, II = 2.6mA VI II VCE = 300mV, IC = 5mA VCE = 500mV, IC = 25mA IC = 5mA, V1 = 5V IC = 25mA, V1 = 15V Min 50 24 - - - - - - - Typ - - - 0.1 0.3 2.2 5.6 0.45 1.6 Max - - 1 0.2 0.4 3.3 10 0.60 2.0 Unit V V A V V V V mA mA
VCE(sat) IC = 5mA, II = 0.6mA
Pin Connection Diagram (Front View)
9 Collector 4 8 Base 4 7 Collector 3 6 Base 3 5 Common Emitter 4 Collector 2 3 Base 2 2 Collector 1 1 Base 1
.929 (23.6)
.118 (3.0)
.236 (6.0) 1 9 .098 (2.5)
.100 (2.54)
.118(3.0)


▲Up To Search▲   

 
Price & Availability of NTE1828

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X