Part Number Hot Search : 
02J03 HCN5551 74HC4538 KA35S280 M32F10 MR2535L SB160 FQU4N20L
Product Description
Full Text Search
 

To Download NTE1764 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE1764 Integrated Circuit Infrared Preamplifier
Description: The NTE1764 is an infrared preamplifier in a 14-Lead DIP type package and contains four main parts: the gain-controlled amplifier I, the amplifier II, the pulse-separating amplifier III, and the inverter IV. The amplifier I has a wide dynamic range and thus ensures interference free operation, also at bright ambient light, 50Hz modulated light originating from fluorescent lamps, or at intensive infrared light, e.g. produced by infrared sound transmission. It is also possible, to approach almost directly the remote-control transmitter to the receiver without producing misfunction by overdriving the receiver. The amplifier II further amplifies the signal, and amplifier III separates the pulse-shaped intelligence signal from noise and other unwanted parts. The inverter IV provided additionally inverts the output signal available at Pin7 as negative pulse, and thus delivers positive output pulses at Pin8. If an additional resistor is inserted between Pin6 and GND, the noise-immunity is increased, but the input sensitivity decreased. Pin10 serves as test pin and must not be connected. The capacitor connected from Pin2 to GND influences the automatic gain control of amplifier I contained in the NTE1764. A capacitance of less than 1F will cause misfunction in the distance range of 0.2, to 2m. Absolute Maximum Ratings: (Note 1) Supply Voltage, V3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V Ambient Operating Temperature Range, TA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -20 to +65C Storage Temperature Range, TS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -30 to +125C Recommended Operating Conditions: (Note 1) Parameter Supply Voltage Electrical Characteristics: (V3 = 5V, TA = +25C, Note 1)
Parameter Symbol Min Typ Max Unit
Symbol Min Typ Max Unit V3 4.5 5.0 5.5 V
Current Consumption Gain Between Pin14 & Pin7 Output Resistance Pin7 & Pin8, formed by the Pull-Up of an NPN Transistor Output Low Voltage Pin7 & Pin8 at IOL = 1.6mA IR Transmission Range using the SAA1250 IR Transmitter IC and a Transmission Current Amplitude of 1.5A, and One Transmitter Diode (NTE3017) Two Transmitter Diodes (NTE3017) Three Transmitter Diodes (NTE3017) Note 1. All voltages are referred to GND (Pin1, Pin9, and Pin13).
I2 G RO VOL
- 70 - -
1 - 20 0.4
2 - - 0.8
mA dB k V
L1 L2 L3
- - -
12 19 20
- - -
m m m
Pin Connection Diagram
Input's GND, 0 Capacitor Pin Amplifier I Supply Voltage VB Input Amplifier III Output Amplifier II Separation Threshold Adjust Negative Pulse Output
1 2 3 4 5 6 7
14 Input Amplifier I 13 GND, 0, of Amplifier II 12 Ouptut Amplifier I 11 Input Amplifier II 10 Test Pin/N.C. 9 8 Output's GND, 0 Positive Pulse Output
14
8
1
7
.785 (19.95) Max
.300 (7.62)
.200 (5.08) Max
.100 (2.45)
.099 (2.5) Min
.600 (15.24)


▲Up To Search▲   

 
Price & Availability of NTE1764

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X