Part Number Hot Search : 
M274FAN IRF370 10700 010R218H 1007C 30201103 MJ10011 1N5240
Product Description
Full Text Search
 

To Download NTE1759 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE1759 Integrated Circuit PMOS, 26 Command TV Remote Control Reciever
Description: The NTE1759 is a PMOS integrated circuit in a 16-Lead DIP type package designed for use in decoding the signal received from a transmitter in TV remote control applications. Direct channel selection can be obtained by combining the NTE1759 receiver with the NTE1758 transmitter control IC. When using the NTE1520 as the channel selection IC, a complete remote control system can be obtained. Features: D Capable of Receiving 26 Commands: Channel 1-20 Channel UP/DOWN Volume UP/DOWN Mute ON/OFF Power ON/OFF D Capable of Controlling 5 Commands Directly: Channel UP/DOWN Volume UP/DOWN Power ON/OFF D By Combining with the NTE1520, Direct Addressing is Easily Realized D Capable of Controlling the Volume for 31 Steps Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Supply Voltage, VDD -VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -15 to +0.3V Input Voltage, VIN -VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -VDD to +0.3V Output Current IOH CHU, CHD, INI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -5.0mA VOL, POW . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -10.0mA Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 360mW Operating Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -20 to +75C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to +125C Electrical Characteristics: (TA = -20 to +75C, VDD = -9.6 to +14.4V unless otherwise specified)
Parameter Supply Voltage Supply Current Input High Voltage Input Low Voltage Input Pulldown Current Symbol VDD IDD VIH(1 5, 13) VIL(1 5, 13) IIL(1 5, 13) TA = +25C, VIN = VSS, VDD = -12V TA = +25C, OSCI = VSS, VDD = -12V Test Conditions Min -9.6 -4.0 0 -5.0 5.0 Typ -12.0 -10.0 - - - Max -14.4 -20.0 -1.5 VDD 50 Unit V mA V V A
Electrical Characteristics (Cont'd):
Parameter Output High Voltage Output High Voltage Output High Voltage Output High Voltage Output High Voltage Output Low Current Symbol VOH(CHU) VOH(CHD) VOH(INI) VOH(VOL) VOH(POW) IOL(1 5, 13)
(TA = -20 to +75C, VDD = -9.6 to +14.4V unless otherwise specified)
Test Conditions Min - - - - - 0 Typ - - - - - - Max -2.5 -2.5 -2.5 -2.5 -2.5 100 Unit V V V V V A
IOH = -1.0mA IOH = -1.0mA IOH = -1.0mA IOH = -5.0mA IOH = -5.0mA TA = +25C, VOL = -11.5V, VDD = -12V Pin Connection Diagram POW Input 1 CHU Input 2 CHD Input 3
16 INI Output (Optional for Free Use) 15 CHD Output 14 CHU Output 13 Remote Signal Input 12 VSS (-12V) 11 OSC Output 10 OSC Input 9 Test 9
VOL Up Input 4 VOL Down Input 5 POW Output 6 VOL Output 7 VDD (GND) 8 D) 16
.260 (6.6) Max
1
8
.785 (19.9) Max
.300 (7.62)
.200 5.08) Max .245 (6.22) Min
.100 (2.54)
.700 (17.7)


▲Up To Search▲   

 
Price & Availability of NTE1759

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X