Part Number Hot Search : 
MIC3230 1T365 DV20220 FR840F MM3ZXXVB D2024 LC2272 90814
Product Description
Full Text Search
 

To Download NTE1757 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE1757 Integrated Circuit Remote Control Receiver
Description: The NTE1757 is an MOS/LSI integrated circuit in an 18-Lead DIP tpye package designed for use as a receiver of remote control signals generated by a transmitter circuit, using PPM (Pulse Position Modulation) encoding technique. The receiver has 5 digital outputs whose response to PPM codes may be programmed by six control lines. It has a handshake interface which provides communication with microprocessors and computers. Features; D 5 Open Drain Outputs with Enable D Handshake or Interrupt Microprocessor and Computer Interface Signals D On-Chip Oscillator D 6 Control Lines to Program Output Response D 3 Selectable Output Modes Absolute Maximum Ratings: VDD Supply and All Inputs wrt, VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 to -25V Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55C to +125C Operating Ambient Temperature Range, TA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -10C to +65C Electrical Characteristics: VSS = 0V, VDD = -16V, Tamb = +25C
Parameter Supply Voltage Supply Current Input Logic Level High ("1") Input Logic Level Low ("0") Output Logic Level High ("1") Output Logic Level Low ("0") Oscillator Frequency PPM Input Logic Level High ("1") PPM Input Logic Level Low ("0") PPM Input Pulse Width Power Clear Time Constant Pin 9 9 3-8, 17 3-8, 17 10, 12-16 50k to VDD 10, 12-16 50k to VDD 1 2 2 2 11 T = 1/fOSC Typical TC: C = 22nF, R = 100k Test Conditions Min 12 - -1 VDD -1 VDD 15 -1 VDD 1 1 3k - - - 400 - Typ - 6 - Max 18 - 0 VDD +3.5 0 VDD +0.5 150k 0 -6 22TOSC - Unit V mA V V V V Hz V V s ms
Note 1. Rosc (Pin 1) is 56k, fosc ' 1 / 0.15CR
Pin Functions: Positive Logic: Logic "1" = VSS, 0V Logic "0" = VDD, 16V 1. Oscillator TC An RC time constant at this pin defines the internal clock frequency. The clock frequency may be varied from 15Hz to 150kHz. 2. PPM Input The output of the front end amplifier is connected to this pin; the signal must consist of a normal logic "0" level with pulses to logic "1". 3-8. Control Word C0 to C5 Six control bits form the control word which programs the response of the five outputs. (See Table 1). 9. VDD -12V to -18V Power Supply. 10. Data Ready Open drain output. An output of logic "1" indicates the reception of a valid PPM word. It will remain at logic "1" for the duration of transmission. 11. Power Clear A capacitor and resistor connected to this pin define the time delay for the power clear circuit. 12-16. Outputs E-A Open drain outputs which respond to the PPM input as defined in Table 1. 17. Output Enable A logic "1" will enable outputs A to E. A logic "0" will turn all outputs off. 18. VSS 0V (Ground). Operating Notes: The receiver operates on a time scale fixed by an internal oscillator and its external timing components. The oscillator may be adjusted to any value between 15Hz and 150kHz (allowing different receivers to respond to different transmission rates within the same area). A counter is reset whenever a pulse is received and allowed to count at half the oscillator frequency. For example, at an oscillator frequency of 1.5kHz, resetting is blocked for the first 14ms and windows from 22ms to 40ms determine whether a "1" or "0" is present. Periods between pulses of 40ms to 80ms are recognized as word intervals. Checks are made to ensure 6 pulses of 5 bits, are received for a word to be valid, and only after two consecutive and identical words is the receiver allowed to respond to the incoming code. By means of the six control lines, the outputs can respond to the PPM input data in three ways: 1. 5 bit binary output with combinations of latched or momentary output as shown in Table 1. 2. 4 independent outputs with combinations of latched or momentary output as shown in Table 1. Any output on 1 or 4 receivers can be addressed by each PPM word. 3. The PPM word can be an address or data depending on the logic state of bit "e". If PPM bit "e" is "0", the remaining four bits ("a", "b", "c", and "d") control the outputs A to D. Outputs can be all latched or all momentary. Table 1:
C5 0 0 0 0 0 0 0 0 0 0 C4 0 0 0 0 0 1 0 1 1 1 Control Word C3 C2 C1 0 0 0 0 1 1 1 0 0 1 0 0 0 1 1 1 0 0 1 0 0 0 1 1 1 1 Z Z Z Z C0 0 1 1 1 1 1 Z Z Z Z Control Mode 1 1 1 1 1 1 2 2 2 2 E LA LA LA LA LA M - - - - Output Response D C B LA LA LA LA M M S/R S/R S/R S/R LA LA LA M M M S/R S/R S/R M LA LA M M M M S/R S/R M M A LA M M M M M S/R M M M 0 Y Y Z Z 1 Y Y Z Z PPM decoded on all outputs immediately e E d D c C Interpretation pf PPM Words b a e d c B A b a
Output address
Receiver address
Output address
Receiver address
Resets an S/R type output 1 1 0 1 Z Z Z Z Z Z Z Z 3 3 - - LA M LA M LA M LA M 0 Z Z Z Z 1 D
Sets an S/R type output or pulses a momentary output C B A
Address mode
Receiver address
Data mode
PPM data sent to outputs of addressed receiver
Notes: 1. Control Mode 1: Direct Response to the PPM Code 2. Control Mode 2: ZZ is a 2 bit address for the receiver YY selects one of 4 outputs
YY 00 01 10 11 OUTPUT A B c D
3. Control Mode 3: ZZZZ is a 4 bit address that selects, by which of 16PPM codes a receiver will be selected. If PPM bit e = "1", the rest of that PPM word will be read as data. If PPM bit e = "0", the rest of that PPM word will be read as an address. Pin Connection Diagram
OSC Time Constant PPM Input C0 C1 C2 Control Inputs C3 C4 C5 6 7 8 13 D 12 E 11 Power ON Clear 10 Data Ready 1 2 3 4 5 18 VCC 17 Output Enable 16 A 15 B 14 C Binary Outputs
VDD 9
18
10
1
9
.870 (22.1) Max .150 (3.8)
.250 (6.35)
.100 (2.54) .800 (20.3)
.125 (3.17) Min


▲Up To Search▲   

 
Price & Availability of NTE1757

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X