Part Number Hot Search : 
CLM4040 TL072AC 50243 28F016S3 EPM7192 24128 RF3378 11000
Product Description
Full Text Search
 

To Download NTE1609 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE1609 Integrated Circuit Instrumentation Timer
Description: The NTE1609 is a monolithic integrated circuit in a 7-Lead SIP type package consisting of a timer developed for use in measurement instrumentation, control equipment and digital data procesing equipment. This device is designed to require few externally connected components. Features: D Wide Timing Range from Microseconds to Several Hours D A Load Current of 200mA is Achievable D Capable of Directly Driving DTL and TTL Circuits D Good Temperatue Stability (Typically 50ppm/C) D Good Supply Voltage Stability (Typically 0.1%/V) Applications: D Delay Timers D Monostable Multivibrators D Astable Multivibrators D Pulse Generators D Dividers D Sequence Timers Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18V Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500mW Derate Above 25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.0mW/C Operating Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -10 to +75C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +125C Electrical Charactristics: (TA = +25, VCC = +5V, +15V unless otherwise specified)
Parameter Supply Voltage Supply Current Symbol VCC ICC1 ICC2 VCC = 5V, RL = VCC = 15V, RL = Test Conditions Min 4.5 - - Typ - 3 10 Max 16.0 7 15 Unit V mA mA
Electrical Charactristics (Cont'd): (TA = +25, VCC = +5V, +15V unless otherwise specified)
Parameter Monostable Timing Accuracy Monostable Timing Temperature Coefficient Monostable Timing Supply Regulation Astable Timing Accuracy Astable Timing Temperature Coefficient Astable Timing Supply Regulation Threshold Voltage Threshold Current Trigger Voltage Trigger Current Reset Voltage Reset Current Control Voltage Symbol Test Conditions Min - - - - - - - - - - - - 2.60 9 VCC = 5V, Isink = 5mA VCC = 15V, Isink = 10mA VCC = 15V, Isink = 50mA VCC = 15V, Isink = 100mA VCC = 15V, Isink = 200mA VCC = 5V, Isource = 100mA VCC = 15V, Isource = 100mA VCC = 15V, Isource = 200mA - - - - - 2.75 12.7 5 - - - Typ 1 50 0.1 2.5 150 0.3 2/3 0.1 1/3 0.5 0.7 0.1 3.33 10 0.25 0.10 0.40 2.0 2.5 3.30 13.3 0 12.5 0 100 100 Max - - - - - - - 0.25 - - 1.0 - 4.00 11 0.35 0.25 0.75 2.5 - - - - - - Unit % ppm/C %/V % ppm/C %/V x VCC A x VCC A V mA V V V V V V V V V V ns ns TERR (M) RA = 1k to 100k, C = 0.1F TDT (M) TDS (M) TDT (A) TDS (A) VTH ITH VT IT VR IR VCR1 VCR2 Low-Level Output Voltage VOL1 VOL2 VOL3 VOL4 VOL5 High-Level Output Voltage VOH1 VOH2 VOH3 Output Rise Time Output Fall Time tr tf RA = 1k to 10k, C = 0.1F RA = 1k to 10k, C = 0.1F RA = RB = 1 k to 10k, C = 0.1F RA = RB = 1 k to 100k, C = 0.1F
TERR (A) RA = RB = 1 k to 100k, C = 0.1F
Pin Connection Diagram (Front View)
7 Reset 6 Output 5 Trigger 4 GND 3 VCC 2 Discharge 1 Threshold
.670 (17.0)
.110 (12.8)
1
7
.243 (6.1)
.138 (3.5) .100 (2.54) .599 (15.2) .012 (0.3)


▲Up To Search▲   

 
Price & Availability of NTE1609

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X