Part Number Hot Search : 
P1000B 4VHC1G 2NK90Z B1300 1N5386 D13AN KBPC2514 KBPC2514
Product Description
Full Text Search
 

To Download NTE158 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE158 Germanium PNP Transistor Audio Power Amplifier
Description: The NTE158 is a germanium PNP triode transistor in a TO1 type package designed for low-power, large signal audio applications. Absolute Maximum Ratings: (TA = +25C) Collector-Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32V Collector-Emitter Voltage (RBE 500), VCER . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32V Emitter-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10V Collector Current, IC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1A Base Current, IB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40mA Power Dissipation (TA = +25C), PC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 550mW Derate Above 25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.3mW/C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +90C Lead Temperature (During Soldering, 1/16" 1/32" from case for 5sec), TL . . . . . . . . . . . . . . +245C Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current DC Current Gain Base-Emitter Voltage Forward Current Transfer Cutoff Frequency Output Capacitance Symbol Test Conditions Min 32 10 - - 60 280 10 VCB = -5V, IE = 0 @ 0.45mc 80 Typ - - - - 90 - - - Max - - 10 500 175 380 20 105 mV kc pF Unit V V A A V(BR)CBO IC = 200A, IE = 0 V(BR)EBO IE = 200A, IC = 0 ICBO IEBO hFE VBE fhfe Cob VCB = -10V, IE = 0 VEB = -5V, TJ = +75C VCB = 1V, IC = 300mA VCE = 1V, IC = 300mA
.240 (6.09) Dia Max
.410 (10.4) Max
1.500 (38.1) Min
.018 (0.45) .071 (1.82) Dia Base
Emitter
Collector


▲Up To Search▲   

 
Price & Availability of NTE158

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X