Part Number Hot Search : 
SN67085 30106QD FGL40N12 TLMW3102 25AA160B 74447 12Q221 MH16S
Product Description
Full Text Search
 

To Download NTE1581 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE1581 Integrated Circuit
CMOS, Frequency Divider/Counter for VCR
Description: The NTE1581 is a frequency divider manufactured by aluminum CMOS technology. It produces a frequency of 1/59719 or 1/88672 of the input frequency (3.58MHz to 60Hz or 4.43MHz to 50Hz). Features: D Makes Possible a Crystal Oscillator Circuit D Capable of Handling Small-Amplitude Input Signals as low as 0.3Vpp D Frequency-Dividing Ratio Selected Through Terminal N D Reset Function D Produces a Shaped-Waveform Output of the same Frequency as the Input Signal or Oscillation Output D Derives a Vertial Scanning Frequency from TV Color Subcarrier Applications: D Frequency Divider for VTR Absolute Maximum Ratings: Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 9V Input Voltage, VI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSS VI VDD Power Dissipation (TA = +25C), PT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 250W Operating Free-Air Temperature Range, Topt . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -30 to +70C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to +125C Recommended Operating Conditions: (TA = -30 to +70C, unless otherwise specified)
Parameter Supply Voltage Supply Voltage High-Level Input Voltage Low-Level Input Voltage Oscillation Input Amplitude Voltage Input requency with the terminal N in High-Level Input requency with the terminal N in Low-Level Symbol VDD VSS VIH VIL VI f f Min 4.75 - VDD to 0.5 - 0.3 - - - - 3.58 4.43 0.5 - 5.5 5.5 Typ - 0 Max 8.5 - Unit V V V V VPP MHz MHz
Electrical Characteristics: (TA = +25C, VDD = 6.5V, VSS = 0V, fIN = 4.5MHz unless otherwise specified)
Parameter Operational Supply Voltage Supply Current High-Level Input Voltage Low-Level Input Voltage High-Level Output Voltage Low-Level Output Voltage High-Level Output Current Low-Level Output Current Pull-Up Resistance N. RESET Inputs Oscillation Input Amplitude Voltage Max. Operating Frequency Symbol VDD IDD VIH VIL VOH VOL IOH IOL RI VI fMAX
Pin Connection Diagram
Test Conditions TA = -30 to +70C N. RESET Input/Output Open
Min 4.75 - VDD to 0.5 - VDD to 0.5 -
Typ Max Unit - - - - - - - - 20 20 - - 8.5 5 - 0.5 - 0.5 - - - - - - V mA V V V V mA mA k k VPP MHz
VD = VSS VO = VDD
-2 2 - -
VDD = 4.75V
0.3 5.5
Divided Freq Output VSS Freq Dividing Ratio Select Input Reset Input RESET
1 2 3 4
8 7 6 5
VDD Tuner Shaped Waveform Output OSC Output OSC Input
8
5
.256 (6.52) Max
1
4
.393 (10.0) Max .150 (3.81)
.300 (7.62)
.100 (2.54) .300 (7.62)
.070 (1.77) Min


▲Up To Search▲   

 
Price & Availability of NTE1581

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X