Part Number Hot Search : 
R6835 80C51 1N5398 C251A AX226 83C51 AT28C256 RM155
Product Description
Full Text Search
 

To Download NTE156A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE156A Silicon General Purpose Rectifier
Features: D Low Cost D High Current Capability D Low Leakage D Low Forward Voltage D High Surge Capability Maximum Ratings and Electrical Characteristics: (Note 1) Peak Reverse Voltage, VRRM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000V Maximum RMS Voltage, VR(RMS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 700V Maximum DC Blocking Voltage, VR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000V Maximum Average Forward Rectified Current, IO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3A Peak Forward Surge Current (8.3ms superimposed), IFSM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200A Maximum Forward Voltage (IO = 3A), VF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.2V Maximum DC Reverse Current (VR = 1000V), IR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5A Typical Junction Capacititance (VR = 4V), CI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70pF Operating Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +175C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +175C Note 1. Ratings at +25C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz resitive or inductive load. For capacitivie load, derate current by 20%.
1.125 (28.57) Min
.375 (9.52) Max
.036 (0.91) Dia Max
.110 (2.79) Max
.210 (5.33) Dia Max


▲Up To Search▲   

 
Price & Availability of NTE156A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X