Part Number Hot Search : 
Z5225 D1704 NTE15044 2N6071B HD74L 4VHCT0 MAX5913 F06T4
Product Description
Full Text Search
 

To Download NTE1563 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE1563 Integrared Circuit AM Tuner, AM/FM IF Amp
Description: The NTE1563 is a silicon monolithic integrated circuit in a 16-Lead DIP type package designed for AM/FM radios and cassette tape recorders with an AM/FM radio. The NTE1563 contains an AM tuner and FM-IF amplifiers. Features: D Wide Operating Voltage: VCC = 2.5V to 6.0V D Excellent Low Voltage Characteristics D High Gain FM-IF Amplifiers D The AM Stage is Composed of a Mixer, a Local Oscillator, an IF Amplifier and an AGC Circuit D The AM Stage has an Excellent AGC Characteristic and Low Distortion. Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9V Package Dissipation (TA = +75C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 350mW Operating Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -20 to +75C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to +125C Recommended Operating Conditions: (TA = +25C unless otherwise specified)
Parameter Supply Voltage Symbol VCC Test Conditions Min 2.5 Typ 4.0 Max 6.0 Unit V
Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter Circuit Current Voltage Gain (MIX) Voltage Gain (IF) Circuit Current Voltage Gain (IF1) Voltage Gain (IF2) Symbol Test Conditions Min 4.5 7.5 44 5 38 27 Typ 8.0 11.5 50 9 42 33 Max 11.5 15.5 56 13 46 39 Unit mA dB dB mA dB dB ICC(AM) No Signal (AM) AV(MIX) f = 1MHz, RG = 50, RL = 1k (AM) AV(IF) AV(IF1) AV(IF2) f = 455kHz, RG = 50, RL = 330 (AM) f = 10.7MHz, RG = 50, RL = 1k (FM) f = 10.7MHz, RG = 50, RL = 330 (FM) ICC(FM) No Signal (FM)
Pin Connection Diagram
AM Local OSC 1 FM IF Input (1) 2 GND (1) 3 FM IF Output (1) 4 FM IF Input (2) 5 + B1 6 FM IF Output (2) 7 FM Bypass 8
16 AM Con Input 15 AM Con Output 14 AM IF Input 13 AM AGC Input 12 + B2 11 AM IF Output 10 AM Bypass 9 GND (2)
16
9
.260 (6.6) Max
1
8
.785 (19.9) Max
.300 (7.62)
.200 (5.08) Max .245 (6.22) Min
.100 (2.54) .700 (17.7)


▲Up To Search▲   

 
Price & Availability of NTE1563

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X