Part Number Hot Search : 
CF50603 B360B 2SD12 MHW1915 HEF4086B 5NF06 M27V512 FST20150
Product Description
Full Text Search
 

To Download NTE1557 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE1557 Integrated Circuit FM/AM IF System
Description: The NTE1557 is a monolithic integrated circuit in a 16-Lead DIP type package developed for the radio cassette tape recorder included AM/FM IF amplifier and detector. Functions: D AM Section: IF Amplifier with AGC Detector D Voltage Regulator for RF External Circuit D FM Section: IF Amplifier Quadrature Detector Post Amplifier Signal Meter Driver Circuit Features: D Suitable for Radio Cassette and Home Stereo D Wide Operating Supply Voltage Range (3.0V to 14V) D Low Quiescent Circuit Current D AM Section D Simplified Input Circuit IFT (Ceramic Filter Type) RF AGC Available D FM Section: High Limiting Sensitivity (33dB, Typ) Low Residual Noise (45dB at Vi = -10dB) Small Side Peak of Detuned Output Voltage Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16V Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 600mW Operating Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -20 to +70C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to +125C
Electrical Characteristics: (TA = +25C, VCC = 5.5V, unless otherwise specified)
Parameter Quiescent Circuit Current Input Limiting Sensitivity Detector Output Voltage Total Harmonic Distortion AM Rejection Ratio Signal to Noise Ratio Signal Meter Output Residual Noise Muting Attenuation Quiescent Circuit Current Maximum Sensitivity Detector Output Voltage Total Harmonic Distortion Signal to Noise Ratio Signal Meter Output Input Impedance (Pin 16) Symbol ICC Vi(lim) VO THD AMR S/N VM VN M(att) ICC Vo THD S/N VM Ri Vi = 0 VO (Vi = 100dB) -3dB VI = 100dB Vi = 100dB Vi = 100dB Vi = 100dB Vi = 100dB VO (AF) (Vi = 100dB) VI = 37dB, Mute SW on Vi = 0 Vi = 74dB Vi = 74dB Vi = 100dB Vi = 74dB VI = 100dB Pin 16 0.8-0.9VDC Test Conditions Min 7 - 180 - 50 72 1.05 - - - - 45 - - 45 1.2 Typ 11 33 245 0.3 60 83 1.5 45 35 8 29 65 0.3 0.7 55 1.4 Max 16.5 38 310 1.0 - - 2.05 - - - - 85 2.0 3.5 - 1.6 2.8 Unit mA dB mV % dB dB V dB dB mA dB mV % % dB V k FM Section (f = 10.7MHz, fm = 1kHz, f = 75kHz)
AM Section (f = 455kHz, fm = 1kHz, 30% Mod) Vi(sen) VO (AF) = 10mV
1.45 2.12
Pin Connection Diagram
1st IF Amp Input (FM) 1 1st IF Decouple (FM) 2 VCC (FM) 3 1st IF Amp Output (FM) 4 GND 5 2nd IF Amp Input (FM) 6 Voltage Regulator 7 Phase Shifter (FM) 8
16 1st IF Amp Input (AM) 15 AGC Decouple 14 2nd IF Amp Input (AM) 13 GND 12 Detector Output 11 VCC 10 Center Meter 9 FM Output
16
9
1
8
.870 (22.0) Max .200 (5.08) Max
.260 (6.6) Max
.100 (2.54) .700 (17.78)
.099 (2.5) Min


▲Up To Search▲   

 
Price & Availability of NTE1557

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X