Part Number Hot Search : 
2200B F4116 GBPC4006 CSNB361 LN513 B1020A 0ACPZ M66011FP
Product Description
Full Text Search
 

To Download NTE1516 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE1516 Integrated Circuit
Audio Power Amp, 1.8 Watt
Description: The NTE1516 is a silicon monolithic integrated circuit in an 8-Lead DIP plastic package with a tab designed for audio power amplifiers used in portable radio receivers or portable cassette tape recorders using a 9V power supply. Features: D High Output Power: PO = 2.4W (Typ) at VCC = 9V, RL = 4, T.H.D. = 10% D Wide Operating Voltage Range: VCC = 4.5 to 9 to 11V D High Ripple Rejection Ratio: R.R.R. = 55dB (Typ) D Soft Cripping Waveform. D Contains a Muting Circuit so that No Shock Noise is Heard at Power Supply Switch ON/OFF D Contains a Terminal (Pin2) to Reject Interference Noise in a Strong Electric Field. Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Supply Voltage (No Signal), VCC1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16V Supply Voltage (Operating), VCC2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11V Allowable Power Dissipation (Note 1), Pd . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.4W Operating Temperature Range, Topt . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -20 to 70C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to 150C Note 1. 50 x 50 x 0.035mm copper heat sink on P.C.B. Recommended Operating Conditions: (TA = +25C unless otherwise specified)
Parameter Supply Voltage Load Impedance Symbol VCC RL Test Conditions Min 4.5 - Typ 9.0 4 Max 11.0 - Unit V
Electrical Characteristics: (TA = +25C, VCC = 9V, RL = 4, f = 1kHZ, Note 1 unless otherwise specified)
Parameter Symbol ICC AVO AV Test Conditions Min 8 55 41 - Typ 15 65 45 34 3.6 2.2 2.4 1.3 1.0 0.54 19.5 47.3 2.5 8.9 0.4 0.2 55 20 Max 25 - 48 - - - - - - - - - - - 1.5 0.8 - - Unit mA dB dB dB W W W W W W mV mV mV mV % mVrms dB k
Quiescent Circuit Current Open Loop Voltage Gain Voltage Gain (Closed Loop) Output Power
No Signal PO = 0.25W Rf = 100 Rf = 360 THD = 10%, Rf = 100 VCC = 11V, RL = 4 VCC = 11V, RL = 8 VCC = 9V, RL = 4 VCC = 9V, RL = 8 VCC = 6V, RL = 4 VCC = 6V, RL = 8
PO
- - 1.8 - - - - - - - - - 40 10
Input Sensitivity
Vi(rms)
PO = 2.4W, RL = 4 PO = 50mW, RL = 4 PO = 0.25W RG = 0
Rf = 100 (AV = 45dB) Rf = 360 (AV = 34dB) Rf = 100 (AV = 45dB) Rf = 360 (AV = 34dB)
Input Sensitivity
Vi(rms)
Total Harmonic Distortion Output Noise Voltage Supply Voltage Rejection Ratio Input Impedance
THD NL SVR Ri
RG = 0, fripple = 100HZ, Vripple = 0.3Vrms
Note 1. 50 x 50 x 0.035mm copper heat sink on P.C.B. Note 2. In case that only a Typ. value is specified, this specification is for helping to design.
Pin Connection Diagram
Input N.C. Filter VCC
1 2 3 4 TAB/GND
8 7 6 5
N.F.B. Filter Output Bootstrap
.559 (14.2) Max
.100 (2.54)
.195 (4.9) 5
8
.047 (1.19) Dia
1
4 .252 (6.4)
.165 (4.2)
.125 (3.17) .047 (1.19) .019 (0.48) .103 (2.6) .139 (3.5)
.229 (5.8)


▲Up To Search▲   

 
Price & Availability of NTE1516

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X