Part Number Hot Search : 
PU1S516 LD505 6BD24 MTC14 ISL59 FX641P4 MUR3040 CT100
Product Description
Full Text Search
 

To Download NTE1511 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE1511 Integrated Circuit 5-Step LED Driver for Linear Scale
Description: The NTE1511 is an integrated circuit in an 14-Lead DIP type package designed for use in level meter applications. This device is capable of driving 5 LEDs to create a bar-type display. In accordance with the input level, the uppermost LED brightness varies to form a linear indicator, making the NTE1511 ideal for use in signal meters and VU meters. A low-voltage reference power supply is built-in, so that the only external components required are LEDs, resistors, and capacitors. Features: D Wide Supply Voltage Range: +5V to +16V D Reference Voltage: Vref = 2.8V 0.2V D LED Output Voltage: Constant Voltage D LED Current: Constant Current by Means of an External Resistor D Allowable Power Dissipation: Pdmax = 1.15W @ TA = +25C Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Maximum Supply Voltage (Pin8), VCCmax . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +18V Input Voltage (Pin1, Pin2, Pin3), VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VCC Output Voltage (Pin14), VOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +8.0V Output Voltage (Pin9 to Pin13, VOUT(D) VCC at output (D1 to D5) OFF), VOUT(D) . . -0.3V to +10V Reference Flow-Out Current (Pin5), Iref . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1.0mA to 0mA Allowable Power Dissipation, Pdmax Without Heatsink . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.3W With 50 x 50 x 1mm3 Al plate . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.15W Operating Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -10 to +60C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to +125C Note 1. A voltage of VCC+0.3V or more must not be applied to the input and output pins. Recommended Operating Conditions: (TA = +25C unless otherwise specified)
Parameter Supply Voltage Input Voltage Output Pin Load Resistance Symbol Pin # VCC VIN1+, 2 RLOUT 8 2, 3 14 Between OUT (Pin14) and GND (Pin7) Test Conditions Min 5 -0.3 15 Typ - - - Max Unit 16 VCC 20 V V k
Electrical Characteristics: (TA = +25C, VCC = 5V to 16V unless otherwise specified)
Parameter Input Bias Current (Amplifier) Symbol IDC(IN-) IDC (IN1+) IDC (IN2+) Input Bias Current (Comparator) IDC (-C) IDC (+C) Amplifier Offset Voltage (Amplifier) Reference Voltage Pin D Output Current (D1 to D5) Pin D Output Leakage Current Output Pin Output Flow-Out Current VOFF(1) VOFF(2) Vref IOL (D) IOFF (D) IOH (1) IOH (2) Current Dissipation Amplifier Gain ICC VG1, VG2 8 - 5 9 to 13 Iref = 0 to -0.3mA VIN- = 0V, VIN1+ = VIN2+ VD1 to 5 = 2.0V to 2.3V = 1V, Pin # 1 2 3 4, 6 14 14 VIN- Test Conditions = 0V, VIN1+ = VIN2+ = 1V VIN- = 1V, VIN1+ = VIN2+ = 0V VIN- = 1V, VIN1+ = VIN2+ = 0V VIN- = 0V, VIN1+ = VIN2+ VRO1 = VRO2 = 0V = 1V, Min -4 -2 -2 -5 -5 -150 -150 2.6 -25 -50 - - - 30 Typ - - - - - - - - -18 - - - 12 - Max 0 0 0 0 0 +150 +150 3.0 -10 0 -3 -3 25 - Unit A A A A A mV mV V mA A mA mA mA dB
VIN- = 1V, VIN1+ = VIN2+ = 0V, VOUT = 0V, VRO1 = VRO2 = Vref VCC = 6V to 12V, Amp Gain = 20dB
9 to 13 VIN- = 1V, VIN1+ = VIN2+ = 0V, VD1 to 5 = 0V 14 VIN- = 1V, VIN1+ = VCC, VIN2+ = 0V, VOUT = 0V VIN- = 1V, VIN1+ = 0V, VIN2+ = VCC, VOUT = 0V VIN- = 1V, VIN1+ = VIN2+ = 0V Open Loop
Comparator Level: (TA = +25C, VCC = 5V to 16V unless otherwise specified)
Comparator Level LED5 (D5) LED4 (D4) LED3 (D3) LED3 (D2) LED1 (D1) Symbol GD5 GD4 GD3 GD2 GD1 Pin # 13 12 11 10 9 Pin Connection Diagram Test Conditions VRO1 = 0V, VRO2 = 3V Min 2.9 2.3 1.7 1.1 0.5 Typ 3.0 2.4 1.8 1.2 0.6 Max 3.1 2.5 1.9 1.3 0.7 Unit dB dB dB dB dB
Tab Input (-) 1 Input (+) 1 2 Input (+) 2 3 RO 2 4 Vref 5 RO 1 6 GND 7 14 RL Output 13 LED5 12 LED4 11 LED3 10 LED2 9 LED1 8 VCC
.099 (2.52) 14 8 .252 (6.45) 1 .082 (2.1) Dia 7
.265 (6.5)
.748 (19.0)
.300 (7.62)
.167 (4.26)
.100 (2.54) .236 (6.0)
.137 (3.5)


▲Up To Search▲   

 
Price & Availability of NTE1511

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X