Part Number Hot Search : 
SC162 MP1080 29517 1C5C1 MAE25003 FSS35 CGRA4002 XXXLXX
Product Description
Full Text Search
 

To Download NTE13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE13 Silicon NPN Transistor Low Voltage Output Amp
Features: D Low Collector-Emitter Saturation Voltage D High DC Current Gain D An M Type Mold package that Allows Downsizing of Equipment and Automatic Insertion by Taping and Magazine Packaging Absolute Maximum Ratings: Collector-Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V Emitter-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12V Collector Current, IC Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500mA Peak . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1A Power Dissipation, PC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 600mW Operating Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter Collector Cutoff Current Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Transistion Frequency Collector Capaciatnce Symbol ICBO VCBO VCEO VEBO hFE Test Conditions VCB = 25V, IC = 0 IC = 10A, IE = 0 IC = 1mA, IB = 0 IE = 10A, IC = 0 VCE = 2V, IC = 500mA, Note 1 VCE = 2V, IC = 1A, Note 1 VCE(sat) IC = 500mA, IB = 20mA VBE(sat) IC = 500mA, IB = 50mA fT Cob VCB = 10V, -IE = 50mA VCB = 10V, IE = 0, f = 1MHz Min - 25 20 12 400 60 - - - - Typ - - - - - - 0.13 - 200 10 Max 100 - - - 800 - 0.4 1.2 - - V V MHz pF Unit nA V V V
Note 1. Pulse Test
.271 (6.9)
.098 (2.5)
.137 (3.5) B C E .039 (1.0) .039 (1.0)
.177 (4.5)
.122 (3.1)
.161 (4.1)
.098 (2.5)


▲Up To Search▲   

 
Price & Availability of NTE13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X