Part Number Hot Search : 
1AA04 0240A 124L00 UT2060 SY8008C 0103MN MP7533LN 74AUP2
Product Description
Full Text Search
 

To Download NTE1387 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE1387 Integrated Circuit Dual, Audio Power Amplifier, 2.4W/Ch
Features: D Output Power: POUT = 2.4W/Ch (Typ) at VCC = 14V, RL = 8, THD = 10% D Wide Operating Supply Voltage Range: VCC = 5.5V to 20V D Very Few External Components Required D Built-In Turn-On "POP" Noise Muting Circuit D Excellent Crosstalk: CT = -60dB (Typ) Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Operating Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24V Output Current (Peak), IO(peak) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5A Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12.5W Operating Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -20 to +75C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Electrical Characteristics: (VCC = 14V, RL = 8, Rg = 600, f = 1kHz, TA = +25C unless otherwise specified)
Parameter Quiescent Current Output Power Voltage Gain Channel Voltage Gain Tatic Total Harmonic Distortion Output Noise Voltage Crosstalk Input Resistance Ripple Rejection Symbol ICCQ POUT GV DGV THD VNO CT RIN RR POUT = 500mW POUT = 1W, RL = 4 Rg = 10k Rg = 0, POUT = 1.5W VOUT = 1Vrms Rg = 0, f = 100Hz Test Conditions VCC = 14V VCC = 20V THD = 10% RL = 4, THD = 10% Min - - 2.0 - 46 - - - - - - - Typ 27 3.3 2.4 4.0 48 0 0.2 0.4 0.5 -60 33 -50 Max 65 - - - 50 1.5 1.2 - 1.5 -45 - - mV dB k dB dB dB % W Unit mA
Pin Connection Diagram (Front View)
10 Right Channel Output 9 Right Channel NF 8 Right Channel Input 7 Ripple Filter 6 Power GND 5 Pre-GND 4 Left Channel Input 3 Left Channel NF 2 Left Channel Output 1 VCC
1.050 (26.67) Max .079 (2.0) .867 (22.0) .128 (3.2) Dia
.276 (7.0)
.433 (11.0) 1 10
.217 (5.5) .100 (2.54) .900 (22.8)


▲Up To Search▲   

 
Price & Availability of NTE1387

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X