Part Number Hot Search : 
01012 128MC 81C78 128MC 822ML STK4873 DS250 FM380
Product Description
Full Text Search
 

To Download NTE1383 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE1383 Integrated Circuit Dual Audio Power Amp, 5.1W/Ch (10.5W BTL)
Description: The NTE1383 is an integrated circuit in an 18-Lead DIP designed for use as an audio output with low noise, low distortion, and high output for a wide range of power supply voltages and load resistance. Two built-in amplifiers provide dual or BTL operation. Typical applications include radio cassette recorder, tape recorder, car stereo, and home entertainment. Features: D High Output Power, Dual or BTL Circuit Operation D Wide Output Power Setting Range D Wide Supply Voltage Range D Incorporates an Automatic Operating Point Stabilizer Circuit D Low Distortion, Low 1/f Noise, and Low Shock Noise D High Audio Channel Separation D Incorporates a Phase Converter Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Supply Voltage (Note 1), VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V Supply Current, ICC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4A Power Dissipation (TA = +60C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14W Oprating Ambient Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -30 to +75C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Note 1. VCC at operation mode = 20V (Stabilized power source). Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter Quiescent Circuit Current Symbol ICQ VCC = 9V VCC = 12V VCC = 13.2V Test Conditions Vi = 0 Min 20 21 22 Typ 35 40 40 Max 55 65 66 Unit mA mA mA
Electrical Characteristics (Cont'd): (TA = +25C unless otherwise specified)
Parameter BTL (RL = 8, f = 1kHz) Voltage Gain GV VCC = 9V VCC = 12V VCC = 13.2V Total Harmonic Distortion THD VCC = 9V VCC = 12V VCC = 13.2V Output Power PO VCC = 9V VCC = 12V VCC = 13.2V Output Noise Voltage Vno VCC = 9V VCC = 12V VCC = 13.2V Output Offset Voltage VO(offset) VCC = 9V VCC = 12V VCC = 13.2V Dual (RL = 4, f = 1kHz) Voltage Gain GV VCC = 9V VCC = 12V VCC = 13.2V Total Harmonic Distortion THD VCC = 9V VCC = 12V VCC = 13.2V Output Power PO VCC = 9V VCC = 12V VCC = 13.2V Output Noise Voltage Vno VCC = 9V VCC = 12V VCC = 13.2V Channel Balance CB VCC = 9V VCC = 12V VCC = 13.2V Vi = 4mV Vi = 0, Rg = 3.9k Vi = 0, Rg = 10k THD = 10% Vi = 4mV Vi = 4mV 41 42 42 - - - 2.0 3.6 4.5 - - - - - - 44 45 45 0.3 0.3 0.3 2.4 4.2 5.1 0.2 0.3 0.3 0 0 0 47 48 48 1.0 1.0 1.0 - - - 1.0 1.5 1.5 1 1 1 dB dB dB % % % W W W mV mV mV dB dB dB Vi = 0 Vi = 0, Rg = 3.9k Vi = 0, Rg = 10k THD = 10% Vi = 4mV Vi = 4mV 40 40 40 - - - 4.5 8.0 9.4 - - - -10 -12 -12 43 43 43 0.15 0.15 0.15 5.0 9.0 10.5 0.3 0.5 0.7 - - - 46 46 46 1.0 1.0 1.0 - - - 1.0 2.0 2.0 +10 +12 +12 dB dB dB % % % W W W mV mV mV mV mV mV Symbol Test Conditions Min Typ Max Unit
Pin Connection Diagram
VCC Ch 1 Output GND Feedback Feedback Bypass Ch 1 Input N.C. GND
1 2 3 4 5 6 7 8 9
18 GND 17 Ch 2 Output 16 GND 15 Feedback 14 Feedback 13 Bypass 12 Ch 2 Input 11 N.C. 10 Diff Amp Input
.940 (23.8) 9 1
.140 (3.5)
10 1.180 (29.9)
18 .708 (17.9)
.185 (4.7)
.118 (2.9) .944 (23.9)
.118 (2.9)
.590 (14.9)


▲Up To Search▲   

 
Price & Availability of NTE1383

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X