Part Number Hot Search : 
LV123 2SK291 SB140 BU2525DX SX30AP 222MA 000X19 20010TS
Product Description
Full Text Search
 

To Download NTE1378 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE1378 Integrated Circuit Audio Power Amplifier, 10W
Description: The NTE1378 is a monolithic integrated circuit in a 5-Lead TO220 type package intended for use as an audio class AB amplifier. Typically, it provides 12W output power (THD = 10%) at VS = 12V/4. This device provides high output current and has very low harmonic and cross-over distortion. Further, the NTE1378 incorporates a short circuit protection system comprising an arrangement for automatically limiting the dissipated power so as to keep the working point of the output transistors within their safe operating area. A thermal shut-down system is also included. Absolute Maximum Ratings: Supply Voltage, VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V Input Voltage, VI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VS Differential Input Voltage, VI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12V Output Peak Current (Internally Limited), IO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3A Power Dissipation (TC = +90C), Ptot . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20W Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to +150C Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3C/W Min. Thermal Shut-Down Junction Temperature (VS = 12V, Ptot = 9W, TA = +25C), Tsd . +110C Electrical Characteristics: (VS = 12V, TA = +25C unless otherwise specified)
Parameter Supply Voltage Quiescent Drain Current Input Bias Current Input Offset Voltage Input Offset Current Output Offset Voltage Output Power Symbol VS Id Ib VOS IOS VOS PO VS = 15V VS = 15V VS = 15V VS = 15V VS = 15V THD = 10%, f = 1kHz, RL = 4 THD = 10%, f = 1kHz, RL = 8 Test Conditions Min 6 - - - - - - 6 Typ - 40 0.2 8 80 10 12 8 Max 15 80 3.0 - - 100 - - Unit V mA A mV nA mV W W
Electrical Characteristics (Cont'd): (VS = 12V, TA = +25C unless otherwise specified)
Parameter Frequency Response (-3dB) Input Sensitivity Symbol B Vi GV THD Test Conditions PO = 8W, RL = 4 f = 1kHz, PO = 10W, RL = 4 f = 1kHz, PO = 6W, RL = 8 Voltage Gain f = 1kHz, Open Loop f = 1kHz, Closed Loop Total Harmonic Distortion PO = 0.1 to 8W, RL = 4, f = 1kHz PO = 0.1 to 4W, RL = 8, f = 1kHz Input Noise Voltage Input Noise Current Input Resistance (Pin1) Supply Voltage Rejection Drain Current eN IN RI SVR Id B = 22Hz to 22kHz, RL = 4 B = 22Hz to 22kHz, RL = 4 f = 1kHz RL = 4, Rg = 22k, fripple = 100Hz PO = 12W, RL = 4 PO = 8W, RL = 8 Min Typ Max Unit Hz mV mV dB dB % % V pA M dB mA mA 10 to 140,000 - - - 29.5 - - - - 0.5 40 - - 200 220 75 30.0 0.2 0.1 3 80 5.0 50 850 500 - - - 30.5 - 1.0 10 200 - - - -
Pin Connection Diagram (Front View)
Non-Inverting Input Inverting Input
(+) VS Output (-) VS/Tab
.408 (10.37) Max
.182 (4.62) Max .054 (1.37) Max
.114 (2.9) .619 (15.72) Max
.364 (9.25) Max .896 (22.76) Max .850 (21.6) Max 1 2 3 4 5
.135 (3.45)
.150 (3.81)
.182 (4.62)


▲Up To Search▲   

 
Price & Availability of NTE1378

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X