Part Number Hot Search : 
MGFC44 FL402 P7520 SMB12 FL402 7018X7 CTDD1 TC426
Product Description
Full Text Search
 

To Download NTE1376 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE1376 Integrated Circuit Audio Power Amplifier, 22W
Description: The NTE1376 is a monolithic integrated circuit in a 5-Lead TO220 type package intended for use as an audio class AB amplifier. Typically, it provides 22W output power (THD = 0.5%) at VS = 32V/4. This device provides high output current and has very low harmonic and cross-over distortion. Further, the NTE1376 incorporates a short circuit protection system comprising an arrangement for automatically limiting the dissipated power so as to keep the working point of the output transistors within their safe operating area. A thermal shut-down system is also included. Absolute Maximum Ratings: Supply Voltage, VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V Input Voltage, VI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VS Differential Input Voltage, VI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V Output Peak Current (Internally Limited), IO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4A Power Dissipation (TC = +75C), Ptot . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25W Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to +150C Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3C/W Typical Thermal Shut-Down Junction Temperature (VS = 16V, TA = +25C), Tsd . . . . . . . . +145C Electrical Characteristics: (VS = 16V, TA = +25C unless otherwise specified)
Parameter Supply Voltage Quiescent Drain Current Symbol VS Id Ib VOS IOS PO THD = 0.5%, TC = +60C, f = 1kHz, RL = 4 THD = 0.5%, TC = +60C, f = 1kHz, RL = 8 THD = 0.5%, TC = +60C, f = 1.5kHz, RL = 4 VS = 4.5V VS = 20V Input Bias Current Input Offset Voltage Input Offset Current Output Power VS = 20V VS = 20V Test Conditions Min 2.5 - - - - - 20 - 15 Typ - - 45 0.3 2 - 22 12 18 Max 20 30 100 1.0 20 200 - - - Unit V mA mA A mV nA W W W
Electrical Characteristics (Cont'd): (VS = 16V, TA = +25C unless otherwise specified)
Parameter Power Bandwidth Voltage Gain Symbol BW GV THD Test Conditions PO = 1W, RL = 4 f = 1kHz, Open Loop f = 1kHz, Closed Loop Total Harmonic Distortion PO = 0.1 to 10W, RL = 4, f = 40 to 15000Hz PO = 0.1 to 10W, RL = 4, f = 1kHz Input Noise Voltage Input Noise Current Input Resistance (Pin1) Supply Voltage Rejection Efficiency eN IN RI SVR RL = 4, Rg = 22k, GV = 30dB, f = 100Hz, Vripple = 0.5VRMS f = 1kHz, PO = 12W, RL = 8 f = 1kHz, PO = 22W, RL = 4 B = 22Hz to 22kHz B = 22Hz to 22kHz Min - - 29.5 - - - - 0.5 40 - - Typ 100 80 30.0 0.08 0.03 3 80 5.0 50 66 63 Max - - 30.5 - - 10 200 - - - - Unit kHz dB dB % % V pA M dB % %
Pin Connection Diagram (Front View)
Non-Inverting Input Inverting Input
(+) VS Output (-) VS/Tab
.408 (10.37) Max
.182 (4.62) Max .054 (1.37) Max
.114 (2.9) .619 (15.72) Max
.364 (9.25) Max .896 (22.76) Max .850 (21.6) Max 1 2 3 4 5
.135 (3.45)
.150 (3.81)
.182 (4.62)


▲Up To Search▲   

 
Price & Availability of NTE1376

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X