Part Number Hot Search : 
B2403 HFA16 40N03 SFT501 PJSD24W 25DF041A 468A103 FH104
Product Description
Full Text Search
 

To Download NTE1370 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE1370 Integrated Circuit Audio Power Amplifier, 5.8W, for Car Radio
Features: D Output Power: POUT = 5.8W (Typ) at VCC = 13.2V, RL = 4, THD = 10% POUT = 9.2W (Typ) at VCC = 13.2V, RL = 2, THD = 10% D Maximum Output Power: POM = 9.5W (Typ) at VCC = 13.2V, RL = 4 D Low Distortion: THD = 0.15% at POUT = 1W, GV = 55dB THD = 0.07% at POUT = 1W, GV = 44dB D Wide Operating Supply Voltage Range: VCC = 9 to 18V D Minimum Working Voltage: 9V D Excessive Supply Voltage Protection Circuit D Current Limiting for Short Circuit Protection D Thermal Shut-Down Circuit Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Operating Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18V Quiescent Supply Voltage, VCCQ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V Output Current (Peak), IO(peak) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5A Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7.5W Operating Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -20 to +75C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Electrical Characteristics: (VCC = 12.5V, RL = 4, Rg = 600, Rf = 8, f = 1kHz, TA = +25C unless otherwise specified)
Parameter Quiescent Current Output Power Symbol ICCQ POUT Test Conditions VCC = 12.5V VCC = 18V VCC = 12.5V, THD = 10% VCC = 13.2V, THD = 10% VCC = 13.2V, RL = 2, THD = 10% Min - - 4.5 - - Typ - - 5 5.8 9.2 Max 60 80 - - - W Unit mA
Electrical Characteristics (Cont'd): (VCC = 12.5V, RL = 4, Rg = 600, Rf = 8, f = 1kHz, TA = +25C unless otherwise specified)
Parameter Maximum Output Power Total Harmonic Distortion Symbol POM THD Test Conditions VCC = 13.2V POUT = 1W POUT = 100mW POUT = 1W, RL = 2 Voltage Gain Input Resistance Output Noise Voltage GV RIN VNO VIN = 2.45mVrms VOUT = 2Vrms Rg = 10k, BW = 50 20kHz Min - - - - 52 30 - Typ 9.5 0.15 0.2 0.25 55 40 - Max - 1.0 1.0 1.0 58 - 3.5 dB k mV Unit W %
Pin Connection Diagram (Front View) 10 Output 9 GND 8 Phase Compensation 7 Noise Filter 6 Input 5 Phase Compensation 4 Phase Compensation 3 Decoupling 2 Bootstrap 1 VCC
1.050 (26.67) Max .079 (2.0) .867 (22.0) .128 (3.2) Dia
.276 (7.0)
.433 (11.0) 1 10
.217 (5.5) .100 (2.54) .900 (22.8)


▲Up To Search▲   

 
Price & Availability of NTE1370

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X