Part Number Hot Search : 
FM4002W PM0022 CJP80N03 MMBD301L 4VHC2 AT89C CRZ15 MC78M05
Product Description
Full Text Search
 

To Download NTE1368 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE1368 Integrated Circuit Dual Audio Power Amplifier, 5.8W/Channel
Description: The NTE1368 is an integrated circuit in a 12-Lead SIP type package designed for dual, low-frequency, high power amplifier applications. This device requires few external components, thus enabling high density mounting. Design for heat radiation is easy due to low thermal resistance. The NTE1368 contains internal power-on pop noise protection circuitry and various other protection circuits. This device is best suited for car stereo applications. Features: D High Power Output D Low Noise Output Voltage D Low Total Harmonic Distortion D Minimum External Components D On-Chip Power On Pop Noise Protection Circuit D Audio Mute Function is provided D Separated GND Pins for Input/Output Circuit D Various Protection Circuits: Overvoltage Protection Thermal Protection Load Short Protection Output Pin-to-DC Short Protection Absolute Maximum Ratings: (Note 1) Power Supply Voltage, VCC No Signal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24V Operational . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18V Surge (ts 0.2 sec, tr 1msec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40V Output Current (Peak), IOPEAK . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5A Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18W Operating Case Temperature Range, TC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -20 to +75C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Note 1. Permanent device damage may occur if "ABSOLUTE MAXIMUM RATINGS" are exceeded. Functional operation should be restricted to the conditions as detailed in the operational sections of this data sheet. Exposure to absolute maximum rating condition for extended periods may affect device reliability. Recommended Operating Conditions: Power Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 to 16V Operating Temperature Range, TC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -20 to +75C Output Load (Dual Operation), RL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 to 8
Electrical Characteristic:
Parameter
(VCC = 13.2V, f = 1kHz, RL = 4, TC = +25C, One Channel Operation unless otherwise specified)
Symbol IQ AV AV PO THD VNO RIn CT Rg = 600 Rg = 600
Pin Connection Diagram (Front View) 12 11 10 9 8 7 6 5 4 3 2 1 Ch 1 Output Ch 1 BS VCC Ch 2 BS Ch 2 Output GND (Output) GND (Input) Ch 2 Input Ch 2 NFB BP Ch 1 NFB Ch 1 Input
Test Conditions VIN = 0V, RL = Po = 1W PO = 1W THD = 10% PO = 1W Rg = 10k, BW = 20 to 20kHz
Min - 48.5 - 5.0 - - 20 40 -
Typ 80 50.5 0 5.8 0.2 0.8 30 50 40
Max 160 52.5 1.5 - 1.0 1.6 - - -
Unit mA dB dB W % mV k dB dB
Quiescent Power Supply Current Voltage Gain Difference Voltage Gain Output Power Total Harmonic Distortion Output Noise Voltage Input Resistance Cross Talk Audio Mute Attenuation
1.260 (32.0) Max .945 (24.0) .197 (5.0) Max
.590 (14.9) 1 12
.070 (1.78) R Typ
.512 (13.0)
.256 (6.5)
.100 (2.54)
.099 (2.5)


▲Up To Search▲   

 
Price & Availability of NTE1368

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X