Part Number Hot Search : 
100AXC MAX5957 LV1G32 91SAM 1N3051 MB89123 ZVG53W BCR08
Product Description
Full Text Search
 

To Download NTE135 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE131 (PNP) & NTE155 (NPN) Germanium Complementary Transistors Audio Power Amplifier
Description: The NTE131 (PNP) and NTE155 (NPN) are Germanium PNP Alloy Junction transistors in a Japanese TO66 type package designed for use in audio power amplifier applications. Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Collector-Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32V Collector-Emitter Voltage, VCES . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32V Emitter-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10V Collector Current, IC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1A Base Current, IB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200mA Power Dissipation, PC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6W Operating Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +90C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +90C Note 1. NTE131MP is a matched pair of NTE131 with their DC Current Gain (hFE) matched to within 10% of each other. Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter Collector Cutoff Current Emitter Cutoff Current DC Current Gain Symbol ICEV IEBO hFE1 hFE2 Common-Emitter Cutoff Frequency Base-Emitter ON Voltage Collector-Emitter Saturation Voltage fe VBE VCE(sat) Test Conditions VCE = 32V, VEB = 1V VEB = 10V, IC = 0 VCB = 0, IE = 100mA VCB = 0, IE = 1A VCB = 2V, IE = 100mA VCB = 0, IE = 1A IC = 1A, IB = 100mA Min - - 35 36 10 - - Typ - - - - 15 0.4 0.08 Max 1 1 170 185 - - - kHz V V Unit mA mA
.593 (15.08) Dia
.290 (7.36)
.031 (.792)
.039 (1.0) Dia
.295 (7.5)
.944 (24.0)
Base
.530 (13.5)
.157 (4.0) Dia (2 Places)
.315 (8.0)
Collector/Case
Emitter


▲Up To Search▲   

 
Price & Availability of NTE135

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X