Part Number Hot Search : 
4812S PE33646 HZK11AL FDAP1D1 2S6B3 22200 200BZ M38503M
Product Description
Full Text Search
 

To Download NTE1317 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE1317 Integrated Circuit
Module, 2 Power, 2 Channel, AF Power Amplifier, 50W Min.
Features: D Muting Circuit D Reduced Heat Sink due to Case Temperature Dissipation up to +125C Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Supply Voltage, VCCmax . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53.0V Operating Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Substrate Temperature, TC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +125C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -30 to +125C Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.8C/W Turn-on Time (VCC = 35V, RL = 8, f = 50Hz, PO = 50W), ts . . . . . . . . . . . . . . . . . . . . . . . . . . . 2sec Recommended Operating Conditions: (TA = +25C unless otherwise specified) Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35V Load Resistance, RL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Electrical Characteristics: (TA = 25C, VCC = 35V, RL = 8, Rg = 600, VG = 40dB unless otherwise specified)
Parameter Idle Current Power Out Symbol ICCO PO THD fL, fH ri VNO VN VM Test Conditions VCC = 42.5V THD = 0.8%,f = 20Hz to 20kHz VCC = 32V, THD = 0.2%, RL = 4, f = 1kHz Total Harmonic Distortion Breakpoints Source Impedance Input Noise Voltage Transient Noise Voltage Muting Voltage PO = 1.0W, f = 1kHz PO = 1.0W, +0 -3dB PO = 1.0W, f = 1kHz VCC = 42.5V, Rg = 10k VCC = 42.5V - - -70 -2 Min Typ Max 20 50 55 - 40 - - - 100 - - 0.08 Unit mA W W % Hz - 1.2 70 -10 k mVrms mV V
20 to 50k 55 - 0 -5
Pin Connection Diagram (Front View)
18 Rt Ch Input (-) 17 Rt Ch Input (+) 16 GND 15 Compensation 14 (-) VCC 13 Rt Ch Output 12 Bypass 11 (+) VCC 10 Lt Ch Output 9 (-) VCC 8 7 6 5 4 3 2 1 Compensation Compensation Muting Compensation Compensation Compensation Lt Ch Input (+) Lt Ch Input (-)
2.520 (64.0) 2.190 (55.6) .334 (8.5)
1.440 (36.4) .737 (18.7) 1 .141 (3.6) Dia (2 Holes) .100 (2.54) 1.700 (43.18) .114 (5.5) 18
1.030 (32.5)
.158 (4.0)


▲Up To Search▲   

 
Price & Availability of NTE1317

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X