Part Number Hot Search : 
1048048 CXA1402M F1M91 OTI912 BSS50A VSKT71 P2805 1N916B
Product Description
Full Text Search
 

To Download NTE1293 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE1293 Integrated Circuit Dual, Audio Power Amp, 5.8W/Ch
Description: The NTE1293 is a dual audio power amplifier in a 12-Lead SIP type package specifically designed for car stereo applications. This device provides an output power of 7W/Ch to a 4 load with 10% THD at 14.4V power supply. Features: D Very Low Number of External Components Required D Easy Mounting with No Electrical Isolation Between the Package and Heat Sink D Very Low Transient Noise at Power Switch-On D No Damage for Reverse Insertion on the PC Board D Thermal Shut-Down Circuit Included D Load Dump Protection Circuit Included Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Supply Voltage (Surge PW = 200ms), VCCsurge . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40V Supply Voltage (Quiescent, Note 1), VCC1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V Supply Voltage (Operational), VCC2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18V Peak Circuit Current, ICCpeak . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5A package Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20W Operating Temperature Range (Note 1), Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -30 to +75C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Note 1. Using an aluminum heat sink, RthCA = 6C/W. Electrical Characteristics: (TA = +25C, VCC = 13.2V, f = 1kHz, RL = 4 unless otherwise specified)
Parameter Circuit Current Output Power Symbol ICC PO vin = 0 THD = 10%, VCC = 14.4V THD = 10%, VCC = 13.2V THD = 10%, VCC = 14.4V, RL = 2 Total Harmonic Distortion THD PO = 0.5W PO = 2W, RL = 2 Voltage Gain Channel Balance Crosstalk Output Noise Level AV AV CT vn PO = 0.5W PO = 0.5W f = 1kHz, other channel RG = 0 RG = 10k Test Conditions Min 30 - 5.0 - - - 51 - 30 - Typ 80 7.0 5.8 8.5 0.3 0.4 54 - 45 1.4 Max 180 - - - 1.0 - 58 1.5 - 4.0 Unit mA W W W % % dB dB dB mVrms
Pin Connection Diagram (Front View)
12 11 10 9 8 7 6 5 4 3 2 1
GND Output Ch 2 Bootstrap Ch 2 VCC Neg Feedback Ch 2 Input Ch 2 Input Ch 1 Neg Feedback Ch 1 Filter Bootstrao Ch 1 Output Ch 1 GND
1.260 (32.0) Max .945 (24.0) .197 (5.0) Max
.590 (14.9) 1 12
.070 (1.78) R Typ
.512 (13.0)
.256 (6.5)
.100 (2.54)
.099 (2.5)


▲Up To Search▲   

 
Price & Availability of NTE1293

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X