Part Number Hot Search : 
74LS2 SKIIP36 SMC120 SB817Y TP210 TP210 00BZXI 74LS2
Product Description
Full Text Search
 

To Download NTE128P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE128P (NPN) & NTE129P (PNP) Silicon Complementary Transistors General Purpose Amp
Description: The NTE128P (NPN) and NTE129P (PNP) are silicon complemedntary transistors designed for use in general purpose power amplifier and switching applications. Features: D High VCE Ratings D Exceptional Power Dissipation Capability Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Collector-Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100V Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80V Emitter-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V Continuous Collector Current , IC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1A Power Dissipation, PTOT TA = +25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.850W TC = +25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2W Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Thermal Resistance, Junction-to-Ambient, RthJA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 147C/W Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 62.5C/W Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter Collector-Emitter Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current DC Current Gain Collector-Emitter Saturation Voltage Current Gain Bandwidth Product Output Capacitance Symbol ICBO IEBO hFE Test Conditions VCB = 80V VEB = 4V IC = 10mA, VCE = 2V IC = 350mA, VCE = 2V VCE(sat) IC = 350mA fT Cob IC = 50mA VCB = 10V, IE = 0, f = 1MHz Min 80 - - 100 100 - 50 - Typ - - - - - - - - Max - 100 100 - 300 0.35 - 15 pF V Unit V nA nA BVCEO IC = 10mA, IB = 0
.200 (5.08) .180 (4.57)
.100 (2.54) .180 (4.57)
EBC
.594 (15.09)
.018 (0.46)
.015 (0.38) 3.050 (1.27)
.050 (1.27)
.050 (1.27)
.140 (3.55)
.090 (2.28) R


▲Up To Search▲   

 
Price & Availability of NTE128P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X