Part Number Hot Search : 
KMOC30 HD74AL PE9212 ADTR2 AFD25 TLSH510 HAF1008 44200
Product Description
Full Text Search
 

To Download NTE1056 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE347 Silicon NPN Transistor RF Power Output PO = 3W @ 175MHz
Description: The NTE347 is designed for 13.6 volt, VHF large signal power amplifier applications required in military and industrial equipment operating to 240MHz. Features: D Low lead inductance stripline package for easier design and increased broadband capability. D Balanced Emitter Construction for increased Safe Operating Area. The NTE347 is designed to withstand an Open or Shorted Load at rated Output Power. D Specified 13.6 volt, 175MHz Characteristics- Output Power = 3.0 Watts Minimum Gain = 8.2dB Efficiency = 50% Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18V Collector-Base Voltage, VCB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36V Emitter-Base Voltage, VEB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.0V Continuous Collector Current, IC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.6A Total Device Dissipation (TA = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15W Derate Above 25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 86mW/C Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +200C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +200C Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter OFF CHARACTERISTICS Collector-Emitter Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current ON CHARACTERISTICS DC Current Gain DYNAMIC CHARACTERISTICS Output Capacitance Cob VCB = 15V, IE = 0, f = 0.1 to 1.0 MHz - 15 30 pF hFE IC = 100mA, VCE = 5.0Vdc 5.0 - - - V(BR)CEO V(BR)CES V(BR)CBO V(BR)CBO IC = 200mA, IB = 0 IC = 200mA, IB = 0 IE = 1.0mA, IC = 0 VCB = 15V, IE = 0 18 36 4.0 - - - - - - - - 1.0 V V V mA Symbol Test Conditions Min Typ Max Unit
Electrical Characteristics (Cont'd): (TA = +25C unless otherwise specified)
Parameter FUNCTIONAL TEST Power Input Common-Emitter Amplifier Power Gain Collector Efficiency Pin GPE POUT = 3W, VCE = 13.6V, f = 175MHz - 8.2 50 0.35 0.45 - - - - W dB % Symbol Test Conditions Min Typ Max Unit
1.065 (27.08) Max .530 (13.46) C .220 (5.58) E .030 (.762) B .305 (7.75)
E
.090 (2.28)
.375 (9.52) Dia .260 (6.60)
.005 (0.15)
.325 (8.28) Dia 8-32 NC-3A Wrench Flat
.075 (1.94) .115 (2.92)
.730 (18.54)


▲Up To Search▲   

 
Price & Availability of NTE1056

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X