Part Number Hot Search : 
9290X02 MAX81405 P328G EHS2Z1 MTZJ18 MAX815N EHS2Z1 MC20A
Product Description
Full Text Search
 

To Download NSVS802 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NSVS802 Jan-02
JRC SAW FILTER
NSVS802
Application
TELCONTROL
Electrical Specification: (Table 1) The device characteristics are measured in the circuit shown in Fig.1. Table 1. Electrical Specifications Item Spec. Input and Output Impedance 50 Nominal Center Frequency (f0) 869MHz Insertion Loss 868~870MHz 3.5dB max. Response Variation 868~870MHz 1.5dB max. Input and Output VSWR 868~870MHz 2.5 max. Out of Band Rejection DC~<789MHz 50dB min. (Relative to 789~839MHz 30dB min. Through Level) 919~949MHz 30dB min. <949~1500MHz 50dB min. (Operating Temperature Range: -20~+70C)
Maximum Rating: (Table 2) Table 2. Maximum Ratings Item Maximum Input Power Maximum DC Voltage Operating Temperature Range Storage Temperature
Rating +20dBm 7.5V -20~+70C -30~+80C
Mechanical Specifications: (Fig.2) Package is designed as small as 3.5x3.5x1.0[mm3] for SMD (Surface Mount Device) type. Notice: This part is electrostatic discharge sensitive and may be damaged by improper handling.
Communications Equipment Division Communications Equipment Marketing Department
17-22 Akasaka 2-chome minato-ku, Tokyo. 107-0052 Japan Tel. +81 3-3584-8811 Fax. +81 3-3584-8876 http://www.jrc.co.jp/product/comm/deveice/saw/saw_top.html (Japanese) http://www.jrc.co.jp/product/comm/device/saw/saw_top_e.html (English)
NSVS802 Jan-02
IN 50
1
8
7
OUT 50
2 SAW 6 3 4 5
(a) (1)
Fig.1 Measuring circuit
3.50.2 (b)
3 .5 0 .2
J18
HR
(3) (0.95)
(2)
4
(0.8) [5x]
(0 .6 )
5
(0.6)
[8 x ]
3
Marking (1) Manufacture's Mark (2) Lot Number (a) Year (b) Month *Oct.--- X Nov.--- Y Dec.--- Z (3) Part number Mark Pin no. 1 2 3 4 5 6 7 8 Connection GND IN/OUT GND GND GND OUT/IN GND GND
1 .0 0 .2 (2 .54)
2
(1 .2 7 )
6
(1.0) [2 x ]
1 8
7
Fig.2 Package dimensions (in mm)
4.3 0.6 1.2 [6x]
0.6 [6x] 4.3 1.27 1.27
Via -Hole( 0.3)
Fig.3 Desirable land area (in mm)
NSVS802 Jan-02
Notice
1. Use this component within operating temperature range. It might not be satisfied with electrical specification without operating temperature range. When it is used less than -20C or more than +70C, it might be a cause of degradation or destruction of the component. Even if it endures during a short time, it causes degradation of qualification. 2. When soldering iron is used, solder with the temperature at the tip of soldering iron: 350C max., the time of soldering: 10 seconds max., the power of soldering iron: 30W max.. 3. Notice that the allowed time of soldering with soldering iron is accumulated time, when soldering is repeated. 4. As rapid temperature change for cleaning after reflow soldering might be a cause of destruction clean this component after confirming that temperature of this component goes down to room temperature. 5. Confirm that there are not any influence for qualification to this component in mounting on PCB when this component is cleaned. 6. As it might be a cause of degradation of destruction to apply static electricity to this component, do not apply static electricity or excessive voltage while assembling and measuring. And do not transport this component with bare hand. 7. As it might be a cause of degradation or destruction to apply D.C. voltage between each terminal, apply D.C. voltage 7.5V max. in actual circuit.
Note 1. This specification specifies the quality of this component as a single unit. Make sure that this component is evaluated and confirmed against this specification when it is mounted to your products.


▲Up To Search▲   

 
Price & Availability of NSVS802

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X