Part Number Hot Search : 
MBRB20 C5305DF 74LS76AP 1A353 TFK5070D SF510 MT6L51AE P6KE200C
Product Description
Full Text Search
 

To Download NSS40200LT1G07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NSS40200LT1G 40 V, 4.0 A, Low VCE(sat) PNP Transistor
ON Semiconductor's e2 PowerEdge family of low VCE(sat) transistors are miniature surface mount devices featuring ultra low saturation voltage (VCE(sat)) and high current gain capability. These are designed for use in low voltage, high speed switching applications where affordable efficient energy control is important. Typical applications are DC-DC converters and power management in portable and battery powered products such as cellular and cordless phones, PDAs, computers, printers, digital cameras and MP3 players. Other applications are low voltage motor controls in mass storage products such as disc drives and tape drives. In the automotive industry they can be used in air bag deployment and in the instrument cluster. The high current gain allows e2PowerEdge devices to be driven directly from PMU's control outputs, and the Linear Gain (Beta) makes them ideal components in analog amplifiers. * This is a Pb-Free Device
MAXIMUM RATINGS (TA = 25C)
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous Collector Current - Peak Electrostatic Discharge Symbol VCEO VCBO VEBO IC ICM ESD Max -40 -40 -7.0 -2.0 -4.0 Unit Vdc Vdc Vdc A A 1 2 SOT-23 (TO-236) CASE 318 STYLE 6
http://onsemi.com
-40 VOLTS 4.0 AMPS PNP LOW VCE(sat) TRANSISTOR EQUIVALENT RDS(on) 80 mW
COLLECTOR 3 1 BASE 2 EMITTER 3
HBM Class 3B MM Class C
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation TA = 25C Derate above 25C Thermal Resistance, Junction-to-Ambient Total Device Dissipation TA = 25C Derate above 25C Thermal Resistance, Junction-to-Ambient Total Device Dissipation (Single Pulse < 10 sec) Junction and Storage Temperature Range Symbol PD (Note 1) Max 460 3.7 RqJA (Note 1) PD (Note 2) 270 540 4.3 RqJA (Note 2) PDsingle (Note 3) TJ, Tstg 230 710 -55 to +150 Unit mW mW/C C/W mW mW/C C/W mW C
DEVICE MARKING
VA M G G 1 VA = Specific Device Code M = Date Code* G = Pb-Free Package (Note: Microdot may be in either location) *Date Code orientation and/or overbar may vary depending upon manufacturing location.
ORDERING INFORMATION
Device NSS40200LT1G Package SOT-23 (Pb-Free) Shipping 3000/Tape & Reel
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. FR-4 @ 100 mm2, 1 oz. copper traces. 2. FR-4 @ 500 mm2, 1 oz. copper traces. 3. Thermal response.
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification Brochure, BRD8011/D. Publication Order Number: NSS40200L/D
(c) Semiconductor Components Industries, LLC, 2007
March, 2007 - Rev. 2
1
NSS40200LT1G
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Collector -Emitter Breakdown Voltage (IC = -10 mAdc, IB = 0) Collector -Base Breakdown Voltage (IC = -0.1 mAdc, IE = 0) Emitter -Base Breakdown Voltage (IE = -0.1 mAdc, IC = 0) Collector Cutoff Current (VCB = -40 Vdc, IE = 0) Emitter Cutoff Current (VEB = -7.0 Vdc) ON CHARACTERISTICS DC Current Gain (Note 4) (IC = -10 mA, VCE = -2.0 V) (IC = -500 mA, VCE = -2.0 V) (IC = -1.0 A, VCE = -2.0 V) (IC = -2.0 A, VCE = -2.0 V) Collector -Emitter Saturation Voltage (Note 4) (IC = -0.1 A, IB = -0.010 A) (Note 5) (IC = -1.0 A, IB = -0.100 A) (IC = -1.0 A, IB = -0.010 A) (IC = -2.0 A, IB = -0.200 A) Base -Emitter Saturation Voltage (Note 4) (IC = -1.0 A, IB = -0.01 A) Base -Emitter Turn-on Voltage (Note 4) (IC = -1.0 A, VCE = -2.0 V) Cutoff Frequency (IC = -100 mA, VCE = -5.0 V, f = 100 MHz) Input Capacitance (VEB = 0.5 V, f = 1.0 MHz) Output Capacitance (VCB = 3.0 V, f = 1.0 MHz) SWITCHING CHARACTERISTICS Delay (VCC = -30 V, IC = 750 mA, IB1 = 15 mA) Rise (VCC = -30 V, IC = 750 mA, IB1 = 15 mA) Storage (VCC = -30 V, IC = 750 mA, IB1 = 15 mA) Fall (VCC = -30 V, IC = 750 mA, IB1 = 15 mA) 4. Pulsed Condition: Pulse Width = 300 msec, Duty Cycle 2%. 5. Guaranteed by design but not tested. td tr ts tf - - - - - - - - 60 120 400 130 ns ns ns ns hFE 250 220 180 150 - - - - - - 100 - - - 300 - - -0.010 -0.080 -0.135 -0.135 - - - - - - - - - V -0.017 -0.095 -0.170 -0.170 V -0.900 V -0.900 MHz - 325 62 pF pF V(BR)CEO V(BR)CBO V(BR)EBO ICBO IEBO Vdc -40 -40 -7.0 - - - - - - - - Vdc - Vdc - -0.1 -0.1 mAdc mAdc Symbol Min Typ Max Unit
VCE(sat)
VBE(sat) VBE(on) fT Cibo Cobo
http://onsemi.com
2
NSS40200LT1G
0.25 VCE(sat), COLLECTOR EMITTER SATURATION VOLTAGE (V) IC/IB = 10 0.2 25C 0.15 -55C 0.1 0.05 0 VCE(sat) = 150C 0.35 VCE(sat), COLLECTOR EMITTER SATURATION VOLTAGE (V) IC/IB = 100 0.3 0.25 0.2 0.15 0.1 0.05 0 0.001 0.01 0.1 1.0 10 VCE(sat) = 150C -55C 25C
0.001
0.01
0.1
1.0
10
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
Figure 1. Collector Emitter Saturation Voltage vs. Collector Current
800 750 700 650 150C (2.0 V) 600 550 500 25C (5.0 V) 450 400 25C (2.0 V) 350 300 -55C (5.0 V) 250 200 -55C (2.0 V) 150 100 0.001 0.01 150C (5.0 V) VBE(sat), BASE EMITTER SATURATION VOLTAGE (V) 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3
Figure 2. Collector Emitter Saturation Voltage vs. Collector Current
IC/IB = 10
hFE, DC CURRENT GAIN
-55C 25C
150C
0.1
1.0
10
0.001
0.01
0.1
1.0
10
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
Figure 3. DC Current Gain vs. Collector Current
1.0 VBE(on), BASE EMITTER TURN-ON VOLTAGE (V) 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.001 0.01 0.1 1.0 10 150C VCE = -2.0 V -55C 25C VCE, COLLECTOR-EMITTER VOLTAGE (V) 1.0 0.8 0.6 0.4 0.2 0
Figure 4. Base Emitter Saturation Voltage vs. Collector Current
10 mA 100 mA VCE (V) IC = 500 mA 300 mA
0.01
0.1
1.0
10
100
IC, COLLECTOR CURRENT (A)
IB, BASE CURRENT (mA)
Figure 5. Base Emitter Turn-On Voltage vs. Collector Current
Figure 6. Saturation Region
http://onsemi.com
3
NSS40200LT1G
325 Cibo, INPUT CAPACITANCE (pF) 300 275 250 225 200 175 150 125 100 0 1.0 2.0 3.0 4.0 5.0 6.0 Cibo (pF) Cobo, OUTPUT CAPACITANCE (pF) 100 90 80 70 60 50 40 30 20 0 5.0 10 15 20 25 30 35 Cobo (pF)
VEB, EMITTER BASE VOLTAGE (V)
VCB, COLLECTOR BASE VOLTAGE (V)
Figure 7. Input Capacitance
10 100 ms 1s 1.0 IC (A) 10 ms
Figure 8. Output Capacitance
1 ms
0.1 Thermal Limit 0.01
0.01
0.1
1.0 VCE (Vdc)
10
100
Figure 9. Safe Operating Area
http://onsemi.com
4
NSS40200LT1G
PACKAGE DIMENSIONS
SOT-23 (TO-236) CASE 318-08 ISSUE AN
D
3 SEE VIEW C
E
1 2
HE c b q 0.25
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. 318-01 THRU -07 AND -09 OBSOLETE, NEW STANDARD 318-08. MILLIMETERS NOM MAX 1.00 1.11 0.06 0.10 0.44 0.50 0.13 0.18 2.90 3.04 1.30 1.40 1.90 2.04 0.20 0.30 0.54 0.69 2.40 2.64 INCHES NOM 0.040 0.002 0.018 0.005 0.114 0.051 0.075 0.008 0.021 0.094
e
A A1 L L1 VIEW C
DIM A A1 b c D E e L L1 HE
MIN 0.89 0.01 0.37 0.09 2.80 1.20 1.78 0.10 0.35 2.10
MIN 0.035 0.001 0.015 0.003 0.110 0.047 0.070 0.004 0.014 0.083
MAX 0.044 0.004 0.020 0.007 0.120 0.055 0.081 0.012 0.029 0.104
STYLE 6: PIN 1. BASE 2. EMITTER 3. COLLECTOR
SOLDERING FOOTPRINT*
0.95 0.037 0.95 0.037
2.0 0.079 0.9 0.035 0.8 0.031
SCALE 10:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
5
NSS40200L/D


▲Up To Search▲   

 
Price & Availability of NSS40200LT1G07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X