Part Number Hot Search : 
RN2970 NCP5220 278R51 M12533DD AME8822 AP1022 DLF2000 P2600
Product Description
Full Text Search
 

To Download NSS20201MR6T1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NSS20201MR6T1G Product Preview 20 V, 3 A, Low VCE(sat) NPN Transistor
ON Semiconductor's e2 PowerEdge family of low VCE(sat) transistors are miniature surface mount devices featuring ultra low saturation voltage (VCE(sat)) and high current gain capability. These are designed for use in low voltage, high speed switching applications where affordable efficient energy control is important. Typical application are DC-DC converters and power management in portable and battery powered products such as cellular and cordless phones, PDAs, computers, printers, digital cameras and MP3 players. Other applications are low voltage motor controls in mass storage products such as disc drives and tape drives. In the automotive industry they can be used in air bag deployment and in the instrument cluster. The high current gain allows e2PowerEdge devices to be driven directly from PMU's control outputs, and the Linear Gain (Beta) makes them ideal components in analog amplifiers.
MAXIMUM RATINGS (TA = 25C)
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous Collector Current - Peak Symbol VCEO VCBO VEBO IC ICM Max 20 40 5.0 2.0 3.0 Unit V V V A A 6 5 4 3
http://onsemi.com
20 VOLTS 3.0 AMPS NPN LOW VCE(sat) TRANSISTOR EQUIVALENT RDS(on) 100 mW
COLLECTOR 1, 2, 5, 6 3 BASE 4 EMITTER
1
2
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation TA = 25C Derate above 25C Thermal Resistance, Junction-to-Ambient Total Device Dissipation TA = 25C Derate above 25C Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Lead #1 Total Device Dissipation (Single Pulse < 10 s) Junction and Storage Temperature Range Symbol PD (Note 1) Max 535 4.3 RqJA (Note 1) PD (Note 2) 234 1.180 9.4 RqJA (Note 2) RqJL (Note 1) RqJL (Note 2) PDsingle (Note 2) TJ, Tstg 106 110 50 1.75 -55 to +150 Unit mW mW/C C/W W mW/C C/W C/W C/W W
d
CASE 318G TSOP-6 STYLE 6
DEVICE MARKING
VS0
VS0= Specific Device Code = Date Code
ORDERING INFORMATION
C Device NSS20201MR6T1G Package Shipping
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. FR-4 with 1 oz and 3.9 mm2 of copper area. 2. FR-4 with 1 oz and 645 mm2 of copper area.
This document contains information on a product under development. ON Semiconductor reserves the right to change or discontinue this product without notice.
TSOP-6 3000/Tape & Reel (Pb-Free)
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
(c) Semiconductor Components Industries, LLC, 2005
1
June, 2005 - Rev. P1
Publication Order Number: NSS20201MR6/D
NSS20201MR6T1G
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Collector -Emitter Breakdown Voltage (IC = 10 mA, IB = 0) Collector-Base Breakdown Voltage (IC = 0.1 mA, IE = 0) Emitter -Base Breakdown Voltage (IE = 0.1 mA, IC = 0) Collector Cutoff Current (VCB = 40 V, IE = 0) Collector-Emitter Cutoff Current (VCES = 20 V) Emitter Cutoff Current (VEB = 5.0 V) ON CHARACTERISTICS DC Current Gain (Note 3) (IC = 1.0 mA, VCE = 5.0 V) (IC = 0.5 A, VCE = 5.0 V) (IC = 1.0 A, VCE = 5.0 V) Collector -Emitter Saturation Voltage (Note 3) (IC = 1.0 A, IB = 100 mA) (IC = 0.5 A, IB = 50 mA) (IC = 0.1 A, IB = 10 mA) Base -Emitter Saturation Voltage (Note 3) (IC = 1.0 A, IB = 0.1 A) Base -Emitter Turn-on Voltage (Note 3) (IC = 1.0 A, VCE = 2.0 V) Cutoff Frequency (IC = 100 mA, VCE = 5.0 V, f = 100 MHz Output Capacitance (f = 1.0 MHz) 3. Pulsed Condition: Pulse Width 300 msec, Duty Cycle 2%. hFE 300 300 200 VCE(sat) - - - VBE(sat) - VBE(on) - fT 200 Cobo - - 15 - - pF - 0.90 MHz - 0.95 V - - - 0.150 0.100 0.025 V - - - - - - V V(BR)CEO 20 V(BR)CBO 40 V(BR)EBO 5.0 ICBO - ICES - IEBO - 0.1 - 0.1 mA - 0.1 mA - - mA - - V - - V V Symbol Min Typ Max Unit
http://onsemi.com
2
NSS20201MR6T1G
PACKAGE DIMENSIONS
TSOP-6 CASE 318G-02 ISSUE N
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. DIMENSIONS A AND B DO NOT INCLUDE MOLD FLASH, PROTRUSIONS, OR GATE BURRS. MILLIMETERS DIM MIN MAX A 2.90 3.10 B 1.30 1.70 C 0.90 1.10 D 0.25 0.50 G 0.85 1.05 H 0.013 0.100 J 0.10 0.26 K 0.20 0.60 L 1.25 1.55 M 0_ 10 _ S 2.50 3.00 STYLE 6: PIN 1. COLLECTOR 2. COLLECTOR 3. BASE 4. EMITTER 5. COLLECTOR 6. COLLECTOR INCHES MIN MAX 0.1142 0.1220 0.0512 0.0669 0.0354 0.0433 0.0098 0.0197 0.0335 0.0413 0.0005 0.0040 0.0040 0.0102 0.0079 0.0236 0.0493 0.0610 0_ 10 _ 0.0985 0.1181
A L
6 5 1 2 4 3
S
B
D G M 0.05 (0.002) H C K J
SOLDERING FOOTPRINT*
2.4 0.094
1.9 0.075
0.95 0.037 0.95 0.037
0.7 0.028 1.0 0.039
SCALE 10:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
3
NSS20201MR6T1G
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
4
NSS20201MR6/D


▲Up To Search▲   

 
Price & Availability of NSS20201MR6T1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X