Part Number Hot Search : 
11080 LX220 SMCJ1 25NF10 SMCJ1 NMU2006H AAT31 TA7733
Product Description
Full Text Search
 

To Download NSRZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Miniature Aluminum Electrolytic Capacitors
LOW IMPEDANCE, SUBMINIATURE, RADIAL LEADS, POLARIZED ALUMINUM ELECTROLYTIC CAPACITORS FEATURES
* VERY LOW IMPEDANCE AT HIGH FREQ AND HIGH RIPPLE CURRENT * 5mm HEIGHT, LOW PROFILE * SUITABLE FOR DC-DC CONVERTER OR DC-AC INVERTER
NSRZ Series
CHARACTERISTICS
Rated Voltage Range Rated Capacitance Range Operating Temperature Range Max. Leakage Current After 1 minute At 20oC Surge Voltage & Max. Tan Low Temperature Stability (Impedance Ratio At 120Hz) Load Life Test 105oC 1,000 Hours 6.3 ~ 35Vdc 0.47 ~ 180F -55~+105OC 0.01CV or 3A, whichever is greater W.V. (Vdc) S.V. (Vdc) Tan at 120Hz/20oC W.V. (Vdc) Z-40oC/Z+20oC Z-55oC/Z+20oC Capacitance Change Tan Leakage Current
includes all homogeneous materials *See Part Number System for Details
RoHS Compliant
6.3 8 0.24 6.3 3 5
10 16 25 35 13 20 32 44 0.20 0.16 0.14 0.12 10 16 25 35 2 2 2 2 4 4 3 3 Within + 25% of initial measured value Less than 200% of specified value Less than specified value
STANDARD PRODUCTS, CASE SIZES AND SPECIFICATIONS D x L (mm)
W.V. (Vdc) 6.3 Cap (F) 27 56 100 180 18 33 68 120 12 22 47 68 120 8.2 15 22 33 47 4.7 8.2 10 15 22 33 Code 270 560 101 181 180 330 680 121 120 220 470 680 121 8R2 150 220 330 470 4R7 8R2 100 150 220 330 Case Size D xLmm 4x5 5x5 6.3x5 6.3x5 4x5 5x5 6.3x5 6.3x5 4x5 5x5 6.3x5 6.3x5 6.3x5 4x5 5x5 5x5 6.3x5 6.3x5 4x5 4x5 5x5 5x5 5x5 6.3x5 Max. Z() Max. Ripple Current (mA) 100KHz & 20oC 10K-500KHz & 105oC 1.80 80 0.76 150 0.44 230 0.47 230 1.80 80 0.76 150 0.44 230 0.47 230 1.80 80 0.81 150 0.44 230 0.44 230 0.47 230 1.80 80 0.81 150 0.81 150 0.44 230 0.47 230 1.80 80 1.80 80 0.81 150 0.81 150 0.81 150 0.44 230
PART NUMBER SYSTEM
NSRZ 220 M 35V 5x5 TB F
10
RoHS Compliant Tape and Box Size (D x L) Rated Voltage Tolerance Code Capacitance Code
Series
16
LEAD SPACING AND DIAMETER (mm)
Case Dia. (D) Leads Dia. (d) Lead Spacing (F) Dim. Dim. 4 0.45 1.5 0.5 1.0 5 0.45 2.0 0.5 1.0 6.3 0.45 2.5 0.5 1.0
25
35
Polarity Marking
Insulation Sleeve
d 0.05
F 0.5
L + max.
15mm Min.
4mm Min.
D
(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
105


▲Up To Search▲   

 
Price & Availability of NSRZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X