Part Number Hot Search : 
2EZ24D5 2SA19 C4IDC JPM160 LSM6DSM 4PH100 PM070WX9 TGH13A
Product Description
Full Text Search
 

To Download NSRNR47M63V63X5TBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Non-Polar Aluminum Electrolytic Capacitors
LOW PROFILE, SUB-MINIATURE, RADIAL LEADS, NON-POLAR ALUMINUM ELECTROLYTIC FEATURES * BI-POLAR * 5mm HEIGHT / LOW PROFILE CHARACTERISTICS
Rated Voltage Range Rated Capacitance Range Operating Temperature Range Max. Leakage Current After 1 minute At 20oC Surge Voltage & Max. Tan 6.3 ~ 50Vdc 0.1 ~ 47F -40~+85OC 0.03CV + 6A, whichever is greater W.V. (Vdc) S.V. (Vdc) Tan at 120Hz/20oC W.V. (Vdc) Z-25oC/Z+20oC Z-40oC/Z+20oC Capacitance Change Tan Leakage Current 6.3 8 0.24 6.3 4 8 10 13 0.22 10 3 6 16 20 0.20 16 2 4 25 32 0.20 25 2 4 35 44 0.20 35 2 3 50 63 0.18 50 2 3
NSRN Series
includes all homogeneous materials *See Part Number System for Details
RoHS Compliant
Low Temperature Stability (Impedance Ratio At 120Hz) Load Life Test 85oC 1,000 Hours (reversing polarity every 250 hours)
Within + 25% of initial measured value Less than 200% of specified value Less than specified value
MAXIMUM PERMISSIBLE RIPPLE CURRENT (mA rms AT 120Hz AND 85oC )

MAXIMUM E.S.R. ( AT 120Hz AND 20oC)

STANDARD PRODUCT AND CASE SIZE TABLE D x L (mm)

LEAD SPACING AND DIAMETER (mm)
Case Dia. (D ) Lead Space (F) Lead Dia. (d ) 4 1.5 0.45 5 2.0 0.45
d 0.05
6.3 2.5 0.45
Insulation Sleeve
F 0.5
L + 1mm max.
15mm Min.
4mm Min.
D 0.5
PART NUMBER SYSTEM NSRN 100 M 16V 5X5 F..............
(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
RoHS Compliant Case Size (D x L) Working Voltage (Vdc) Tolerance Code (M=20%) Capacitance Code: First 2 characters significant, third character is multiplier
Series
62
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com


▲Up To Search▲   

 
Price & Availability of NSRNR47M63V63X5TBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X