|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
No. STSE-CW2111A SPECIFICATIONS FOR NICHIA WHITE LED MODEL : NSPW510BS NICHIA CORPORATION -0- Nichia STSE-CW2111A Symbol IF IFP VR PD Topr Tstg Tsld Absolute Maximum Rating 30 100 5 120 -30 ~ + 85 -40 ~ +100 265C for 10sec. (Ta=25C) Unit mA mA V mW C C IFP Conditions : Pulse Width < 10msec. and Duty < 1/10 = = (2) Initial Electrical/Optical Characteristics Item Symbol Forward Voltage VF Reverse Current IR Rank S Iv Luminous Intensity Rank R Iv Rank Q Iv Condition IF=20[mA] VR= 5[V] IF=20[mA] IF=20[mA] IF=20[mA] Min. 2060 1500 1030 Typ. 3.6 2500 1800 1250 (Ta=25C) Max. Unit 4.0 V 50 A 3000 mcd 2060 mcd 1500 mcd ! Measurement Uncertainty of the Luminous Intensity : 10% Color Ranks x y x y 0.280 0.248 0.296 0.276 Rank a0 0.264 0.283 0.267 0.305 Rank b2 0.287 0.330 0.295 0.339 0.296 0.276 0.330 0.318 x y x y 0.287 0.295 0.330 0.318 (IF=20mA,Ta=25C) Rank b1 0.283 0.330 0.330 0.305 0.360 0.339 Rank c0 0.330 0.361 0.360 0.385 0.356 0.351 ! Measurement Uncertainty of the Color Coordinates : 0.01 ! One delivery will include up to two consecutive color ranks and three luminous intensity ranks of the products. The quantity-ratio of the ranks is decided by Nichia. 2.TYPICAL INITIAL OPTICAL/ELECTRICAL CHARACTERISTICS Please refer to figure's page. 3.OUTLINE DIMENSIONS AND MATERIALS Please refer to figure's page. Material as follows ; Resin(Mold) : Leadframe : Epoxy Resin (over YAG Phosphor) Ag plating Copper Alloy -1- Nichia STSE-CW2111A 4.PACKAGING * The LEDs are packed in cardboard boxes after packaging in anti-electrostatic bags. According to the total delivery amount, cardboard boxes will be used to protect the LEDs from mechanical shocks during transportation. Please refer to figure's page. The label on the minimum packing unit bag shows; Part Number, Lot Number, Ranking, Quantity * The boxes are not water resistant and therefore must be kept away from water and moisture. 5.LOT NUMBER The first six digits number shows lot number. The lot number is composed of the following characters; "#$$$$ - !% " - Year ( 1 for 2001, 2 for 2002 ) # - Month ( 1 for Jan., 9 for Sep., A for Oct., $$$$ - Nichia's Product Number ! - Ranking by Color Coordinates % - Ranking by Luminous Intensity B for Nov.) -2- Nichia STSE-CW2111A 6.RELIABILITY (1) TEST ITEMS AND RESULTS Test Item Resistance to Soldering Heat Solderability Thermal Shock Temperature Cycle Moisture Resistance Cyclic Terminal Strength (bending test) Terminal Strength (pull test) High Temperature Storage Temperature Humidity Storage Low Temperature Storage Steady State Operating Life Steady State Operating Life of High Humidity Heat Steady State Operating Life of Low Temperature Standard Test Method JEITA ED-4701 300 302 JEITA ED-4701 300 303 JEITA ED-4701 300 307 JEITA ED-4701 100 105 JEITA ED-4701 200 203 JEITA ED-4701 400 401 JEITA ED-4701 400 401 JEITA ED-4701 200 201 JEITA ED-4701 100 103 JEITA ED-4701 200 202 Test Conditions Tsld=260 5C, 10sec. 3mm from the base of the epoxy bulb Tsld=235 5C, (using flux) 0C ~ 100C 15sec. 15sec. -40C ~ 25C ~ 100C ~ 25C 30min. 5min. 30min. 5min. 25C ~ 65C ~ -10C 90%RH 24hrs./1cycle Load 5N (0.5kgf) 0 ~ 90 ~ 0 bend 2 times Load 10N (1kgf) 10 1 sec. Ta=100C Ta=60C, RH=90% Ta=-40C Ta=25C, IF=30mA 60C, RH=90%, IF=20mA Ta=-30C, IF=20mA 5sec. Note 1 time 1 time over 95% 100 cycles 100 cycles 10 cycles No noticeable damage No noticeable damage 1000hrs. 1000hrs. 1000hrs. 1000hrs. 500hrs. 1000hrs. Number of Damaged 0/100 0/100 0/100 0/100 0/100 0/100 0/100 0/100 0/100 0/100 0/100 0/100 0/100 (2) CRITERIA FOR JUDGING THE DAMAGE Item Symbol Test Conditions Forward Voltage VF IF=20mA U.S.L.*)! 1.1 Reverse Current IR VR=5V U.S.L.*)! 2.0 Luminous Intensity IV IF=20mA L.S.L.**)! 0.7 *) U.S.L. : Upper Standard Level **) L.S.L. : Lower Standard Level Criteria for Judgement Min. Max. -3- Nichia STSE-CW2111A 7.CAUTIONS White LEDs are devices which are materialized by combining Blue LEDs and special phosphors. Consequently, the color of White LEDs is changed a little by an operating current. Care should be taken after due consideration when using LEDs. (1) Lead Forming * When forming leads, the leads should be bent at a point at least 3mm from the base of the epoxy bulb. Do not use the base of the leadframe as a fulcrum during lead forming. * Lead forming should be done before soldering. * Do not apply any bending stress to the base of the lead. The stress to the base may damage the characteristics or it may break the LEDs. * When mounting the LEDs onto a printed circuit board, the holes on the circuit board should be exactly aligned with the leads of the LEDs. If the LEDs are mounted with stress at the leads, it causes deterioration of the epoxy resin and this will degrade the LEDs. (2) Storage * The LEDs should be stored at 30C or less and 70%RH or less after being shipped from Nichia and the storage life limits are 3 months. If the LEDs are stored for 3 months or more, they can be stored for a year in a sealed container with a nitrogen atmosphere and moisture absorbent material. * Nichia LED leadframes are comprised of a silver plated copper alloy. The silver surface may be affected by environments which contain corrosive gases and so on. Please avoid conditions which may cause the LED to corrode, tarnish or discolor. This corrosion or discoloration may cause difficulty during soldering operations. It is recommended that the LEDs be used as soon as possible. * Please avoid rapid transitions in ambient temperature, especially, in high humidity environments where condensation can occur. (3) Static Electricity * Static electricity or surge voltage damages the LEDs. It is recommended that a wrist band or an anti-electrostatic glove be used when handling the LEDs. * All devices, equipment and machinery must be properly grounded. It is recommended that measures be taken against surge voltage to the equipment that mounts the LEDs. * When inspecting the final products in which LEDs were assembled, it is recommended to check whether the assembled LEDs are damaged by static electricity or not. It is easy to find static-damaged LEDs by a light-on test or a VF test at a lower current (below 1mA is recommended). * Damaged LEDs will show some unusual characteristics such as the leak current remarkably increases, the forward voltage becomes lower, or the LEDs do not light at the low current. Criteria : (VF > 2.0V at IF=0.5mA) -4- Nichia STSE-CW2111A Pre-Heat Pre-Heat Time Solder Bath Temperature Dipping Time Dipping Position Dip Soldering 100C Max. 60 seconds Max. 260C Max. 10 seconds Max. No lower than 3 mm from the base of the epoxy bulb. Temperature Soldering Time Position Soldering 300C Max. 3 seconds Max. No closer than 3 mm from the base of the epoxy bulb. * Do not apply any stress to the lead particularly when heated. * The LEDs must not be repositioned after soldering. * After soldering the LEDs, the epoxy bulb should be protected from mechanical shock or vibration until the LEDs return to room temperature. * Direct soldering onto a PC board should be avoided. Mechanical stress to the resin may be caused from warping of the PC board or from the clinching and cutting of the leadframes. When it is absolutely necessary, the LEDs may be mounted in this fashion but the User will assume responsibility for any problems. Direct soldering should only be done after testing has confirmed that no damage, such as wire bond failure or resin deterioration, will occur. Nichia's LEDs should not be soldered directly to double sided PC boards because the heat will deteriorate the epoxy resin. * When it is necessary to clamp the LEDs to prevent soldering failure, it is important to minimize the mechanical stress on the LEDs. * Cut the LED leadframes at room temperature. Cutting the leadframes at high temperatures may cause failure of the LEDs. (5) Heat Generation * Thermal design of the end product is of paramount importance. Please consider the heat generation of the LED when making the system design. The coefficient of temperature increase per input electric power is affected by the thermal resistance of the circuit board and density of LED placement on the board, as well as other components. It is necessary to avoid intense heat generation and operate within the maximum ratings given in this specification. * The operating current should be decided after considering the ambient maximum temperature of LEDs. (6) Cleaning * It is recommended that isopropyl alcohol be used as a solvent for cleaning the LEDs. When using other solvents, it should be confirmed beforehand whether the solvents will dissolve the resin or not. Freon solvents should not be used to clean the LEDs because of worldwide regulations. * Do not clean the LEDs by the ultrasonic. When it is absolutely necessary, the influence of ultrasonic cleaning on the LEDs depends on factors such as ultrasonic power and the assembled condition. Before cleaning, a pre-test should be done to confirm whether any damage to the LEDs will occur. -5- Nichia STSE-CW2111A -6- Nichia STSE-CW2111A ICI Chromaticity Diagram 0.9 520 530 0.8 510 0.7 550 540 560 0.6 570 500 0.5 580 590 0.4 600 y b1 0.3 490 c0 b2 610 620 630 a0 0.2 0.1 480 470 460 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0 x -7- ! Forward Voltage vs. Forward Current 200 Forward Current IFP (mA) 100 50 20 10 5 Ta=25C ! Forward Current vs. Relative Luminosity 4.0 Relative Luminosity (a.u.) 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 0 20 40 60 80 100 120 Forward Current IFP (mA) Ta=25C ! Duty Ratio vs. Allowable Forward Current Allowable Forward Current IFP (mA) 200 Ta=25C 100 50 30 20 10 1 1 2.5 3.0 3.5 4.0 4.5 5.0 Forward Voltage VF (V) 5 10 20 50 100 Duty Ratio (%) ! Ambient Temperature vs. Forward Voltage 5.4 Forward Voltage VF (V) 5.0 4.6 4.2 3.8 3.4 3.0 2.6 -40 -20 0 20 40 60 80 100 Ambient Temperature Ta (C) IFP=60mA IFP=20mA IFP=5mA ! Ambient Temperature vs. Relative Luminosity 2.0 Relative Luminosity (a.u.) IFP=20mA 1.0 ! Ambient Temperature vs. Allowable Forward Current Allowable Forward Current IF (mA) 40 30 20 10 0 -8- 0.5 0.2 -40 -20 0 20 40 60 80 100 Ambient Temperature Ta (C) 0 20 40 60 80 100 Ambient Temperature Ta (C) Nichia Model NSPWxxxx STSE-CW2111A NICHIA CORPORATION Title TYP.CHARACTERISTICS No. 011210110251 ! Forward Current vs. Chromaticity Coordinate 0.35 0.34 1mA ! Spectrum Relative Emission Intensity (a.u.) 1.2 1 0.8 0.6 0.4 0.2 0 350 450 550 650 Wavelength (nm) 750 Ta=25C IF=20mA Ta=25C 0.33 5mA 20mA 50mA 100mA y 0.32 0.31 x ! Ambient Temperature vs. Chromaticity Coordinate 0.35 IFP=20mA 0.34 0.33 -30C 0C 25C 50C 85C 0.30 0.29 0.30 0.31 0.32 0.33 0.34 ! Directivity (NSPW510B(S)) 1 Relative Luminosity (a.u.) 0 Ta=25C IF=20mA X-X Y-Y 10 20 30 40 50 60 70 80 y -9- 0.5 0.32 0.31 0.30 0.29 0.30 0.31 0.32 0.33 0.34 x 0 90 60 30 Radiation Angle 0 0.5 1 90 Nichia STSE-CW2111A Model NSPW510B(S) NICHIA CORPORATION Title TYP.CHARACTERISTICS No. 011210110311 Cathode (2.5) ! 0.5 0.05 Anode 1.5MAX. 1.1 5 5.3 Stopper 1 5.6 -10ITEM RESIN LEAD FRAME 7.3 8.3 12.1 0.5 0.3 0.3 (2) 28.6 1 1 MATERIALS Epoxy Resin (over YAG Phosphor) Ag Plating Copper Alloy Remark: Bare copper alloy is exposed at tie-bar portion after cutting. The lamps have sharp and hard points that may injure human eyes or fingers etc., so please pay enough care in the handling. Nichia STSE-CW2111A Model NSPW510BS Unit mm 3/1 Scale Allow 0.2 NICHIA CORPORATION Title No. OUTLINE DIMENSIONS 010817104981 Cardboard NICHIA Anti-electrostatic bag XXXX LED TYPE LOT QTY NxPxxxxxx xxxxxx-!# pcs NICHIA CORPORATION 491OKA,KAMINAKA,ANAN,TOKUSHIMA,JAPAN The quantity is printed on this bag. CAUTION TO ELECTROSTATIC DAMAGE Label NICHIA XXXX LED -11- Cardboard TYPE QTY NxPxxxxxx PCS NICHIA CORPORATION 491 OKA, KAMINAKA, ANAN, TOKUSHIMA, JAPAN " Put this label on the cardboard box. Nichia STSE-CW2111A Cardboard box 360!135!215!4t " One box contains 8 bags at maximum. Model NxPxxxxxx PACKING 020723201101 NICHIA CORPORATION Title No. Cardboard Anti-electrostatic bag NICHIA XXXX LED TYPE LOT QTY NxPxxxxxx xxxxxx-!# pcs NICHIA CORPORATION 491OKA,KAMINAKA,ANAN,TOKUSHIMA,JAPAN The quantity is printed on this bag. CAUTION TO ELECTROSTATIC DAMAGE Cardboard box A Label NICHIA XXXX LED TYPE QTY NxPxxxxxx PCS -12Cardboard Cardboard box B 360!135!215!4t " The cardboard box B contains 2 cardboard box A at maximum. NICHIA CORPORATION 491 OKA, KAMINAKA, ANAN, TOKUSHIMA, JAPAN " Put this label on the cardboard box B. Nichia STSE-CW2111A Model NxPxxxxxx PACKING 020723201111 NICHIA CORPORATION Title No. Cardboard Anti-electrostatic bag NICHIA XXXX LED TYPE LOT QTY NxPxxxxxx xxxxxx-!# pcs NICHIA CORPORATION 491OKA,KAMINAKA,ANAN,TOKUSHIMA,JAPAN The quantity is printed on this bag. CAUTION TO ELECTROSTATIC DAMAGE Label -13" One box contains 20 bags at maximum. Cardboard NICHIA XXXX LED TYPE QTY NxPxxxxxx PCS NICHIA CORPORATION 491 OKA, KAMINAKA, ANAN, TOKUSHIMA, JAPAN Cardboard box 425!135!355!4t " Put this label on the cardboard box. Nichia STSE-CW2111A Model NxPxxxxxx PACKING 020723201121 NICHIA CORPORATION Title No. Cardboard NICHIA Anti-electrostatic bag XXXX LED TYPE LOT QTY NxPxxxxxx xxxxxx-!# pcs NICHIA CORPORATION Cardboard box A The quantity is printed on this bag. 491OKA,KAMINAKA,ANAN,TOKUSHIMA,JAPAN CAUTION TO ELECTROSTATIC DAMAGE Label -14Cardboard Cardboard box B 425!135!355!4t NICHIA XXXX LED TYPE QTY NxPxxxxxx PCS NICHIA CORPORATION 491 OKA, KAMINAKA, ANAN, TOKUSHIMA, JAPAN " Put this label on the cardboard box B. Nichia STSE-CW2111A Model NxPxxxxxx PACKING 020723201131 NICHIA CORPORATION " The cardboard box B contains 4 cardboard box A at maximum. Title No. |
Price & Availability of NSPW510BS |