Part Number Hot Search : 
5602M 440LF0 TLV16 KIA78R AP18P10 TC74HCT MC14081B AS8413
Product Description
Full Text Search
 

To Download NSAM2CZ79VDC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NSAM
23.1x17.2x16.2 Features
Switching capacity up to 20A. PC board mounting. Suitable for automobile auxiliary.
Ordering Information
NSAM 2C S 15
1 2 3 4
12VDC
5 3 EnclosureS: Sealed typeZ: Dust cover 4 Contact Current7A,10A,15A,20A 5 Coil rated Voltage(V)DC:3,5,6,9,12,18,24
1 Part numberNSAM 2 Contact arrangement2A:2A2C:2C
Contact Data
Contact Arrangement Contact Material Contact Rating (resistive) Max. Switching Power Max. Switching Voltage Contact Resistance or Voltage drop Operation Electrical life Mechanical 2A DPSTNO f2C DPDT(B-M) Ag SnO2 NO: 15A,20A/15VDC, 10A,15A/24VDC,125VAC ; NC: 10A,15A/15VDC,125VAC; 7A,10A/24VDC 300W 2000VA 30VDC 220VAC Max. Switching Current:20A 50m Item 3.12 of IEC255-7 105 Item 3.30 of IEC255-7 107 Item 3.31 of IEC255-7
Coil Parameter
Coil voltage VDC Pickup voltage VDC(max) (75%of rated voltage ) 3.75 4.50 6.75 9.00 13.5 18.0 release voltage VDC(min) (5% of rated voltage) 0.25 0.30 0.45 0.60 0.90 1.20 0.45 10 5
Dash numbers
Coil resistance 10%
Coil power consumption W
Operate Time ms
Release Time ms
Rated 005-450 006-450 009-450 012-450 018-450 024-450 5 6 9 12 18 24
Max. 6.5 7.8 11.7 15.6 23.4 31.2 56 80 180 320 720 1280
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
123
www.dblectro.com
NSAM
Operation condition
Insulation Resistance Dielectric Strength Between contacts Between contact and coil Shock resistance Vibration resistance Terminals strength Solderability Ambient Temperature Relative Humidity Mass 100M min (at 500VDC) Item 7 of IEC255-5 Item 6 Item 6 1.5mm of IEC255-5 of IEC255-5
50Hz 500V 50Hz 1000V 100m/s2 11ms 10~55Hz double amplitude 5N 235x2 3x0.5s -30~80 85% (at 45) 15g
IEC68-2-27 Test Ea IEC68-2-6 Test Fc IEC68-2-21 Test Ua1 IEC68-2-20 Test Ta method 1 IEC68-2-3Test Ca
Qualification inspection:
Perform the qualification test as specified in the table of IEC255-19-1 and minimum sample size 24.
Dimensions (Unit: mm) mm 0.4 1.0 1.2 1.25 1.3 2.6 3.0 3.5 4.0 5.3 6.0 6.1 8.0 11 11.6 16.2 17.2 23.1
>acCa
Dimensions
Mounting (Bottom views)
2C
2A
Wiring diagram(Bottom views)
0.016 0.039 0.047 0.049 0.051 0.102 0.118 0.138 0.157 0.209 0.236 0.240 0.315 0.433 0.457 0.638 0.677 0.909
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
Reference Data
www.dblectro.com


▲Up To Search▲   

 
Price & Availability of NSAM2CZ79VDC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X