Part Number Hot Search : 
HT84XXX LT1076CT PSOT03LC BZT52B H5004NL 20D10 10600 KH472M
Product Description
Full Text Search
 

To Download NRWAR47M63V8X20TBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Miniature Aluminum Electrolytic Capacitors
RADIAL LEADS, POLARIZED, STANDARD SIZE, EXTENDED TEMPERATURE FEATURES * REDUCED CASE SIZING * -55C ~ +105C OPERATING TEMPERATURE * HIGH STABILITY OVER LONG LIFE
EX TEND ED TEM PER ATURE
NRWA Series
includes all homogeneous materials *See Part Number System for Details
RoHS Compliant
NRWA
(today's standard)
(reduced sizes)
NRWS
CHARACTERISTICS






MAXIMUM E.S.R. ( AT 120Hz AND 20OC)


MAXIMUM RIPPLE CURRENT (mA rms AT 120Hz AND 105oC)










(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
63
Miniature Aluminum Electrolytic Capacitors
RIPPLE CURRENT CORRECTION FACTOR
1. Temperature Factor
Correction Rate
Ambient Temperature (oC)
NRWA Series
+65 1.60
+75
+85
+105
PART NUMBERING SYSTEM
NRWA 221 M 50V 10x16 TR F
RoHS Compliant Tape and Reel* Size (D x L) Rated Voltage Tolerance Code Capacitance Code
1.40
1.40
1.00
2. Frequency Factor
Frequency (Hz)
50
120
300
1K
10K
100K
0.47 ~ 3.3F 4.7 ~ 33F 47 ~ 1000F 2200 ~ 10000F
0.65 0.75 0.80 0.85
1.00 1.00 1.00 1.00
1.35 1.25 1.15 1.03
1.75 1.50 1.30 1.05
2.30 1.75 1.40 1.08
2.50 1.80 1.50 1.08
Series
*see tape specification for details
STANDARD PRODUCT AND CASE SIZE TABLE D x L (mm)














LEAD SPACING AND DIAMETER (mm)
Polarity Marking
Insulation Sleeve
d 0.05
Case Dia. (D)
Leads Dia. (d) Lead Spacing (F) Dim.
5
0.5 2.0 0.5
6.3
0.5 2.5 0.5
8
0.6 3.5 0.5
10
0.6 5.0 0.5
12.5
0.6 5.0 0.5
16
0.8 7.5 0.5
18
0.8 7.5 0.5
F 0.5
L + max.
15mm Min.
4mm Min.
D
= L < 20mm = 1.5mm, L > 20mm = 2.0mm
(R)
64
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com


▲Up To Search▲   

 
Price & Availability of NRWAR47M63V8X20TBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X