Part Number Hot Search : 
A393F MJ160 CIRCC 90N06 GN04017N 1R5MC OV7661 2N3887
Product Description
Full Text Search
 

To Download NRSJ681M63V8X20TBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Miniature Aluminum Electrolytic Capacitors
ULTRA LOW IMPEDANCE AT HIGH FREQUENCY, RADIAL LEADS FEATURES * VERY LOW IMPEDANCE * LONG LIFE AT 105C (2000 hrs.) includes all homogeneous materials * HIGH STABILITY AT LOW TEMPERATURE
NRSJ Series
RoHS Compliant
CHARACTERISTICS
Rated Voltage Range Capacitance Range Operating Temperature Range Capacitance Tolerance Maximum Leakage Current After 2 Minutes at 20C Max. Tan at 120Hz/20C Low Temperature Stability Impedance Ratio @ 120Hz Load Life Test at Rated W.V. 105C 2,000 Hrs. 6.3 ~ 50Vdc 100 ~ 2,700F -25 ~ +105C 20% (M) 0.01CV or 3A whichever is greater W.V. (Vdc) S.V. (Vdc) C < 1,500F C = 2,200F ~ 2,700F Z-25C/Z+20C Capacitance Change Tan Leakage Current
*See Part Number System for Details
6.3 8 0.22 0.24 3
10 13 0.19 0.21 3
16 20 0.16 0.18 3
25 32 0.14 0.16 3
35 44 0.12 3
50 63 0.10 3
Within 25% of initial measured value Less than 200% of specified value Less than specified value
MAXIMUM IMPEDANCE ( AT 100KHz/20C)
Cap (F) 100 121 150 180 220 270 6.3 10 Working Voltage (Vdc) 16 25 35 0.030 0.032 0.030 0.025 0.032 0.025 0.018 0.027 0.020 0.020 0.022 0.016 0.018 0.018 0.027 0.020 0.020 0.022 0.016 0.018 50 0.046 0.049 0.036 0.039 0.023 0.026 0.025 0.029 0.021 0.023 -
MAXIMUM RIPPLE CURRENT (mA AT 100KHz/105C)
Cap (F) 100 121 150 180 220 270 6.3 10 Working Voltage (Vdc) 16 25 35 1110 1080 1110 1440 1080 140 1820 1390 1920 1720 1830 2180 2060 1820 1390 1920 1720 1830 2180 2060 50 920 890 1230 1180 1680 1720 1610 1630 1980 1800 -
330 390 470 560 680
0.030 0.030 0.025 0.016 0.025 0.018 0.016 0.018 0.013 0.013
0.030 0.032 0.025 0.016 0.025 0.018 0.016 0.018 0.013 0.013 -
0.030 0.032 0.025 0.016 0.025 0.018 0.016 0.018 0.013 0.013
330 390 470 560 680
1140 1140 1540 1870 1540 2000 1870 2000 2550 2550
1140 1140 1540 1870 1540 2000 1870 2000 2550 2550 -
1140 1140 1540 1870 1540 2000 1870 2000 2550 2550
1000
-
-
1000
-
-
1500
-
-
-
1500
-
-
-
2200 2700
-
-
-
-
2200 2700
-
-
-
-
(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
109
Miniature Aluminum Electrolytic Capacitors
STANDARD PRODUCT AND CASE SIZE TABLE D x L (mm)
Cap (F) 100 121 150 180 220 270 Code 101 121 151 181 22 271 Working Voltage (Vdc) 16 25 35 50 8x11.5 8x11.5 8x11.5 10x12.5 10x12.5 8x11.5 8x20 8x11.5 10x12.5 10x16 8x20 10x16 10x20 8x11.5 8x20 8x11.5 10x12.5 10x12.5 10x20 10x16 8x20 10x16 8x11.5 8x20 8x11.5 10x12.5 10x12.5 10x20 10x16 8x11.5 10x20 8x11.5 8x20 8x20 10x12.5 10x12.5 10x16 10x16 10x20 8x11.5 8x20 8x20 10x12.5 10x12.5 10x16 10x20 10x16 10x20 8x20 8x20 10x12.5 10x16 10x20 10x16 10x20 8x20 10x16 10x20 10x20 10x20 6.3 10 -
NRSJ Series
330 390 470 560 680
331 291 471 561 681
1000
102
1500
152
2200 2700
222 272
DIAMETER AND LEADSPACE (mm)
Case Dia. (D) Lead Dia. (d) Lead Spacing (F) Dim. 8 0.6 3.5 0.5 10 0.6 5.0 0.5
Polarity Marking
Insulation Sleeve
d 0.05
F 0.5
= L < 16mm = 1.5mm, L > 20mm = 2.0mm
L + max.
15mm Min.
4mm Min.
D
PART NUMBER SYSTEM
NRSJ 102 M 25V 10x20 TB F
RoHS Compliant Tape and Box* Size (D x L) Rated Voltage Tolerance Code Capacitance Code
Series
*see tape specification for details
(R)
110
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com


▲Up To Search▲   

 
Price & Availability of NRSJ681M63V8X20TBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X