Part Number Hot Search : 
YSS915 TC622VOA 991505 H78L12BM 2SD1214 AE9937 A301RU 2805D
Product Description
Full Text Search
 

To Download NRSH822M63V8X20F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Miniature Aluminum Electrolytic Capacitors
HIGH TEMPERATURE, EXTENDED LOAD LIFE, RADIAL LEADS, POLARIZED FEATURES * IMPROVED ENDURANCE AT HIGH TEMPERATURE (up to 10,000HRS @ 105C) * LOW IMPEDANCE & HIGH RIPPLE CURRENT RATINGS includes all homogeneous materials * NEW REDUCED SIZES
NRSH Series
RoHS Compliant
CHARACTERISTICS
Rated Voltage Range Capacitance Range Operating Temperature Range Capacitance Tolerance Maximum Leakage Current After 2 minutes W.V. (Vdc) S.V. (Vdc) C < 1,000F C = 1,200F C = 1,500F C = 2,200F C = 2,700F Max. Tan at 120Hz/20C C = 3,300F C = 3,900F C = 4,700F C = 5,600F C = 6,800F C = 8,200F Z-25C/Z+20C Low Temperature Stability Impedance Ratio @ 120Hz Z-40C/Z+20C Duration Capacitance Load Life Test @ 105C Tan LC
*See Part Number System for Details 6.3 ~ 50VDC 27 ~ 8,200F -40C ~ +105C 20% (M) 0.01CV or 3A whichever is greater 6.3 10 16 25 35 50 8 13 20 32 44 63 0.22 0.19 0.16 0.14 0.12 0.10 0.22 0.19 0.16 0.14 0.12 0.22 0.19 0.16 0.14 0.12 0.24 0.21 0.18 0.16 0.14 0.24 0.21 0.18 0.16 0.26 0.23 0.20 0.18 0.26 0.23 0.20 0.28 0.25 0.22 0.30 0.27 0.32 0.29 0.36 2 2 2 2 2 2 3 3 3 3 3 3 D = 6.3: 6,000 hours, D = 8: 8,000 hours, D = 10>: 10,000 hours Within 25% of initial measured value Less than 200% of specified value Less than specified value
PART NUMBER SYSTEM
NRSH 561 M 35V 10X20 F .
RoHS Compliant Case Size (D x L) Working Voltage (Vdc) Tolerance Code (M=20%) Capacitance Code: First 2 characters significant, third character is multiplier Series
(R)
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
77
Miniature Aluminum Electrolytic Capacitors
MAXIMUM RIPPLE CURRENT (mA rms AT 100KHz & 105C)
Capacitance (F) 27 47 56 68 100 120 150 180 220 270 330 390 470 560 680 820 1,000 1,200 1,500 1,800 2,200 2,700 3,300 3,900 4,700 5,600 6,800 8,200 1250 1330 1500 1760 1960 2250 2480 2900 3450 3250 3570 3630 6.3 345 540 945 10 345 540 945 1250 1330 1500 1760 1960 2250 2480 2900 3450 3250 3570 3630 Working Voltage (Vdc) 16 25 35 345 345 345 540 540 540 945 1250 945 1330 1250 1500 945 1330 1760 1500 1960 1250 1760 2250 1330 1500 1760 1960 2250 2480 2900 3450 3250 3570 3630 1960 2250 2480 2900 3450 3250 3570 3630 2480 2900 3450 3250 3570 3630 50 238 385 724 950 979 1190 1370 1580 1870 2050 2410 2860 2960 2730 3010 Capacitance (F) 6.3 27 47 56 68 100 120 150 180 220 0.220 270 330 390 470 0.094 560 680 820 1,000 1,200 1,500 1,800 2,200 2,700 3,300 3,900 4,700 5,600 6,800 8,200 0.045 0.039 0.029 0.028 0.020 0.018 0.017 0.015 0.013 0.015 0.012 0.013 0.056
NRSH Series
Working Voltage (Vdc) 10 16 25 35 0.220 0.220 0.220 0.094 0.220 0.094 0.094 0.056 0.045 0.094 0.056 0.039 0.045 0.029 0.056 0.039 0.028 0.029 0.020 0.045 0.056 0.028 0.018 0.039 0.045 0.039 0.029 0.028 0.020 0.018 0.017 0.015 0.013 0.015 0.012 0.013 0.029 0.028 0.020 0.018 0.017 0.015 0.013 0.015 0.012 0.013 0.020 0.018 0.017 0.015 0.013 0.015 0.012 0.013 0.017 0.015 0.013 0.015 0.012 0.013 -
MAXIMUM IMPEDANCE ( AT 100KHz & 20C)
50 0.340 0.140 0.074 0.061 0.061 0.046 0.042 0.030 0.028 0.027 0.023 0.021 0.019 0.023 0.021 -
RIPPLE CURRENT FREQUENCY CORRECTION FACTORS
Frequency (Hz) 27F 47 ~ 270F 330 ~ 680F 820 ~ 1800F 2200 ~ 8200F 120 0.42 0.50 0.55 0.60 0.70 1K 0.70 0.73 0.77 0.80 0.85 10K 0.90 0.92 0.94 0.96 0.98 <100K 1.00 1.00 1.00 1.00 1.00
(R)
78
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Miniature Aluminum Electrolytic Capacitors
STANDARD PRODUCT AND CASE SIZE TABLE D x L (mm)
Capacitance (F) 27 47 56 68 100 120 150 180 220 270 330 390 470 560 680 820 1,000 1,200 1,500 1,800 2,200 2,700 3,300 3,900 4,700 5,600 6,800 8,200 Code 270 470 560 680 101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 182 222 272 332 392 472 562 682 822 8 x 16 10 x 12.5 8 x 20 10 x 16 10 x 20 10 x 23 12.5 x 20 12.5 x 25 12.5 x 30 16 x 20 12.5 x 35 16 x 25 6.3 5 x 11 6.3 x 11 8 x 11.5 10 5 x 11 6.3 x 11 8 x 11.5 8 x 16 10 x 12.5 8 x 20 10 x 16 10 x 20 10 x 23 12.5 x 20 12.5 x 25 12.5 x 30 16 x 20 12.5 x 35 16 x 25 Working Voltage (Vdc) 16 25 5 x 11 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 8 x 16 8 x 11.5 10 x 12.5 8 x 20 8 x 16 10 x 16 10 x 12.5 8 x 20 10 x 16 10 x 20 10 x 23 12.5 x 20 12.5 x 25 12.5 x 30 16 x 20 12.5 x 35 16 x 25 10 x 20 10 x 23 12.5 x 20 12.5 x 25 12.5 x 30 16 x 20 12.5 x 35 16 x 25 35 5 x 11 6.3 x 11 8 x 11.5 8 x 16 10 x 12.5 8 x 20 10 x 16 10 x 20 10 x 23 12.5 x 20 12.5 x 25 12.5 x 30 16 x 20 12.5 x 35 16 x 25 50 5 x11 6.3 x 11 8 x 11.5 8 x 16 10 x 12.5 8 x 20 10 x 16 10 x 20 10 x 23 12.5 x 20 12.5 x 25 12.5 x 30 12.5 x 35 16 x 20 16 x 25 -
NRSH Series
Polarity Marking
Insulation Sleeve
d 0.05
F 0.5
L + max.
15mm Min.
4mm Min.
D
LEAD SPACING AND DIAMETER (mm)
Case Dia. (D)
5
6.3
8
10
12.5
0.6 5.0 0.5
16
0.8 7.5 0.5
18
0.8 7.5 0.5
Leads Dia. (d) 0.5 0.5 0.6 0.6 Lead Spacing (F) 2.0 2.5 3.5 5.0 Dim. 0.5 0.5 0.5 0.5 = L < 16mm = 1.5mm, L > 20mm = 2.0mm
(R)
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
79


▲Up To Search▲   

 
Price & Availability of NRSH822M63V8X20F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X