Part Number Hot Search : 
N4111 TKDDXXA DLM5242B A2012 2180A TW0259A DN8799MS R39MF5
Product Description
Full Text Search
 

To Download NRLRW822M80V35X30F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Large Can Aluminum Electrolytic Capacitors
FEATURES * EXPANDED VALUE RANGE * LONG LIFE AT +105C (3,000 HOURS) * HIGH RIPPLE CURRENT * LOW PROFILE, HIGH DENSITY DESIGN * SUITABLE FOR SWITCHING POWER SUPPLIES SPECIFICATIONS
Operating Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Max. Leakage Current (A) After 5 minutes (20C) W.V. (Vdc) Max. Tan at 120Hz/20C Tan max. W.V. (Vdc) S.V. (Vdc) Surge Voltage W.V. (Vdc) S.V. (Vdc) Frequency (Hz) Ripple Current Correction Factors Multiplier at 85C 10 ~ 100Vdc 160 ~ 250Vdc 315 ~ 450Vdc Temperature (C) Capacitance Change Impedance Ratio Capacitance Change Tan Leakage Current Capacitance Change Tan Leakage Current Capacitance Change Tan Leakage Current Capacitance Change Tan Leakage Current -40 ~ +105C 10 ~ 100Vdc 560 ~ 56,000F 20% (M) 3x 10 0.55 10 13 200 250 50 (60) 0.90 0.80 0.80 0 -5% 1.5 16 0.50 16 20 220 270 120 1.00 1.00 1.00 -25 -15% 3 25 0.45 25 32 250 300 500 35 0.40 35 44 315 365 1K C(F)V 80 0.25 80 100 400 450 -
NRLRW Series
RoHS Compliant
includes all homogeneous materials
*See Part Number System for Details
-25 ~ +105C 160 ~ 450Vdc 47 ~ 2,700F
50 63 0.35 0.30 50 63 63 79 350 385 400 435 10K> -
100 160~400 420~450 0.20 0.20 0.15 100 160 180 125 200 220 420 450 470 500 -
Low Temperature Stability (10 to 250Vdc) Load Life Test 3,000 hours at +105C Shelf Life Test 1,000 hours at +105C (no load) Surge Voltage Test Per JIS-C-5141 (table #6, #4) Surge voltage applied: 30 seconds "On" and 5.5 minutes no voltage "Off" Soldering Effect Refer to JISC5102.8.5
1.05 1.10 1.15 1.20 1.30 1.50 1.20 1.25 1.40 -40 -30% 12 Within 20% of initial measured value Less than 200% of specified maximum value Less than specified maximum value Within 20% of initial measured value Less than 200% of specified maximum value Less than specified maximum value Within 20% of initial measured value Less than 200% of specified maximum value Less than specified maximum value Within 10% of initial measured value Less than specified maximum value Less than specified maximum value
MECHANICAL CHARACTERISTICS: 1. Safety Vent: The capacitors are provided with a pressure sensitive safety vent on the top of can which is normally covered by a PVC patch for the purpose of insulation. The vent is designed to rupture in the event that high internal gas pressure is developed by circuit malfunction or mis-use like reverse voltage. 2. Terminal Strength: Each terminal of the capacitor shall withstand an axial pull force of 4.5Kg for a period 10 seconds or a radial bent force of 2.5Kg for a period of 30 seconds.
Recommended PC Board Mounting Holes:
PART NUMBER SYSTEM NRLRW 682 M 16V 20X25 S F
Pb-free/RoHS compliant Lead Length (S=4mm, L=6mm) Case Size (mm) Voltage Rating Tolerance Code Capacitance Code Series
= 2 0.1 Sleeve Color: Dark Blue Insulation Sleeve and Minus Polarity Marking D 0.5 D+1 Max. L2
(-) (+)
10 .1 Approx. 3.0mm
Can Top Safety Vent
Chassis
10 4.0 1 or 6.3 1
PC Board
(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
MAXIMUM EXPANSION FOR SAFETY VENT Notice for Mounting The space from the top of the can shall be more than (3mm) from chassis or other construction materials so that safety vent has room to expand in case of emergency.
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
167
Large Can Aluminum Electrolytic Capacitors
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
W.V. (Vdc) Cap. (F) 6,800 8,299 10,000 12,000 Case Size DxL (mm) 20x25 20x30 20x30 22x25 20x35 22x30 25x25 20x40 22x35 25x30 22x40 25x30 30x25 22x45 25x35 30x30 22x50 25x40 30x30 25x45 30x35 35x30 30x40 35x35 30x45 35x40 35x45 20x25 20x30 22x25 20x35 22x30 20x40 22x30 25x25 22x35 25x30 22x40 25x30 30x25 22x45 25x35 30x30 22x50 25x40 30x30 25x45 30x35 35x30 25x50 30x40 35x35 30x45 35x40 30x50 35x45 35x50 ESR (@20C 120Hz 0.135 0.112 0.092 0.092 0.076 0.076 0.076 0.061 0.061 0.061 0.051 0.051 0.051 0.042 0.042 0.042 0.034 0.034 0.034 0.028 0.028 0.028 0.024 0.024 0.020 0.020 0.017 0.122 0.102 0.102 0.083 0.083 0.070 0.070 0.070 0.056 0.056 0.047 0.047 0.047 0.038 0.038 0.038 0.031 0.031 0.031 0.026 0.026 0.026 0.022 0.022 0.022 0.018 0.018 0.015 0.015 0.013 20KHz 0.104 0.086 0.071 0.071 0.059 0.059 0.059 0.047 0.047 0.047 0.039 0.039 0.039 0.032 0.032 0.032 0.026 0.026 0.026 0.022 0.022 0.022 0.018 0.018 0.015 0.015 0.013 0.094 0.078 0.078 0.064 0.064 0.054 0.054 0.054 0.043 0.043 0.036 0.036 0.036 0.029 0.029 0.029 0.024 0.024 0.024 0.020 0.020 0.020 0.017 0.017 0.017 0.014 0.014 0.012 0.012 0.010 Max. Ripple Current (Arms @ 105C) 120Hz 1.31 1.59 1.88 1.77 2.18 2.10 1.94 2.27 2.23 2.10 2.41 2.34 2.25 2.58 2.54 2.50 3.17 3.07 2.95 3.39 3.33 3.21 3.70 3.68 4.22 4.16 5.00 1.80 2.08 2.08 2.15 2.15 2.31 2.31 2.31 2.68 2.68 3.20 3.20 3.20 3.36 3.36 3.36 3.85 3.85 3.85 4.30 4.30 4.30 4.81 4.81 4.81 5.53 5.53 6.00 6.00 6.40 10K ~ 50KHz 1.50 1.82 2.16 2.03 2.50 2.41 2.23 2.61 2.56 2.41 2.77 2.69 2.58 2.96 2.92 2.87 3.64 3.53 3.39 3.89 3.82 3.69 4.25 4.23 4.85 4.78 5.75 2.07 2.39 2.39 2.47 2.47 2.65 2.65 2.65 3.08 3.08 3.68 3.68 3.68 3.86 3.86 3.86 4.42 4.42 4.42 4.94 4.94 4.94 5.53 5.53 5.53 6.35 6.35 6.90 6.90 7.36
NRLRW Series
15,000
18,000 10 22,000
27,000
33,000 39,000 47,000 56,000 6,800 8,200 10,000 12,000 15,000 18,000
16
22,000
27,000
33,000
39,000 47,000 56,000 68,000 (R)
168
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Large Can Aluminum Electrolytic Capacitors
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
W.V. (Vdc) Cap. (F) 4,700 5,600 6,800 8,200 10,000 12,000 25 15,000 18,000 22,000 27,000 33,000 39,000 47,000 2,700 3,300 3,900 4,700 5,600 6,800 8,200 35 10,000 Case Size DxL (mm) 20x25 20x30 22x25 20x35 22x30 20x40 22x30 25x25 22x35 25x30 22x40 25x30 30x25 22x45 25x35 30x30 25x40 30x30 25x50 30x35 35x30 30x40 35x35 30x50 35x40 35x45 35x50 20x25 20x30 20x30 22x25 20x35 22x30 20x40 22x35 25x25 22x40 25x30 22x45 25x35 30x25 22x50 25x40 30x30 25x45 30x35 35x30 25x50 30x40 35x35 30x45 35x35 30x50 35x40 35x50 ESR (@20C 120Hz 0.159 0.134 0.134 0.110 0.110 0.091 0.091 0.091 0.075 0.075 0.063 0.063 0.063 0.050 0.050 0.050 0.042 0.042 0.034 0.034 0.034 0.028 0.028 0.023 0.023 0.020 0.016 0.246 0.201 0.171 0.171 0.142 0.142 0.119 0.119 0.119 0.098 0.098 0.081 0.081 0.081 0.067 0.067 0.067 0.056 0.056 0.056 0.045 0.045 0.045 0.037 0.037 0.031 0.031 0.025 20KHz 0.123 0.103 0.103 0.085 0.085 0.070 0.070 0.070 0.058 0.058 0.048 0.048 0.048 0.039 0.039 0.039 0.032 0.032 0.027 0.027 0.027 0.022 0.022 0.018 0.018 0.015 0.013 0.189 0.155 0.131 0.131 0.109 0.109 0.092 0.092 0.092 0.076 0.076 0.063 0.063 0.063 0.052 0.052 0.052 0.043 0.043 0.043 0.035 0.035 0.035 0.029 0.029 0.024 0.024 0.019 Max. Ripple Current (Arms @ 105C) 120Hz 1.65 1.85 1.85 2.11 2.11 2.34 2.34 2.34 2.65 2.65 2.81 2.81 2.81 3.13 3.13 3.13 3.56 3.56 4.04 4.04 4.04 4.74 4.74 5.50 5.50 5.80 6.30 1.29 1.57 1.78 1.78 2.02 2.02 2.13 2.13 2.13 2.41 2.41 2.85 2.85 2.85 3.05 3.05 3.05 3.37 3.37 3.37 3.72 3.72 3.72 4.37 4.37 4.92 4.92 5.30 10K ~ 50KHz 1.89 2.12 2.12 2.42 2.42 2.69 2.69 2.69 3.04 3.04 3.23 3.23 3.23 3.59 3.59 3.59 4.09 4.09 4.64 4.64 4.64 5.45 5.45 6.32 6.32 6.67 7.24 1.48 1.80 2.04 2.04 2.32 2.32 2.44 2.44 2.44 2.77 2.77 3.27 3.27 3.27 3.50 3.50 3.50 3.87 3.87 3.87 4.27 4.27 4.27 5.02 5.02 5.65 5.65 6.09
NRLRW Series
12,000
15,000 18,000 22,000 27,000
(R)
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
169
Large Can Aluminum Electrolytic Capacitors
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
W.V. (Vdc) Cap. (F) 1,800 2,200 2,700 Case Size DxL (mm) 20x25 20x30 22x25 20x35 22x30 25x25 20x40 22x35 25x30 22x40 25x30 22x45 25x35 30x25 22x50 25x40 30x30 25x45 30x35 25x50 30x40 35x30 30x45 35x35 30x50 35x40 35x50 20x25 20x30 22x25 20x35 22x30 20x40 22x35 25x25 22x35 25x30 22x45 25x35 30x25 22x50 25x40 30x30 25x45 30x35 25x50 30x35 35x30 30x40 35x35 30x50 35x40 35x45 35x50 ESR (@20C 120Hz 0.323 0.264 0.264 0.215 0.215 0.215 0.176 0.176 0.176 0.149 0.149 0.124 0.124 0.124 0.104 0.104 0.104 0.086 0.086 0.071 0.071 0.071 0.059 0.059 0.049 0.049 0.039 0.415 0.332 0.332 0.277 0.277 0.227 0.227 0.227 0.185 0.185 0.151 0.151 0.151 0.128 0.128 0.128 0.106 0.106 0.089 0.089 0.089 0.074 0.074 0.061 0.061 0.050 0.042 20KHz 0.248 0.203 0.203 0.166 0.166 0.166 0.136 0.136 0.136 0.115 0.115 0.095 0.095 0.095 0.080 0.080 0.080 0.066 0.066 0.055 0.055 0.055 0.045 0.045 0.038 0.038 0.030 0.319 0.256 0.256 0.213 0.213 0.174 0.174 0.174 0.142 0.142 0.116 0.116 0.116 0.099 0.099 0.099 0.082 0.082 0.069 0.069 0.069 0.057 0.057 0.047 0.047 0.039 0.032 Max. Ripple Current (Arms @ 105C) 120Hz 1.39 1.60 1.60 1.73 1.73 1.73 1.97 1.97 1.97 2.22 2.22 2.43 2.43 2.43 2.75 2.75 2.75 3.30 3.30 3.60 3.60 3.60 4.05 4.05 4.56 4.56 4.77 1.20 1.47 1.47 1.58 1.58 1.82 1.82 1.82 2.11 2.11 2.33 2.33 2.33 2.55 2.55 2.55 2.97 2.97 3.22 3.22 3.22 3.65 3.65 4.04 4.04 4.48 4.75 10K ~ 50KHz 1.59 1.84 1.84 1.98 1.98 1.98 2.26 2.26 2.26 2.55 2.55 2.79 2.79 2.79 3.16 3.16 3.16 3.79 3.79 4.14 4.14 4.14 4.65 4.65 5.24 5.24 5.48 1.38 1.69 1.69 1.81 1.81 2.09 2.09 2.09 2.42 2.42 2.67 2.67 2.67 2.93 2.93 2.93 3.41 3.41 3.70 3.70 3.70 4.19 4.19 4.64 4.64 5.15 5.46
NRLRW Series
3,300 3,900 4,700 50 5,600 6,800 8,200 10,000 12,000 15,000 1,200 1,500 1,800 2,200 2,700 3,300 63 3,900 4,700 5,600 6,800 8,200 10,000 12,000
(R)
170
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Large Can Aluminum Electrolytic Capacitors
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
W.V. (Vdc) Cap. (F) 820 1,000 1,200 1,500 Case Size DxL (mm) 20x25 20x30 22x25 20x35 22x30 20x35 22x30 25x25 20x40 22x35 25x30 22x40 25x30 30x25 22x45 25x35 30x30 25x40 30x35 25x50 30x35 35x30 30x40 35x35 30x45 35x40 35x45 35x50 20x25 20x30 22x25 20x35 22x30 20x35 22x30 25x25 20x40 22x35 25x30 22x40 25x35 30x25 22x45 25x35 30x30 25x45 30x35 35x30 25x50 30x40 35x30 30x45 35x35 30x50 35x40 35x45 35x50 ESR (@20C 120Hz 0.506 0.415 0.415 0.346 0.346 0.277 0.277 0.277 0.231 0.231 0.231 0.189 0.189 0.189 0.154 0.154 0.154 0.126 0.126 0.107 0.107 0.107 0.089 0.089 0.075 0.075 0.061 0.051 0.593 0.488 0.488 0.405 0.405 0.332 0.332 0.332 0.277 0.277 0.277 0.222 0.222 0.222 0.185 0.185 0.185 0.151 0.151 0.151 0.123 0.123 0.123 0.101 0.101 0.086 0.086 0.071 0.06 20KHz 0.389 0.319 0.319 0.266 0.266 0.213 0.213 0.213 0.178 0.178 0.178 0.145 0.145 0.145 0.119 0.119 0.119 0.097 0.097 0.082 0.082 0.082 0.068 0.068 0.057 0.057 0.047 0.039 0.456 0.376 0.376 0.312 0.312 0.256 0.256 0.256 0.213 0.213 0.213 0.171 0.171 0.171 0.142 0.142 0.142 0.116 0.116 0.116 0.095 0.095 0.095 0.078 0.078 0.066 0.066 0.055 0.046 Max. Ripple Current (Arms @ 105C) 120Hz 1.04 1.24 1.24 1.44 1.44 1.59 1.59 1.59 1.79 1.79 1.79 2.03 2.03 2.03 2.39 2.39 2.39 2.64 2.64 2.97 2.97 2.97 3.38 3.38 3.8 3.8 4.1 4.3 0.95 1.15 1.15 1.32 1.32 1.47 1.47 1.47 1.69 1.69 1.69 1.98 1.98 1.98 2.23 2.23 2.23 2.55 2.55 2.55 2.89 2.89 2.89 3.3 3.3 3.67 3.67 3.8 4.05 10K ~ 50KHz 1.19 1.42 1.42 1.65 1.65 1.82 1.82 1.82 2.05 2.05 2.05 2.33 2.33 2.33 2.74 2.74 2.74 3.03 3.03 3.41 3.41 3.41 3.88 3.88 4.37 4.37 4.71 4.94 1.09 1.32 1.32 1.51 1.51 1.69 1.69 1.69 1.94 1.94 1.94 2.27 2.27 2.27 2.56 2.56 2.56 2.93 2.93 2.93 3.32 3.32 3.32 3.79 3.79 4.22 4.22 4.37 4.65
NRLRW Series
1,800
2,200 80 2,700 3,300 3,900 4,700 5,600 6,800 8,200 560 680 820 1,000
1,200
1,500 100 1,800
2,200
2,700 3,300 3,900 4,700 5,600 (R)
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
171
Large Can Aluminum Electrolytic Capacitors
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
W.V. (Vdc) Cap. (F) 270 330 390 470 560 Case Size DxL (mm) ESR (@20C 120Hz 20KHz 20x25 0.922 0.709 20x30 0.754 0.580 22x25 0.754 0.580 20x30 0.638 0.491 22x25 0.638 0.491 20x35 0.53 0.408 22x30 0.53 0.408 20x40 0.445 0.342 22x35 0.445 0.342 25x25 0.445 0.342 20x45 0.366 0.282 22x40 0.366 0.282 25x30 0.366 0.282 30x25 0.366 0.282 22x45 0.304 0.234 25x35 0.304 0.234 30x30 0.304 0.234 22x50 0.249 0.192 25x40 0.249 0.192 30x30 0.249 0.192 35x25 0.249 0.192 25x45 0.208 0.160 30x35 0.208 0.160 35x30 0.208 0.160 30x40 0.166 0.128 35x30 0.166 0.128 30x45 0.139 0.107 35x35 0.139 0.107 35x45 0.114 0.087 35x50 0.093 0.071 20x25 0.922 0.709 20x30 0.754 0.580 22x25 0.754 0.580 20x35 0.638 0.491 22x30 0.638 0.491 20x40 0.530 0.408 22x35 0.530 0.408 25x25 0.530 0.408 20x45 0.445 0.342 22x40 0.445 0.342 25x30 0.445 0.342 22x45 0.366 0.282 25x35 0.366 0.282 30x25 0.366 0.282 22x50 0.304 0.234 25x40 0.304 0.234 30x30 0.304 0.234 35x25 0.304 0.234 25x45 0.249 0.192 30x35 0.249 0.192 35x30 0.249 0.192 25x50 0.208 0.160 30x40 0.208 0.160 35x30 0.208 0.160 30x45 0.166 0.128 35x35 0.166 0.128 180Vdc continued on next page Max. Ripple Current (Arms @ 105C) 120Hz 10K ~ 50KHz 1.10 1.65 1.20 1.80 1.21 1.81 1.24 1.86 1.30 1.95 1.42 2.13 1.41 2.11 1.57 2.35 1.54 2.31 1.51 2.26 1.70 2.55 1.74 2.61 1.74 2.61 1.74 2.61 2.00 3.00 2.00 3.00 2.00 3.00 2.25 3.37 2.25 3.37 2.25 3.37 2.25 3.37 2.49 3.73 2.49 3.73 2.45 3.67 2.84 4.26 2.68 4.02 3.32 4.98 3.00 4.50 3.50 5.25 4.00 6.00 0.93 1.39 1.20 1.80 1.20 1.80 1.30 1.95 1.35 2.02 1.40 2.10 1.42 2.13 1.38 2.07 1.55 2.32 1.60 2.40 1.55 2.32 1.78 2.67 1.78 2.67 1.55 2.32 2.00 3.00 2.00 3.00 2.00 3.00 2.00 3.00 2.25 3.37 2.25 3.37 2.26 3.39 2.54 3.81 2.52 3.78 2.60 3.90 2.90 4.35 2.95 4.42
NRLRW Series
680
160
820
1,000
1,200 1,500 1,800 2,200 2,700 270 330 390 470
560
180
680
820
1,000
1,200 1,500
(R)
172
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Large Can Aluminum Electrolytic Capacitors
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
W.V. (Vdc) 180 Cap. (F) 1,800 2,200 220 270 330 390 Case Size DxL (mm) ESR (@20C 120Hz 20KHz 30x50 0.139 0.107 35x40 0.139 0.107 35x50 0.114 0.087 20x25 1.131 0.870 20x30 0.922 0.709 22x25 0.922 0.709 20x30 0.754 0.580 22x30 0.754 0.580 20x35 0.638 0.491 22x30 0.638 0.491 25x25 0.638 0.491 20x40 0.530 0.408 22x35 0.530 0.408 25x30 0.530 0.408 22x40 0.445 0.342 25x30 0.445 0.342 30x25 0.445 0.342 22x45 0.366 0.282 25x35 0.366 0.282 30x30 0.366 0.282 22x50 0.304 0.234 25x40 0.304 0.234 30x30 0.304 0.234 25x45 0.249 0.192 30x35 0.249 0.192 35x30 0.249 0.192 30x40 0.208 0.160 35x35 0.208 0.160 30x50 0.166 0.128 35x40 0.166 0.128 35x45 0.139 0.107 35x50 0.114 0.087 20x25 1.382 1.063 20x30 1.131 0.870 22x25 1.131 0.870 20x30 0.922 0.709 22x25 0.922 0.709 20x35 0.754 0.580 22x30 0.754 0.580 25x25 0.754 0.580 20x40 0.638 0.491 22x35 0.638 0.491 25x30 0.638 0.491 20x45 0.530 0.408 22x40 0.530 0.408 25x30 0.530 0.408 30x25 0.530 0.408 22x45 0.445 0.342 25x35 0.445 0.342 30x30 0.445 0.342 25x40 0.366 0.282 30x30 0.366 0.282 35x25 0.366 0.282 25x45 0.304 0.234 30x35 0.304 0.234 35x30 0.304 0.234 220Vdc continued on next page Max. Ripple Current (Arms @ 105C) 120Hz 10K ~ 50KHz 3.00 4.50 3.30 4.95 3.65 5.47 1.00 1.50 1.10 1.65 1.10 1.65 1.15 1.72 1.25 1.87 1.25 1.87 1.31 1.96 1.31 1.96 1.42 2.13 1.45 2.17 1.45 2.17 1.60 2.40 1.60 2.40 1.60 2.40 1.75 2.62 1.78 2.67 1.78 2.67 1.95 2.92 1.95 2.92 2.00 3.00 2.10 3.15 2.30 3.45 2.30 3.45 2.64 3.96 2.65 3.97 3.08 4.62 3.08 4.62 3.48 5.22 3.55 5.32 0.86 1.29 1.04 1.56 0.99 1.48 1.08 1.62 1.04 1.56 1.30 1.95 1.32 1.98 1.26 1.89 1.45 2.17 1.42 2.13 1.45 2.17 1.63 2.44 1.67 2.50 1.54 2.31 1.48 2.22 1.77 2.65 1.66 2.49 1.65 2.47 1.87 2.80 1.82 2.73 1.78 2.67 2.04 3.06 2.00 3.00 1.93 2.89
NRLRW Series
470
560 200 680
820
1,000 1,200 1,500 1,800 2,200 180 220 270 330
390 220 470
560
680
820
(R)
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
173
Large Can Aluminum Electrolytic Capacitors
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
W.V. (Vdc) Cap. (F) 1,000 220 1,200 1,500 1,800 220 270 330 Case Size DxL (mm) ESR (@20C 120Hz 20KHz 30x40 0.249 0.192 35x35 0.249 0.192 30x45 0.208 0.16 35x40 0.208 0.16 35x45 0.166 0.128 35x50 0.139 0.107 20x30 1.131 0.870 22x25 1.131 0.870 20x35 0.922 0.709 22x30 0.922 0.709 20x40 0.754 0.580 22x35 0.754 0.580 20x45 0.638 0.491 22x40 0.638 0.491 25x30 0.638 0.491 30x25 0.638 0.491 22x45 0.530 0.408 25x35 0.530 0.408 30x30 0.530 0.408 22x50 0.445 0.342 25x40 0.445 0.342 30x30 0.445 0.342 25x45 0.366 0.282 30x35 0.366 0.282 35x30 0.366 0.282 25x50 0.304 0.234 30x40 0.304 0.234 35x35 0.304 0.234 30x45 0.249 0.192 35x35 0.249 0.192 35x40 0.208 0.160 35x50 0.166 0.128 20x25 3.033 2.333 20x30 2.487 1.913 22x25 2.487 1.913 20x30 2.073 1.595 22x25 2.073 1.595 25x25 2.073 1.595 20x35 1.658 1.276 22x30 1.658 1.276 25x25 1.658 1.276 20x40 1.382 1.063 22x35 1.382 1.063 25x25 1.382 1.063 20x50 1.131 0.870 22x40 1.131 0.870 25x30 1.131 0.870 30x25 1.131 0.870 22x45 0.922 0.709 25x35 0.922 0.709 30x25 0.922 0.709 35x25 0.922 0.709 22x50 0.754 0.580 25x40 0.754 0.580 30x30 0.754 0.580 35x25 0.754 0.580 315Vdc continued on next page Max. Ripple Current (Arms @ 105C) 120Hz 10K ~ 50KHz 2.48 3.72 2.33 3.49 2.88 4.32 2.65 3.97 2.96 4.44 3.39 5.08 1.00 1.50 1.00 1.50 1.10 1.65 1.15 1.72 1.20 1.80 1.28 1.92 1.35 2.02 1.49 2.23 1.35 2.02 1.49 2.23 1.60 2.40 1.57 2.35 1.65 2.47 1.72 2.58 1.80 2.70 1.80 2.70 1.85 2.77 2.00 3.00 2.00 3.00 2.10 3.15 2.18 3.27 2.30 3.45 2.40 3.60 2.35 3.52 2.50 3.75 3.00 4.50 0.64 0.89 0.69 0.96 0.62 0.86 0.75 1.05 0.75 1.05 0.76 1.06 0.82 1.14 0.82 1.14 0.82 1.14 0.90 1.26 0.92 1.28 0.90 1.26 1.00 1.40 1.04 1.45 1.04 1.45 1.04 1.45 1.16 1.62 1.15 1.61 1.15 1.61 1.15 1.61 1.22 1.70 1.23 1.72 1.33 1.86 1.32 1.84
NRLRW Series
390
470 250 560
680
820 1,000 1,200 1,500 82 100 120
150
180 315 220
270
330
(R)
174
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Large Can Aluminum Electrolytic Capacitors
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
W.V. (Vdc) Cap. (F) 390 470 315 560 680 820 68 82 100 120 Case Size DxL (mm) ESR (@20C 120Hz 20KHz 25x45 0.638 0.491 30x35 0.638 0.491 35x30 0.638 0.491 30x40 0.530 0.408 35x30 0.530 0.408 30x45 0.445 0.342 35x35 0.445 0.342 30x50 0.366 0.282 35x40 0.366 0.282 35x45 0.304 0.234 20x25 3.658 2.814 20x30 3.033 2.333 20x30 2.487 1.913 22x25 2.487 1.913 20x35 2.073 1.595 22x30 2.073 1.595 25x25 2.073 1.595 20x40 1.658 1.276 22x35 1.658 1.276 25x30 1.658 1.276 20x45 1.382 1.063 22x40 1.382 1.063 25x30 1.382 1.063 30x25 1.382 1.063 22x45 1.131 0.870 25x35 1.131 0.870 30x30 1.131 0.870 22x50 0.922 0.709 25x40 0.922 0.709 30x30 0.922 0.709 35x25 0.922 0.709 25x45 0.754 0.580 30x35 0.754 0.580 35x30 0.754 0.580 25x50 0.638 0.491 30x40 0.638 0.491 35x35 0.638 0.491 30x45 0.530 0.408 35x35 0.530 0.408 30x50 0.445 0.342 35x40 0.445 0.342 35x45 0.366 0.282 20x25 4.441 3.416 20x30 3.658 2.814 22x25 3.658 2.814 20x30 3.033 2.333 22x25 3.033 2.333 20x35 2.487 1.913 22x30 2.487 1.913 25x25 2.487 1.913 20x40 2.073 1.595 22x35 2.073 1.595 25x25 2.073 1.595 22x40 1.658 1.276 25x30 1.658 1.276 30x25 1.658 1.276 385Vdc continued on next page Max. Ripple Current (Arms @ 105C) 120Hz 10K ~ 50KHz 1.40 1.96 1.47 2.05 1.47 2.05 1.70 2.38 1.70 2.38 2.05 2.87 1.90 2.66 2.14 2.99 2.17 3.03 2.20 3.08 0.47 0.65 0.55 0.77 0.60 0.84 0.69 0.96 0.70 0.98 0.75 1.05 0.75 1.05 0.78 1.09 0.82 1.14 0.83 1.16 0.88 1.23 0.92 1.28 0.92 1.28 0.92 1.28 1.05 1.47 1.05 1.47 1.02 1.42 1.18 1.65 1.18 1.65 1.18 1.65 1.20 1.68 1.30 1.82 1.35 1.89 1.22 1.70 1.45 2.03 1.52 2.12 1.48 2.07 1.65 2.31 1.70 2.38 1.85 2.59 1.90 2.66 2.00 2.80 0.42 0.58 0.47 0.65 0.49 0.68 0.52 0.72 0.55 0.77 0.60 0.84 0.66 0.92 0.66 0.92 0.68 0.95 0.71 0.99 0.71 0.99 0.83 1.16 0.83 1.16 0.77 1.07
NRLRW Series
150
180
350
220
270
330
390 470 560 680 56 68 82 100
385
120
150
(R)
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
175
Large Can Aluminum Electrolytic Capacitors
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
W.V. (Vdc) Cap. (F) 180 Case Size DxL (mm) ESR (@20C 120Hz 20KHz 22x45 1.382 1.063 25x35 1.382 1.063 30x30 1.382 1.063 22x50 1.131 0.870 25x40 1.131 0.870 30x30 1.131 0.870 35x25 1.131 0.870 25x45 0.922 0.709 30x35 0.922 0.709 35x30 0.922 0.709 30x40 0.754 0.580 35x30 0.754 0.580 30x45 0.638 0.491 35x35 0.638 0.491 30x50 0.530 0.408 35x40 0.530 0.408 35x45 0.445 0.342 20x25 4.441 3.416 20x30 3.658 2.814 22x25 3.658 2.814 20x30 3.033 2.333 22x25 3.033 2.333 20x35 2.487 1.913 22x30 2.487 1.913 25x25 2.487 1.913 20x40 2.073 1.595 22x35 2.073 1.595 25x25 2.073 1.595 20x45 1.658 1.276 22x40 1.658 1.276 25x30 1.658 1.276 30x25 1.658 1.276 22x45 1.382 1.063 25x35 1.382 1.063 30x30 1.382 1.063 22x50 1.131 0.870 25x40 1.131 0.870 30x30 1.131 0.870 35x25 1.131 0.870 25x45 0.922 0.709 30x35 0.922 0.709 35x30 0.922 0.709 30x40 0.754 0.580 35x30 0.754 0.580 30x45 0.638 0.491 35x35 0.638 0.491 35x40 0.530 0.408 35x45 0.445 0.342 20x25 5.921 4.555 20x30 4.877 3.751 22x25 4.877 3.751 20x35 4.044 3.111 22x30 4.044 3.111 25x25 4.044 3.111 420Vdc continued on next page Max. Ripple Current (Arms @ 105C) 120Hz 10K ~ 50KHz 0.92 1.28 0.92 1.28 0.89 1.24 1.03 1.44 1.03 1.44 1.01 1.41 1.03 1.44 1.14 1.59 1.15 1.61 1.13 1.58 1.32 1.84 1.35 1.89 1.46 2.04 1.50 2.10 1.72 2.40 1.79 2.50 1.99 2.78 0.51 0.71 0.56 0.78 0.52 0.72 0.64 0.89 0.64 0.89 0.70 0.98 0.70 0.98 0.70 0.98 0.75 1.05 0.75 1.05 0.75 1.05 0.83 1.16 0.88 1.23 0.88 1.23 0.82 1.14 0.98 1.37 0.98 1.37 0.95 1.33 1.10 1.54 1.10 1.54 1.10 1.54 1.10 1.54 1.21 1.69 1.22 1.70 1.22 1.70 1.44 2.01 1.44 2.01 1.55 2.17 1.60 2.24 1.90 2.66 2.12 2.96 0.44 0.61 0.49 0.68 0.51 0.71 0.54 0.75 0.65 0.91 0.65 0.91
NRLRW Series
220
385
270 330 390 470 560 56 68 82 100
120
150 400 180
220
270 330 390 470 560 56 68 420 82
(R)
176
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Large Can Aluminum Electrolytic Capacitors
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
W.V. (Vdc) Cap. (F) 100 Case Size DxL (mm) 20x35 22x30 25x25 20x40 22x35 25x30 30x25 20x45 22x40 25x35 30x25 22x45 25x35 30x30 35x25 25x40 30x35 35x30 25x50 30x35 35x35 30x40 35x35 30x45 35x40 35x45 20x25 20x30 22x25 20x35 22x30 20x35 22x30 25x25 20x45 22x35 25x30 30x25 20x50 22x40 25x30 30x25 22x45 25x35 30x30 35x25 25x40 30x30 35x30 25x45 30x35 35x30 30x40 35x35 30x50 35x40 35x40 35x50 ESR (@20C 120Hz 3.316 3.316 3.316 2.764 2.764 2.764 2.764 2.211 2.211 2.211 2.211 1.843 1.843 1.843 1.843 1.508 1.508 1.508 1.229 1.229 1.229 1.005 1.005 0.851 0.851 0.706 7.055 5.921 5.921 4.877 4.877 4.044 4.044 4.044 3.316 3.316 3.316 3.316 2.764 2.764 2.764 2.764 2.211 2.211 2.211 2.211 1.843 1.843 1.843 1.508 1.508 1.508 1.229 1.229 1.005 1.005 0.851 0.706 20KHz 2.551 2.551 2.551 2.126 2.126 2.126 2.126 1.701 1.701 1.701 1.701 1.417 1.417 1.417 1.417 1.160 1.160 1.160 0.945 0.945 0.945 0.773 0.773 0.654 0.654 0.543 5.427 4.555 4.555 3.751 3.751 3.111 3.111 3.111 2.551 2.551 2.551 2.551 2.126 2.126 2.126 2.126 1.701 1.701 1.701 1.701 1.417 1.417 1.417 1.160 1.160 1.160 0.945 0.945 0.773 0.773 0.654 0.543 Max. Ripple Current (Arms @ 105C) 120Hz 10K ~ 50KHz 0.61 0.85 0.68 0.95 0.67 0.93 0.70 0.98 0.73 1.02 0.76 1.06 0.81 1.13 0.78 1.09 0.86 1.20 0.87 1.21 0.84 1.17 0.96 1.34 0.95 1.33 0.97 1.35 0.91 1.27 1.08 1.51 1.14 1.59 1.07 1.49 1.38 1.93 1.20 1.68 1.29 1.80 1.37 1.91 1.44 2.01 1.50 2.10 1.63 2.28 1.88 2.63 0.39 0.54 0.51 0.71 0.44 0.61 0.56 0.78 0.53 0.74 0.64 0.89 0.64 0.89 0.64 0.89 0.69 0.96 0.69 0.96 0.69 0.96 0.69 0.96 0.75 1.05 0.75 1.05 0.75 1.05 0.80 1.12 0.88 1.23 0.88 1.23 0.88 1.23 0.75 1.05 0.95 1.33 1.00 1.40 0.86 1.20 1.10 1.54 1.12 1.56 1.05 1.47 1.28 1.79 1.27 1.77 1.45 2.03 1.45 2.03 1.65 2.31 1.85 2.59
NRLRW Series
120
150
420
180
220
270 330 390 470 47 56 68 82
100
120 450 150
180
220 270 330 390 470 (R)
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
177


▲Up To Search▲   

 
Price & Availability of NRLRW822M80V35X30F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X