Part Number Hot Search : 
A107M TC310 0100RF TLUR5400 TC310 HV803 TLUR5400 C4532X
Product Description
Full Text Search
 

To Download NRLFW682M80V35X20F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Large Can Aluminum Electrolytic Capacitors
FEATURES * LOW PROFILE (20mm HEIGHT) * EXTENDED TEMPERATURE RATING +105C * LOW DISSIPATION FACTOR AND LOW ESR * HIGH RIPPLE CURRENT * WIDE CV SELECTION * SUITABLE FOR SWITCHING POWER SUPPLIES SPECIFICATIONS
Operating Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Max. Leakage Current (A) After 5 minutes (20C) W.V. (Vdc) Max. Tan at 120Hz/20C Tan max. W.V. (Vdc) S.V. (Vdc) Surge Voltage W.V. (Vdc) S.V. (Vdc) Frequency (Hz) Ripple Current 16 ~ 100Vdc Multiplier at Correction Factors 105C 160 ~ 400Vdc Temperature (C) Low Temperature Capacitance Change Stability (16 to 250Vdc) Impedance Ratio Capacitance Change Load Life Test Tan 2,000 hours at +105C Leakage Current Capacitance Change Shelf Life Test 1,000 hours at +105C Tan (no load) Leakage Current Surge Voltage Test Capacitance Change Per JIS-C-5141 (table #6, #4) Tan Surge voltage applied: 30 seconds Leakage Current "On" and 5.5 minutes no voltage "Off" Capacitance Change Soldering Effect Refer to Tan MIL-STD-202F Method 210A Leakage Current -40 ~ +105C 16 ~ 250Vdc 68 ~ 10,000F 20% (M) 3x 16 0.45 16 20 160 220 50 0.93 0.75 0 -5% 1.5 C(F)V
NRLFW Series
RoHS Compliant
includes all homogeneous materials
*See Part Number System for Details
-25 ~ +105C 400Vdc 33 ~ 100F
25 35 50 63 80 100 ~ 400 0.35 0.30 0.25 0.20 0.17 0.15 25 35 50 63 80 100 32 44 63 79 100 125 200 250 400 400 250 300 400 450 60 100 120 500 1K 10K ~ 50K 0.95 0.99 1.00 1.05 1.08 1.15 0.80 0.95 1.00 1.20 1.25 1.40 -25 -40 -10 -30% 3 9 Within 20% of initial measured value Less than 200% of specified maximum value Less than specified maximum value Within 20% of initial measured value Less than 200% of specified maximum value Less than specified maximum value Within 20% of initial measured value Less than 200% of specified maximum value Less than specified maximum value Within 10% of initial measured value Less than specified maximum value Less than specified maximum value
*NON-STANDARD VOLTAGES FOR THIS SERIES 1. Pressure Vent: The capacitors are provided with a pressure sensitive safety vent on the top of can. The vent is designed to rupture in the event that high internal gas pressure is developed by circuit malfunction or mis-use like reverse voltage. 2. Terminal Strength: Each terminal of the capacitor shall withstand an axial pull force of 4.5Kg for a period 10 seconds or a radial bent force of 2.5Kg for a period of 30 seconds.
10.0 10.0 0.1 pcb hole spacing 4.0 1.5 Top of Spin Max. 2.0 Terminal (t=0.8)
MECHANICAL CHARACTERISTICS:
Minus Polarity Marking
Insulation Sleeve
Sleeve Color: Dark Blue
d 1.0 Can Top Vent L 2.0 Max. 6.3 1.0 (4.0mm Leads Available As Option) (D)
(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
6.3 1.0
165
Large Can Aluminum Electrolytic Capacitors
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
W.V. Cap (F) 3,300 4,700 6,800 10,000 2,200 3,300 4,700 6,800 1,500 2,200 3,300 4,700 1,000 1,500 2,200 3,300 680 1,000 1,500 2,200 470 680 1,000 1,500 330 470 680 1,000 150 220 330 470 100 150 220 330 68 100 150 220 33 47 68 100 Case Size 22x20 25x20 30x20 35x20 22x20 25x20 30x20 35x20 22x20 25x20 30x20 35x20 30x20 25x20 30x20 35x20 22x20 25x20 30x20 35x20 22x20 25x20 30x20 35x20 22x20 25x20 30x20 35x20 22x20 25x20 30x20 35x20 22x20 25x20 30x20 35x20 22x20 25x20 30x20 35x20 22x20 25x20 30x20 35x20 ESR ( @ 20C) 120Hz 0.216 0.152 0.105 0.071 0.241 0.161 0.113 0.080 0.267 0.196 0.131 0.095 0.265 0.177 0.121 0.085 0.463 0.315 0.210 0.143 0.459 0.317 0.216 0.155 0.653 0.459 0.317 0.216 1.437 0.098 0.553 0.459 1.989 1.326 0.904 0.603 2.926 1.989 1.326 0.904 5.024 3.527 2.438 1.658 20KHz 0.173 0.121 0.084 0.057 0.181 0.121 0.085 0.060 0.216 0.140 0.098 0.071 0.199 0.133 0.089 0.064 0.347 0.236 0.157 0.107 0.298 0.206 0.140 0.108 0.392 0.275 0.190 0.129 0.647 0.441 0.249 0.208 0.895 0.597 0.407 0.271 1.463 0.995 0.663 0.452 1.758 1.235 0.853 0.580 Max. Ripple Current (Arms@85C) 120Hz 1.30 1.60 1.80 2.40 1.30 1.60 1.80 2.30 1.10 1.40 1.70 2.00 0.90 1.20 1.40 1.70 0.90 1.20 1.30 1.50 0.80 1.00 1.20 1.40 0.80 1.00 1.10 1.20 0.55 0.75 1.00 1.15 0.50 0.65 0.87 1.10 0.40 0.50 0.65 0.87 0.20 0.25 0.35 0.47 10K ~ 50KHz 1.50 1.84 2.078 2.76 1.50 1.84 2.07 2.65 1.27 1.61 1.96 2.30 1.04 1.38 1.61 1.96 1.04 1.38 1.50 1.70 0.92 1.15 1.38 1.61 1.20 1.50 1.65 1.80 0.77 1.05 1.40 1.61 0.70 0.91 1.22 1.54 0.56 0.70 0.91 1.22 0.28 0.35 0.49 0.66
NRLFW Series
16
25
35
50
63
80
100
160
200
250
400
PART NUMBER SYSTEM NRLFW 102 M 50V 22X20 F
RoHS compliant Case Size (mm) Voltage Rating Tolerance Code Capacitance Code Series (R)
166
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com


▲Up To Search▲   

 
Price & Availability of NRLFW682M80V35X20F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X