Part Number Hot Search : 
ANTX2N6 STB8NC50 GRM31CR7 IRF74 LT3032 2040CT JANTXV STK66083
Product Description
Full Text Search
 

To Download NREHL822M63V8X1155X11F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Aluminum Electrolytic Capacitors
LONG LIFE, LOW IMPEDANCE, HIGH TEMPERATURE, RADIAL LEADS, POLARIZED ALUMINUM ELECTROLYTIC CAPACITORS FEATURES * LONG LIFE AT 105OC (4000 ~ 10,000 hrs.) * HIGH CAPACITANCE (UP TO 18,000F) * LOW IMPEDANCE CHARACTERISTICS
Rated Voltage Range Rated Capacitance Range Operating Temperature Range Capacitance Tolerance Max. Leakage Current After 2 Minutes Maximum Tan @120Hz/20C (Add 0.02 for values above 1,000F) Z -25C/+20C Low Temperature Stability (Impedance Ratio @ 120Hz) Z -40C/+20C Load Life @ 105C Case Size 5mm ~ 6.3mm 8mm ~ 10mm 12.5mm ~ 18mm 6.3V ~ 10V 16V ~ 100V 4,000 hrs 6,000 hrs 8,000 hrs 5,000 hrs 7,000 hrs 10,000 hrs Appearance Capacitance Change Tan Leakage Current Appearance Shelf Life After storage for 1,000 hours @ 105C Capacitance Change Tan Leakage Current
NRE-HL Series
includes all homogeneous materials *See Part Number System for Details 6.3 ~ 100Vdc 6.8 ~ 18,000F -40C ~ +105C 20% (M) 0.01CV or 3A whichever is greater 10 16 25 35 50 63 0.19 0.16 0.14 0.12 0.10 0.09 3 2 2 2 2 2 6 4 3 3 3 3 Allowable Change No Notable Changes (except sleeving) Within 25% of initial measured value Less than 200% of specificed value Less than the specificed maximum value No Notable Changes (except sleeving) Within 25% of initial measured value Less than 200% of specificed value Less than the specificed maximum value
RoHS Compliant
6.3 0.22 4 8
100 0.08 2 3
LEAD SPACING AND DIAMETER (mm)
Case Dia. (D) Lead Space (F) Lead Dia. (d) Dim.
Polarity Marking
5 6.3 2.0 2.5 0.5
Insulation Sleeve
8 3.5 1.5
12.5 5.0 0.6
d 0.05
10
16 7.5 0.8 2.0
18
PART NUMBERING SYSTEM NREHL 101 M 25V 8X11 F RoHS Compliant Case Size (D x L) Working Voltage (Vdc) Tolerance Code (M=20%) Cap. Code: First 2 characters significant Third character is multiplier Series
L + max.
15mm Min.
4mm Min.
D max.
RIPPLE CURRENT FREQUENCY CORRECTION FACTOR
Capacitance Value 6.8F ~ 33F 39F ~ 270F 330F ~ 680F 820F ~ 1800F 2200F ~ 18000F 120Hz 0.42 0.50 0.55 0.60 0.70 1KHz 0.70 0.73 0.77 0.80 0.85 10KHz 100KHz 0.90 1.00 0.92 1.00 0.94 1.00 0.96 1.00 0.98 1.00
(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
96
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Aluminum Electrolytic Capacitors
STANDARD PRODUCTS, CASE SIZES AND SPECIFICATIONS
W.V. (Vdc) Cap. (F) 150 330 680 820 1000 1200 1200 1500 1800 2200 2700 2700 3300 3900 3900 4700 5600 5600 6800 6800 6800 8200 10000 10000 12000 12000 15000 18000 100 220 470 680 680 1000 1000 1200 1500 1500 2200 2200 2200 2700 3300 3900 3900 4700 5600 5600 5600 6800 6800 8200 8200 10000 10000 12000 Code 151 331 681 821 102 122 122 152 182 222 272 272 332 392 392 472 562 562 682 682 682 822 103 103 123 123 153 183 101 221 471 681 681 102 102 122 152 152 222 222 222 272 332 392 392 472 562 562 562 682 682 822 822 103 103 123 Case Size D x L(mm) 5 x 11 6.3 x 11 8 x 11.5 10 x 12.5 8 x 16 8 x 20 10 x 16 10 x 20 12.5 x 16 10 x 23 10 x 28 16 x 16 12.5 x 20 12.5 x 25 18 x 16 12.5 x 30 12.5 x 35 16 x 20 12.5 x 40 16 x 25 18 x 20 16 x 31.5 16 x 35.5 18 x 25 16 x 40 18 x 31.5 18 x 35.5 18 x 40 5 x 11 6.3 x 11 8 x 11.5 8 x 16 10 x 12.5 8 x 20 10 x 16 10 x 20 10 x 23 12.5 x 16 10 x 28 12.5 x 20 16 x 16 18 x 16 12.5 x 25 12.5 x 30 16 x 20 12.5 x 35 12.5 x 40 16 x 25 18 x 20 16 x 31.5 18 x 25 16 x 35.5 18 x 31.5 16 x 40 18 x 35.5 18 x 40 Lead Space (mm) 2.0 2.5 3.5 5.0 3.5 3.5 5.0 5.0 5.0 5.0 5.0 7.5 5.0 5.0 7.5 5.0 5.0 7.5 5.0 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 2.0 2.5 3.5 3.5 5.0 3.5 5.0 5.0 5.0 5.0 5.0 5.0 7.5 7.5 5.0 5.0 7.5 5.0 5.0 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 Max. Impedance 100KHz/20C 100KHz/-10C 0.58 0.22 0.13 0.080 0.087 0.069 0.060 0.046 0.049 0.042 0.031 0.042 0.035 0.027 0.043 0.024 0.020 0.027 0.017 0.021 0.026 0.017 0.015 0.019 0.013 0.015 0.014 0.012 0.58 0.22 0.13 0.087 0.080 0.069 0.060 0.046 0.042 0.049 0.031 0.035 0.042 0.043 0.027 0.024 0.027 0.020 0.017 0.021 0.026 0.017 0.019 0.015 0.015 0.013 0.014 0.012 2.30 0.87 0.52 0.32 0.35 0.27 0.24 0.18 0.16 0.17 0.12 0.12 0.12 0.089 0.11 0.078 0.065 0.078 0.056 0.060 0.067 0.050 0.044 0.049 0.038 0.040 0.038 0.032 2.3 0.87 0.52 0.35 0.32 0.27 0.24 0.18 0.17 0.16 0.12 0.12 0.12 0.11 0.089 0.078 0.078 0.065 0.056 0.060 0.067 0.050 0.049 0.044 0.040 0.038 0.038 0.032 Max. Ripple Current at 100KHz/105C (mA rms) 210 340 640 865 840 1050 1210 1400 1450 1650 1910 1940 1900 2230 2210 2650 2880 2530 3350 2930 2860 3450 3610 3140 4080 4170 4220 4280 210 340 640 840 865 1050 1210 1400 1650 1450 1910 1900 1940 2210 2230 2650 2530 2880 3350 2930 2860 3450 3140 3610 4170 4080 4220 4280
NRE-HL Series
6.3
10
(R)
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
97
Aluminum Electrolytic Capacitors
STANDARD PRODUCTS, CASE SIZES AND SPECIFICATIONS
W.V. (Vdc) Cap. (F) 56 120 330 470 470 680 680 1000 1000 1200 1500 1500 1500 2200 2200 2700 2700 3300 3900 3900 3900 4700 4700 5600 5600 6800 8200 10000 47 100 220 330 330 470 470 680 680 820 1000 1000 1000 1200 1500 1800 1800 2200 2200 2700 2700 3300 3300 3900 3900 4700 4700 5600 Code 560 121 331 471 471 681 681 102 102 122 152 152 152 222 222 272 272 332 392 392 392 472 472 562 562 682 822 103 470 101 221 331 331 471 471 681 681 821 102 102 102 122 152 182 182 222 222 272 272 332 332 392 392 472 472 562 Case Size D x L(mm) 5 x 11 6.3 x 11 8 x 11.5 8 x 16 10 x 12.5 8 x 20 10 x 16 10 x 20 12.5 x 16 10 x 23 10 x 28 12.5 x 20 16 x 16 12.5 x 25 18 x 16 12.5 x 30 16 x 20 12.5 x 35 12.5 x 40 16 x 25 18 x 20 16 x 31.5 18 x 25 16 x 35.5 18 x 31.5 16 x 40 18 x 35.5 18 x 40 5 x 11 6.3 x 11 8 x 11.5 8 x 16 10 x 12.5 8 x 20 10 x 16 10 x 20 12.5 x 16 10 x 23 10 x 28 12.5 x 20 16 x 16 18 x 16 12.5 x 25 12.5 x 30 16 x 20 12.5 x 35 18 x 20 12.5 x 40 16 x 25 16 x 31.5 18 x 25 16 x 35.5 18 x 31.5 16 x 40 18 x 35.5 18 x 40 Lead Space (mm) 2.0 2.5 3.5 3.5 5.0 3.5 5.0 5.0 5.0 5.0 5.0 5.0 7.5 5.0 7.5 5.0 7.5 5.0 5.0 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 2.0 2.5 3.5 3.5 5.0 3.5 5.0 5.0 5.0 5.0 5.0 5.0 7.5 7.5 5.0 5.0 7.5 5.0 7.5 5.0 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 Max. Impedance 100KHz/20C 100KHz/-10C 0.58 0.22 0.13 0.87 0.080 0.069 0.060 0.046 0.049 0.042 0.031 0.035 0.042 0.027 0.043 0.024 0.027 0.020 0.017 0.021 0.026 0.017 0.019 0.015 0.015 0.013 0.014 0.012 0.58 0.22 0.13 0.87 0.080 0.069 0.060 0.046 0.049 0.042 0.031 0.035 0.042 0.043 0.027 0.024 0.027 0.020 0.026 0.017 0.021 0.017 0.019 0.015 0.015 0.013 0.014 0.012 2.3 0.87 0.52 0.35 0.32 0.27 0.24 0.18 0.16 0.17 0.12 0.12 0.12 0.12 0.11 0.078 0.078 0.065 0.056 0.060 0.067 0.050 0.049 0.044 0.040 0.038 0.038 0.032 2.3 0.87 0.52 0.35 0.32 0.27 0.24 0.18 0.16 0.17 0.12 0.12 0.12 0.11 0.089 0.078 0.078 0.065 0.067 0.056 0.060 0.050 0.049 0.044 0.040 0.038 0.038 0.032 Max. Ripple Current at 100KHz/105C (mA rms) 210 340 640 840 865 1050 1210 1400 1450 1650 1910 1900 1940 2230 2210 2650 2530 2880 3350 2930 2860 3450 3140 3610 4170 4080 4220 4280 210 340 640 840 865 1050 1210 1400 1450 1650 1910 1900 1940 2210 2230 2650 2530 2880 2860 3350 2930 3450 3140 3610 4170 4080 4220 4280
NRE-HL Series
16
25V
(R)
98
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Aluminum Electrolytic Capacitors
STANDARD PRODUCTS, CASE SIZES AND SPECIFICATIONS
W.V. (Vdc) Cap. (F) 33 56 150 220 220 270 330 470 470 560 680 680 680 1000 1000 1200 1200 1500 1800 1800 1800 2200 2200 2700 2700 3300 3300 3900 22 56 100 120 150 180 220 270 270 330 470 470 470 560 560 680 820 820 1000 1000 1000 1200 1200 1500 1800 1800 2200 2700 (R) Code 330 560 151 221 221 271 331 471 471 561 681 681 681 102 102 122 122 152 182 182 182 222 222 272 272 332 332 392 220 560 101 121 151 181 221 271 271 331 471 471 471 561 561 681 821 821 102 102 102 122 122 152 182 182 222 272 Case Size D x L(mm) 5 x 11 6.3 x 11 8 x 11.5 8 x 16 10 x 12.5 8 x 20 10 x 16 10 x 20 12.5 x 16 10 x 23 10 x 28 12.5 x 20 16 x 16 12.5 x 25 18 x 16 12.5 x 30 16 x 20 12.5 x 35 12.5 x 40 16 x 25 18 x 20 16 x 31.5 18 x 25 16 x 35.5 18 x 31.5 16 x 40 18 x 35.5 18 x 40 5 x 11 6.3 x 11 8 x 11.5 8 x 16 10 x 12.5 8 x 20 10 x 16 10 x 20 12.5 x 16 10 x 23 10 x 28 12.5 x 20 16 x 16 12.5 x 25 18 x 16 12.5 x 30 12.5 x 35 16 x 20 12.5 x 40 16 x 25 18 x 20 16 x 31.5 18 x 25 16 x 35.5 16 x 40 18 x 31.5 18 x 35.5 18 x 40 Lead Space (mm) 2.0 2.5 3.5 3.5 5.0 3.5 5.0 5.0 5.0 5.0 5.0 5.0 7.5 5.0 7.5 5.0 7.5 5.0 5.0 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 2.0 2.5 3.5 3.5 5.0 3.5 5.0 5.0 5.0 5.0 5.0 5.0 7.5 5.0 7.5 5.0 5.0 5.0 5.0 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 Max. Impedance 100KHz/20C 100KHz/-10C 0.58 0.22 0.13 0.87 0.080 0.069 0.060 0.046 0.049 0.042 0.031 0.035 0.042 0.027 0.043 0.024 0.027 0.020 0.017 0.021 0.026 0.017 0.019 0.015 0.015 0.013 0.014 0.012 0.70 0.30 0.17 0.12 0.12 0.091 0.084 0.060 0.061 0.055 0.043 0.045 0.055 0.034 0.054 0.030 0.025 0.034 0.021 0.025 0.036 0.022 0.026 0.019 0.016 0.021 0.017 0.014 2.3 0.87 0.52 0.35 0.32 0.27 0.24 0.18 0.16 0.17 0.12 0.12 0.12 0.12 0.11 0.078 0.078 0.065 0.056 0.060 0.067 0.050 0.049 0.044 0.040 0.038 0.038 0.032 2.8 1.2 0.68 0.48 0.48 0.36 0.34 0.24 0.20 0.22 0.17 0.15 0.17 0.11 0.15 0.10 0.083 0.10 0.069 0.075 0.097 0.066 0.070 0.057 0.048 0.057 0.046 0.038 Max. Ripple Current at 100KHz/105C (mA rms) 210 340 640 840 865 1050 1210 1400 1450 1650 1910 1900 1940 2230 2210 2650 2530 2880 3350 2930 2860 3450 3140 3610 4170 4080 4220 4280 180 295 555 730 760 910 1050 1220 1260 1440 1690 1660 1690 1950 1930 2310 2510 2210 2920 2555 2490 3010 2740 3150 3710 3635 3680 3800
NRE-HL Series
35V
50V
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
99
Aluminum Electrolytic Capacitors
STANDARD PRODUCTS, CASE SIZES AND SPECIFICATIONS
W.V. (Vdc) Cap. (F) 15 33 56 82 82 120 120 180 180 220 270 270 270 330 390 470 470 560 560 680 680 820 820 1000 1000 1200 1200 1500 6.8 15 27 39 47 56 68 82 82 100 120 120 150 180 180 220 220 270 270 330 330 390 390 470 470 560 680 820 (R) Code 150 330 560 820 820 121 121 181 181 221 271 271 271 331 391 471 471 561 561 681 681 821 821 102 102 122 122 152 6R8 150 270 390 470 560 680 820 820 101 121 121 151 181 181 221 221 271 271 331 331 391 391 471 471 561 681 821 Case Size D x L(mm) 5 x 11 6.3 x 11 8 x 11.5 8 x 16 10 x 12.5 8 x 20 10 x 16 10 x 20 12.5 x 16 10 x 23 10 x 28 12.5 x 20 16 x 16 12.5 x 25 18 x 16 12.5 x 30 16 x 20 12.5 x 35 16 x 25 12.5 x 40 18 x 20 16 x 31.5 18 x 25 16 x 35.5 18 x 31.5 16 x 40 18 x 35.5 18 x 40 5 x 11 6.3 x 11 8 x 11.5 8 x 16 10 x 12.5 8 x 20 10 x 16 10 x 20 12.5 x 16 10 x 23 10 x 28 12.5 x 20 16 x 16 12.5 x 25 18 x 16 12.5 x 30 16 x 20 12.5 x 35 16 x 25 12.5 x 40 18 x 20 16 x 31.5 18 x 25 16 x 35.5 18 x 31.5 16 x 40 18 x 35.5 18 x 40 Lead Space (mm) 2.0 2.5 3.5 3.5 5.0 3.5 5.0 5.0 5.0 5.0 5.0 5.0 7.5 5.0 7.5 5.0 7.5 5.0 5.0 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 2.0 2.5 3.5 3.5 5.0 3.5 5.0 5.0 5.0 5.0 5.0 5.0 7.5 5.0 7.5 5.0 5.0 5.0 5.0 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 Max. Impedance 100KHz/20C 100KHz/-10C 1.8 1.0 0.50 0.36 0.34 0.26 0.25 0.17 0.18 0.16 0.12 0.13 0.11 0.096 0.096 0.080 0.077 0.070 0.062 0.060 0.072 0.049 0.052 0.040 0.042 0.036 0.036 0.032 1.8 1.0 0.50 0.36 0.34 0.26 0.25 0.17 0.18 0.16 0.12 0.13 0.11 0.096 0.096 0.080 0.077 0.070 0.062 0.060 0.072 0.049 0.052 0.040 0.042 0.036 0.036 0.032 7.3 4.1 2.2 1.7 1.4 1.3 1.2 0.76 0.86 0.67 0.57 0.52 0.52 0.36 0.40 0.34 0.32 0.30 0.23 0.25 0.27 0.18 0.19 0.15 0.15 0.13 0.13 0.12 7.3 4.1 2.2 1.7 1.4 1.3 1.2 0.76 0.86 0.67 0.57 0.52 0.52 0.36 0.40 0.34 0.32 0.30 0.23 0.25 0.27 0.18 0.19 0.15 0.15 0.13 0.13 0.12 Max. Ripple Current at 100KHz/105C (mA rms) 62 126 260 335 325 408 400 518 527 595 740 765 895 875 1030 1010 1130 1140 1350 1280 1300 1650 1560 1900 1720 2130 1890 2470 62 126 260 335 325 408 400 518 527 595 740 765 895 875 1030 1010 1130 1140 1350 1280 1300 1650 1560 1900 1720 2130 1890 2470
NRE-HL Series
63V
100V
100
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com


▲Up To Search▲   

 
Price & Availability of NREHL822M63V8X1155X11F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X