Part Number Hot Search : 
5KP180CA F1209 F1209 LT301 1563CN ADUM3190 2424D 32200
Product Description
Full Text Search
 

To Download NRE-SWR47M6363X7TRF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Miniature Aluminum Electrolytic Capacitors
SUPER-MINIATURE, RADIAL LEADS, POLARIZED FEATURES * HIGH PERFORMANCE IN LOW PROFILE (7mm) HEIGHT * GOOD 100KHz PERFORMANCE CHARACTERISTICS * WIDE TEMPERATURE -55 TO + 105OC includes all homogeneous materials CHARACTERISTICS *See Part Number System for Details
Rated Working Voltage Range Capacitance Range Operating Temperature Range Capacitance Tolerance Max. Leakage Current After 1 minutes At 20oC Surge Voltage & Dissipation Factor (Tan ) Low Temperature Stability (Impedance Ratio @ 120Hz) Life Test @ +105oC 1,000 hours 6.3 ~ 50Vdc 0.1 ~ 330F -55oC~+105OC +20% (M) 0.01CV or 3A Whichever is greater W.V. (Vdc) S.V. (Vdc) Tan @ 120Hz W.V. (Vdc) Z-40oC/Z+20oC Z-55oC/Z+20oC Capacitance Change Dissipation Factor Leakage Current
NRE-SW Series
RoHS Compliant
6.3 8 0.24 6.3 4 6
16 25 35 20 32 44 0.18 0.14 0.12 16 25 35 2 2 2 4 3 3 Within +25% of initial value Less than 200% of specified maximum value Less than specified maximum value
10 13 0.21 10 3 5
50 63 0.10 50 2 3
STANDARD PRODUCT AND CASE SIZE TABLE D x L (mm)
Cap (F) 0.1 0.22 0.33 0.47 1.0 2.2 3.3 4.7 10 22 33 47 100 220 330
MAX.RIPPLE CURRENT (mA rms 100KHz & 105oC)

MAXIMUM E.S.R. () AT 20oC/100 KHz
6.3 4.2 2.0 2.0 1.2 1.2 1.2 Working Voltage 10 16 25 35 - 4.2 6.0 - 4.2 2.0 3.1 4.2 2.0 1.2 1.6 2.0 1.2 1.2 1.6 1.2 1.2 1.2 1.6 1.2 1.2 1.5 1.6 1.2 1.2 50 30.0 16.0 13.0 12.0 10.0 7.8 6.2 3.1 1.6 1.6 1.6 1.6 -
RIPPLE CURRENT CORRECTION FACTORS
Frequency (Hz)
d 0.05
120 0.50 0.60 0.70
1K 0.70 0.80 0.85
10K 0.93 0.93 0.93
100K 1.00 1.00 1.00
Polarity Marking
Insulation Sleeve
4 x 7mm Correction 5 x 7mm Factor 6.3 x 7mm
F 0.5
LEAD SPACING & DIAMETER (mm)

L + max.
15mm Min.
4mm Min.
D
PART NUMBER SYSTEM
NRE-SW 100 M 35V 5 x 5 TR F
(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
RoHS Compliant Tape and Reel* Size (D x L) Rated Voltage Tolerance Code Capacitance Code
Series
*see tape specification for details
80
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com


▲Up To Search▲   

 
Price & Availability of NRE-SWR47M6363X7TRF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X