Part Number Hot Search : 
PB8282C MC1494 631A22 M32F10 50N50 1N4151W 5KE43 GP521
Product Description
Full Text Search
 

To Download NRBX68M450V18X20F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Miniature Aluminum Electrolytic Capacitors
HIGH TEMPERATURE, EXTENDED LOAD LIFE, RADIAL LEADS, POLARIZED FEATURES * IMPROVED ENDURANCE AT HIGH TEMPERATURE (up to 12,000HRS @ 105C) * IDEAL FOR HIGH VOLTAGE LIGHTING BALLAST includes all homogeneous materials
NRBX Series
RoHS Compliant
CHARACTERISTICS
Rated Voltage Range Capacitance Range Operating Temperature Range Capacitance Tolerance After 1 min. Maximum Leakage Current @ 20C After 5 min. W.V. (Vdc) Max. Tan @120Hz/20C Low Temperature Stability Z-25C/Z+20C Impedance Ratio @ 120Hz Duration Load Life Test at Rated Voltage Capacitance @ 105C Tan LC
*See Part Number System for Details 160 ~ 450VDC 6.8 ~ 220F -25C ~ +105C 20% (M) 0.04CV +100A 0.02CV +25A 250 350 0.15 0.20 3 6
160 0.15 3
200 0.15 3
400 0.20 6
450 0.20 6
D = 10mm: 10,000 hours, D = 12.5>: 12,000 hours Within 20% of initial measured value Less than 200% of specified value Less than specified value
STANDARD PRODUCT AND CASE SIZE D x L (mm)
Capacitance Code (F) 6.8 6R8 10 100 22 33 47 68 100 150 220 220 330 470 680 101 151 221 160 10x16 10x20 10x20 12.5x20 12.5x25 16x20 16x25 18x20 16x31.5 18x25 16x31.5 18x25 Working Voltage (Vdc) 200 250 350 400 450 10x16 10x16 10x20 10x16 10x20 10x20 10x20 12.5x20 12.5x25 16x25 10x20 12.5x20 12.5x20 16x20 18x20 16x25 16x31.5 12.5x20 12.5x20 16x20 18x20 18x25 12.5x25 16x25 16x31.5 12.5x20 18x31.5 16x20 18x20 18x25 12.5x25 16x25 16x31.5 18x31.5 16x20 18x20 18x25 16x25 16x31.5 18x20 18x25 16x31.5 18x31.5 18x25 18x31.5 -
LEAD SPACING AND DIAMETER (mm)
Case Dia. (D) Lead Dia. (d) Lead Spacing (F) Dim. Dim.
Polarity Marking
10 0.6 5.0
12.5 0.6 5.0 0.5 2.0
d 0.05
16 0.8 7.5
18 0.8 7.5
Insulation Sleeve
F 0.5
L + max.
15mm Min.
4mm Min.
D
PART NUMBER SYSTEM
NRBX 100 M 350V 10X20 F .
RoHS Compliant Case Size (D x L) (D Working Voltage (Vdc) Tolerance Code (M=20%) Capacitance Code: First 2 characters significant, third character is multiplier
MAXIMUM PERMISSIBLE RIPPLE CURRENT (mA rms AT 100KHz AND 105OC)
Cap. (F) 6.8 10 22 33 47 68 100 150 220 160 250 500 500 660 760 1120 1360 1400 Working Voltage (Vdc) 200 250 350 400 220 220 250 280 280 280 500 600 350 430 600 600 500 640 660 720 660 840 760 920 850 1000 1120 1200 1360 1500 1700 450 150 320 560 700 880 -
MAXIMUM ESR ( AT 120Hz AND 20OC)
Cap. (F) 6.8 10 22 33 47 68 100 150 220
Series
Working Voltage (Vdc) 160 200 250 350 400 48.79 48.79 24.88 24.88 24.88 33.17 33.17 11.31 11.31 11.31 15.08 15.08 7.54 7.54 7.54 10.05 10.05 5.29 5.29 5.29 7.06 7.06 1.33 1.33 1.33 4.88 4.88 3.66 3.66 3.66 1.66 1.66 1.66 1.13 1.13 -
450 48.79 33.17 15.08 10.05 7.06 -
RIPPLE CURRENT FREQUECY CORRECTION FACTOR
Frequency (Hz) Multiplier (R) 120 0.50 1K 0.80 10K 0.90 100K 1.00
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
82
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com


▲Up To Search▲   

 
Price & Availability of NRBX68M450V18X20F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X