|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
NEC's 30 m InGaAs APD IN COAXIAL PACKAGE FOR FIBER OPTIC COMMUNICATION AND OTDR APPLICATIONS FEATURES * SMALL DARK CURRENT: ID = 5 nA * SMALL TERMINAL CAPACITANCE: CT = 0.35 pF at 0.9 VBR * HIGH QUANTUM EFFICIENCY: = 90% at = 1310 nm, M = 1 = 77% at = 1550 nm, M = 1 * HIGH SPEED RESPONSE: fc = 2.5 GHz at M = 10 * DETECTING AREA SIZE: 30 m * COAXIAL MODULE WITH SINGLE MODE FIBER (SM-9/125) NR8300FP-CC DESCRIPTION NEC'S NR8300FP-CC is an InGaAs avalanche photo diode module with single mode fiber. It is designed for optical test instruments, especially OTDR systems. ELECTRO-OPTICAL CHARACTERISTICS (TC = 25C, unless otherwise specified) PART NUMBER SYMBOLS VBR ID IDM Ct fC S M X F ORL Note: 1. = TC > - VBR < 25C> 2. F = MX PARAMETERS AND CONDITIONS Reverse Breakdown Voltage, ID = 100 A Temperature Coefficient of Reverse Breakdown Voltage1 Dark Current, VR = VBR x 0.9 Multiplied Dark Current, M = 2 to 10 Terminal Capacitance, VR = VBR x 0.9, f = 1 MHz Cut-off Frequency, M = 10 Quantum Efficiency, = 1310 nm, M = 1 = 1550 nm, M = 1 Responsivity, = 1310 nm, M = 1 = 1550 nm, M = 1 Multiplication Factor, = 1310 nm, IPO = 1.0 A, VR = V (at ID = 1 A) Excess Noise Factor2, = 1310 nm, 1 550 nm, IPO = 1.0 A, M = 10, f = 35 MHz, B = 1 MHz Optical Return Loss, SMF VBR < 25C + TC > - VBR < 25C> dB 30 UNITS V %/C nA nA pF GHz % A/W 2.5 76 65 0.80 0.81 30 90 77 0.94 0.96 40 0.7 5 MIN 50 NR8300FP-CC TYP 70 0.2 5 1 0.35 25 5 0.60 MAX 100 M California Eastern Laboratories NR8300FP-CC ABSOLUTE MAXIMUM RATINGS1 (TC = 25C, unless otherwise specified) SYMBOLS IF IR TC TSTG TSOL RH PARAMETERS Forward Current Reverse Current Operating Case Temp. Storage Temperature Lead Soldering Temp. Relative Humidity (noncondensing) UNITS mA mA C C C % RATINGS 10 0.5 -40 to +85 -40 to +85 260 (10 sec.) 85 Note: 1. Operation in excess of any one of these parameters may result in permanent damage. TYPICAL PERFORMANCE CURVES (TC = 25C, unless otherwise specified) WAVELENGTH DEPENDENCE OF QUANTUM EFFICIENCY TEMPERATURE DEPENDENCE OF RESPONSIVITY Responsivity (Relative Value), S/S (%) 100 10 = 1 300 nm Quantum Efficiency, (%) 80 60 0 40 20 0 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 -10 -60 -40 -20 0 20 40 60 80 100 Wavelength, (m) Case Temperature, TC (C) DARK CURRENT AND PHOTO CURRENT vs. REVERSE VOLTAGE DARK CURRENT vs. REVERSE VOLTAGE 10 -6 Dark Current, Photo Current, ID, IPH (A) 10 -3 10 -4 10 -5 10 -6 10 -7 10 -8 -9 = 1310 nm IPC = 1.0 A Dark Current, ID (A) Iph 10 -7 TC = 85C 10 -8 TC = 65C 10 -9 ID TC = 25C TC = 20C 10 10 -10 0 20 40 60 80 100 10 -10 0 20 40 60 80 100 Reverse Voltage, VR (V) Reverse Voltage, VR (V) NR8300FP-CC TYPICAL PERFORMANCE CURVES (TC = 25C) MULTIPLICATION FACTOR vs. REVERSE VOLTAGE 10 3 10 -6 TEMPERATURE DEPENDENCE OF DARK CURRENT vs. MULTIPLIED DARK CURRENT Dark Current, Mulitplied Dark Current, ID, IDM (A) = 1310 nm Multiplication Factor, M 10 -7 ID at VR = 0.9 V(BR)R 10 2 10 -8 IDM 10 1 TC = 20C TC = 25C TC = 65C 10 -9 10 -10 TC = 85C 10 0 0 20 40 60 80 100 10 -11 -60 -40 -20 0 20 40 60 80 100 Reverse Voltage, VR (V) Case Temperature, TC (C) TERMINAL CAPACITANCE vs. REVERSE VOLTAGE 100 2 CUT-OFF FREQUENCY vs. MULTIPLICATION FACTOR = 1310 nm Terminal Capacitance, Ct (pF) Cut-off Frequency, fc (GHz) 1 10 G x B = 50 GHz 0.5 1 0.2 0.1 1 2 5 10 20 50 100 0.1 1 10 100 Reverse Voltage, VR (V) Multiplication Factor, M FREQUENCY RESPONSE = 1310 nm RL = 50 M = 10 EXCESS NOISE FACTOR vs. MULTIPLICATION FACTOR 100 1310 nm ( ), 1550 nm ( f = 35 MHz, B = 1 MHz ) 9 6 50 Excess Noise Factor, F Response (dB) 0.5 0.4 20 3 0 -3 -6 -9 10 5 2 1 0 1.0 2.0 3.0 4.0 5.0 1 2 5 10 20 50 100 Frequency, f (GHz) Remark: The graphs indicate nominal characteristics. Multiplication Factor, M NR8300FP-CC OUTLINE DIMENSIONS (Units in mm) NR8300FP-CC Optical Fiber Length: 1 m MIN ORDERING INFORMATION Part Number Flange Type Fiber Type SMF Available Connector With SC-UPC Connector NR8300FP-CC Flat Mount Flange o0.9 o3.20.2 4.00.5 4.00.2 10.51.0 o7.00.2 1.20.2 2.2 3.2 o2.2 o0.450.05 12.70.2 17.00.2 PIN CONNECTIONS 1.00.1 3.70.3 P.C.D. = o2.0 14.01.0 24.71.0 o5.00.2 3.50.5 3 2 7.20.3 1 1. Anod (Negative) 2. Cathode (Positive) 3. Case OPTICAL FIBER CHARACTERISTICS PARAMETER Mode Field Diameter Core Diameter Cladding Diameter Maximum Cladding Noncircularity Maximum Core/Cladding Concentricity Outer Diameter Cut-off Wavelength Minimum Fiber Bending Radius Fiber Length Flammability SPECIFICATION UNIT 9.51 m -- m 1252 m 2 % 1.6 % 0.90.1 mm 1100 to 1270 nm 30 mm 1000 Min. mm UL1581 VW-1 SC-UPC Connector Fiber Lengrh: 1000 mm MIN Life Support Applications These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify CEL for all damages resulting from such improper use or sale. 8.990.5 mm 352 mm 02/24/2003 A Business Partner of NEC Compound Semiconductor Devices, Ltd. |
Price & Availability of NR8300FP-CC |